Part Number Hot Search : 
C1015 SMCJ30C D1001 C1015 PMB2420 R856G 90SQ030 3SK103
Product Description
Full Text Search
 

To Download MTC3588G6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 1/13 MTC3588G6 cystek product specification n- and p-channel enhancement mode power mosfet MTC3588G6 n-ch p-ch bv dss 14v -14v i d @ t a =25 c 5.4a(v gs =4.5v) -3.6a(v gs =-4.5 v) 17.6m (v gs =4.5v) 45.1m (v gs =-4.5v) 24.7m (v gs =2.5v) 65.6m (v gs =-2.5v) 39.5m (v gs =1.8v) 88.5m (v gs =-1.8v) r dson(typ.) 67.3m (v gs =1.5v) 154.3m (v gs =-1.5v) features ? simple drive requirement ? low gate charge ? low on-resistance ? fast switching speed ? pb-free lead plating and halogen-free package equivalent circuit outline ordering information device package shipping MTC3588G6-0-t1-g tsop-6 (pb-free lead plating and halogen-free package) 3000 pcs / tape & reel MTC3588G6 tsop-6 d2 s1 d1 g gate s source d drain g1 g2 s2 environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, t1 : 3000 pcs / tape & reel, 7? reel product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 2/13 MTC3588G6 cystek product specification absolute maximum ratings (ta=25 c) limits parameter symbol n-channel p-channel unit drain-source breakdown voltage bv dss 14 -14 gate-source voltage v gs 28 28 v continuous drain current @t a =25 c (note 1) 5.4 -3.6 continuous drain current @t a =70 c (note 1) i d 4.3 -2.9 pulsed drain current (note 2) i dm 20 -20 a p d 1.14 w total power dissipation (note 1) linear derating factor 0.01 w / c operating junction and storage temperature tj, tstg -55~+150 c note : 1.surface mounted on 1 in2 copper pad of fr-4 board, t 5 sec. 2. pulse width limited by maximum junction temperature. n-channel electrical characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 14 - - v v gs =0v, i d =250 a ? bv dss / ? tj - 8 - mv/ c reference to 25 c, i d =1ma v gs(th) 0.4 - 1.0 v v ds =v gs , i d =250 a i gss - - 100 na v gs =8v, v ds =0v - - 1 v ds =12v, v gs =0v i dss - - 10 a v ds =10v, v gs =0v, tj=70 c - 17.6 25 i d =5a, v gs =4.5v - 24.7 33 i d =4.6a, v gs =2.5v - 39.5 75 i d =4.1a, v gs =1.8v *r ds(on) - 67.3 115 m i d =2a, v gs =1.5v *g fs - 5.6 - s v ds =5v, i d =3a dynamic ciss - 407 - coss - 115 - crss - 100 - pf v ds =10v, v gs =0v, f=1mhz *t d(on) - 5 - *t r - 18.8 - *t d(off) - 49.6 - *t f - 30.8 - ns v ds =10v, i d =1a, v gs =5v, r g =3.3  *qg - 6.5 - *qgs - 0.7 - *qgd - 2.3 - nc v ds =10v, i d =3a, v gs =4.5v rg - 1 -  f=1mhz source-drain diode *v sd - 0.87 1.2 v v gs =0v, i s =5.2a *trr - 12 - ns *qrr - 2.3 - nc i f =3a, v gs =0v, di f /dt=100a/ s
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 3/13 MTC3588G6 cystek product specification *pulse test : pulse width 300 s, duty cycle 2% p-channel electrical characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss -14 - - v v gs =0v, i d =-250 a bv dss / tj - -5 - mv/ c reference to 25 c, i d =-1ma v gs(th) -0.4 - -1.0 v v ds =v gs , i d =-250 a i gss - - 100 na v gs =8v, v ds =0v - - -1 v ds =-12v, v gs =0v i dss - - -10  a v ds =-10v, v gs =0, tj=70 c - 45.1 60 i d =-3.6a, v gs =-4.5v - 65.6 87 i d =-3.2a, v gs =-2.5v - 88.5 178 i d =-1a, v gs =-1.8v *r ds(on) - 154.3 305 m i d =-1a, v gs =-1.5v *g fs - 5.6 - s v ds =-5v, i d =-2a dynamic ciss - 561 - coss - 153 - crss - 142 - pf v ds =-10v, v gs =0v, f=1mhz *t d(on) - 5 - *t r - 18.8 - *t d(off) - 49.6 - *t f - 30.8 - ns v ds =-10v, i d =-1a, v gs =-5v, r g =3.3 *qg - 8 - *qgs - 1 - *qgd - 2.8 - nc v ds =-10v, i d =-2a, v gs =-4.5v rg - 9.3 - f=1mhz source-drain diode *v sd - -0.9 -1.2 v v gs =0v, i s =-3.4a *trr - 27 - ns *qrr - 7 - nc i f =-2a, v gs =0v, di f /dt=100a/  s *pulse test : pulse width 300 s, duty cycle 2% thermal data parameter symbol value unit thermal resistance, junction-to-case, max r  jc 80 thermal resistance, junction-to-ambient, max r  ja 110 (note ) c/w note :.surface mounted on 1 in2 copper pad of fr-4 board, t ? 5 sec; 180 c/w when mounted on minimum copper pad
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 4/13 MTC3588G6 cystek product specification n-channel typical characteristics typical output characteristics 0 4 8 12 16 20 012345 v ds , drain-source voltage(v) i d , drain current(a) v gs =1.5v v gs =2v 5v, 4v, 3.5v, 3v, 2.5v brekdown voltage vs ambient temperature 0.4 0.6 0.8 1.0 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v static drain-source on-state resistance vs drain current 1 10 100 1000 0.01 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =1.8v v gs =1.5v v gs =4.5v v gs =2.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1.0 1.2 012345 i dr , reverse drain current(a) v sd , source-drain voltage(v) tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 20 40 60 80 100 120 140 160 180 200 012345678 v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) i d =5a drain-source on-state resistance vs junction tempearture 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =4.5v, i d =5a r ds( on) @tj=25c : 17.6m typ.
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 5/13 MTC3588G6 cystek product specification n-channel typical characteristics(cont.) capacitance vs drain-to-source voltage 10 100 1000 0.1 1 10 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1.0 1.2 1.4 1.6 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) v gs(th) , normalizedthreshold voltage i d =250 a single pulse power rating, junction to ambient 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 pulse width(s) power (w) t j(max) =150c t a =25c r ja =110c/w gate charge characteristics 0 2 4 6 8 10 02468101214 qg, total gate charge(nc) v gs , gate-source voltage(v) i d =3a v ds =10v maximum safe operating area 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current(a) dc 10ms 100ms 1ms 100 s t a =25c, tj=150c, v gs =4.5v, r ja =110c/w single pulse r ds( on) limited maximum drain current vs junctiontemperature 0.0 1.0 2.0 3.0 4.0 5.0 6.0 25 50 75 100 125 150 175 tj, junction temperature(c) i d , maximum drain current(a) t a =25c, v gs =4.5v, r ja =110c/w
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 6/13 MTC3588G6 cystek product specification n-channel typical characteristics(cont.) typical transfer characteristics 0 2 4 6 8 10 12 0 0.5 1 1.5 2 2.5 3 v gs , gate-source voltage(v) i d , drain current(a) v ds =5v forward transfer admittance vs drain current 0.01 0.1 1 10 0.001 0.01 0.1 1 10 i d , drain current(a) g fs , forward transfer admittance(s) pulsed ta=25c v ds =10v v ds =5v transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 t 1 , square wave pulse duration(s) r(t), normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *r ja (t) 4.r ja =11 0c/w
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 7/13 MTC3588G6 cystek product specification p-channel typical characteristics typical output characteristics 0 4 8 12 16 20 012345 -v ds , drain-source voltage(v) -i d , drain current (a) -v gs =2.5v -v gs =2v -v gs =3v 5v , 4v - brekdown voltage vs ambient temperature 0.4 0.6 0.8 1.0 1.2 1.4 1.6 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) -bv dss , normalized drain-source breakdown voltage i d =-250 a, v gs =0v static drain-source on-state resistance vs drain current 10 100 1000 0.01 0.1 1 10 -i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =-1.8v v gs =-1.5v v gs =-2.5v v gs =-4.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1.0 1.2 024681 -i dr , reverse drain current (a) -v sd , source-drain voltage(v) 0 tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 50 100 150 200 250 300 012345678 -v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) i d =-3.6a drain-source on-state resistance vs junction tempearture 0.4 0.6 0.8 1.0 1.2 1.4 1.6 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =-4.5v, i d =-3.6a r ds( on) @tj=25c : 45.1m typ.
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 8/13 MTC3588G6 cystek product specification p-channel typical characteristics(cont.) capacitance vs drain-to-source voltage 100 1000 0.1 1 10 -v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1.0 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) -v gs(th) ,normalized threshold voltage i d =-250 a single pulse power rating, junction to ambient 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 pulse width(s) power (w) t j(max) =150c t a =25c r ja =110c/w gate charge characteristics 0 2 4 6 8 10 0246810121416 qg, total gate charge(nc) -v gs , gate-source voltage(v) v ds =-10v i d =-2a maximum safe operating area 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-source voltage(v) -i d , drain current (a) dc 10ms 100m 1ms 100 s r ds( on) limited t a =25c, tj=150c, v gs =-4.5v, r ja =110c/w single pulse maximum drain current vs junctiontemperature 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 25 50 75 100 125 150 175 tj, junction temperature(c) -i d , maximum drain current(a) t a =25c, v gs =-4.5v, r ja =110c/w
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 9/13 MTC3588G6 cystek product specification p-channel typical characteristics(cont.) typical transfer characteristics 0 4 8 12 16 20 012345 v gs , gate-source voltage(v) i d , drain current(a) v ds =5v forward transfer admittance vs drain current 0.01 0.1 1 10 0.001 0.01 0.1 1 10 -i d , drain current(a) g fs , forward transfer admittance-(s) pulsed ta=25c v ds =-10v v ds =-5v transient thermal response curves 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t 1 , square wave pulse duration(s) r(t), normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *r ja (t) 4.r ja =110 c/w recommended soldering footprint
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 10/13 MTC3588G6 cystek product specification reel dimension
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 11/13 MTC3588G6 cystek product specification carrier tape dimension
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 12/13 MTC3588G6 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface.
cystech electronics corp. spec. no. : c102g6 issued date : 2016.05.03 revised date : page no. : 13/13 MTC3588G6 cystek product specification tsop-6 dimension marking: 6-lead tsop-6 plastic surface mounted package cystek package code: g6 style: pin 1. gate1 (g1) pin 2. source2 (s2) pin 3. gate2 (g2) pin 4. drain2 (d2) pin 5. source1 (s1) pin 6. drain1 ( d1 ) 3588 device name date code millimeters inches millimeters inches dim min. max. min. max. dim min. max. min. max. a 0.700 0.900 0.028 0.035 e 1.600 1.700 0.063 0.067 a1 0.000 0.100 0.000 0.004 e1 2.650 2.950 0.104 0.116 a2 0.700 0.800 0.028 0.031 e 0.950 (bsc) 0.037 (bsc) b 0.350 0.500 0.014 0.020 e1 1.900 (bsc) 0.075 (bsc) c 0.080 0.200 0.003 0.008 l 0.300 0.600 0.012 0.024 d 2.820 3.020 0.111 0.119 0 8 0 8 notes : 1.controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing spec ification or packing method, please cont act your local cystek sales office. material : ? lead :pure tin plated. ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTC3588G6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X