Part Number Hot Search : 
TS120 X9514WVM PIC7532 RJH60 4010B RBV805S 82C55A BC856
Product Description
Full Text Search
 

To Download MM5Z6V2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 formosa ms smd zener diode http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 document id issued date revised date revision page. ds-221739 2009/08/10 2012/12/26 e 9 mm5z2v4 thru mm5z75v 1 2 2 2 2 3 4~5 6 6 6 7 8 8 9 list list................................................................................................. package outline............................................................................... features.......................................................................................... maximum ratings ............................................................................. electrical characteristics................................................................... rating and characteristic curves........................................................ pinning information........................................................................... suggested solder pad layout............................................................. month code....................................................................................... packing information.......................................................................... reel packing.................................................................................... suggested thermal profiles for soldering processes............................. high reliability test capabilities........................................................... mechanical data...............................................................................
silicon epitaxial planar chip structure. wide zener reverse voltage range 2.4v to 75v. tiny package size for high density applications. ideally suited for automated assembly processes. features ? ? ? ? ? ? esd rating of class 3(>16kv)per human body model ? lead-free parts meet rohs requirments. suffix "-h" indicates halogen-free parts, ex. ?52v4-h. package outline page 2 150mw surface mount zener diodes-2.4v-75v parameter conditions symbol v f p d min. typ. max. 0.9 150 unit v mw thermal resistance storage temperature range operating junction temperature range junction to ambient junction to case r ja r c j t stg t j -65 -65 625 350 +150 +150 / c w c w / o c o c maximum ratings (at t =25 c unless otherwise noted) a o forward voltage total device dissipation i= 10 ma f formosa ms http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 smd zener diode on fr-5 board @t =25 c a dimensions in inches and (millimeters) mechanical data epoxy : ul94-v0 rated flame retardant case : molded plastic, sod-523fl terminals :plated terminals, solderable per mil-std-750, method 2026 polarity : indicated by cathode band mounting position : any weight : ? ? ? ? ? ? approximated 0.002 gram 0.028(0.70) 0.020(0.50) 0.051(1.30) 0.043(1.10) 0.035(0.90) 0.028(0.70) 0.014(0.35) 0.009(0.25) sod-523fl 0.067(1.70) 0.059(1.50) 0.007(0.20) 0.002(0.05) document id issued date revised date revision page. mm5z2v4 thru mm5z75v ds-221739 2009/08/10 2012/12/26 e 9
page 3 marking code (note 1) zener voltage te s t current zener impedance leakage current ma i zt z@ i zt zt max.(v) v@ i zzt ma i zk i r volts v r z@ i zk zk 3.9 2.4 4.3 2.7 4.7 3.0 5.1 3.3 5.6 3.6 6.2 6.8 7.5 8.2 9.1 10 11 12 16 18 20 22 24 27 30 33 36 39 43 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 90 100 90 100 80 100 60 95 40 90 10 15 15 15 15 20 20 25 40 45 55 55 70 80 80 80 90 130 150 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 3 50 3 20 3 10 2 5 1 5 3 2 1 0.7 0.2 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 1.0 1.0 1.0 1.0 2.0 1.0 2.0 2.0 4.0 4.0 1.0 1.0 5.0 5.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.2 25.2 27.3 30.1 1000 1000 1000 1000 800 1000 500 1000 200 1000 100 160 160 160 160 160 160 80 80 80 100 100 120 300 300 300 500 500 500 500 part no. mm5z3v9 mm5z2v4 mm5z4v3 mm5z2v7 mm5z4v7 mm5z3v0 mm5z5v1 mm5z3v3 mm5z5v6 mm5z3v6 MM5Z6V2 mm5z6v8 mm5z7v5 mm5z8v2 mm5z9v1 mm5z10v mm5z11v mm5z12v mm5z15v mm5z16v mm5z18v mm5z20v mm5z22v mm5z24v mm5z27v mm5z30v mm5z33v mm5z36v mm5z39v mm5z43v formosa ms http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 nom.(v) min.(v) 3.7 2.2 4.0 2.5 4.4 2.8 4.8 3.1 5.2 3.4 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0 40.0 4.1 2.6 4.6 2.9 5.0 3.2 5.4 3.5 6.0 3.8 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 17.1 19.1 21.2 23.3 25.6 28.9 32.0 35.0 38.0 41.0 46.0 smd zener diode electrical characteristics (at t =25 c unless otherwise noted) a o 47 5 170 1.0 0.05 32.9 500 mm5z47v 44.0 50.0 51 5 180 1.0 0.05 35.7 500 mm5z51v 48.0 54.0 13 5 30 1.0 0.1 8.0 80 mm5z13v 12.4 14.1 document id issued date revised date revision page. 56 62 5 5 200 215 1.0 1.0 0.05 0.05 39.2 43.4 500 500 mm5z56v mm5z62v 52.0 58.0 60.0 66.0 68 5 240 1.0 0.05 47.6 500 mm5z68v 64.0 72.0 15 5 30 1.0 0.05 80 mm5z75v 14.3 15.8 75 70.0 79.0 255 52.5 vz (mv/k) @i zt c @vr=0v f=1mhz j pf min. max. -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 37.6 42.0 -2.5 0 0 0 0.2 0 1.2 0 2.5 0 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10 14 16 18 20 22 25.3 29.4 33.4 37.4 41.2 46.6 51.8 450 450 450 450 260 450 225 200 185 155 450 450 140 135 130 130 130 130 110 105 100 85 85 80 70 70 70 70 45 40 46.6 57.2 40 52.2 63.8 40 7.0 11 120 58.8 65.6 71.6 79.8 40 35 73.4 88.6 35 9.2 13 35 mm5z2v4 thru mm5z75v 05 06 07 08 09 0a 0c 0e 0f 0g 0h 0k 0l 0m 0n 0p 0t 0u 0w 0z 10 11 12 14 18 19 20 21 1a 1c 1d 1e 1f 1g 00 01 02 note 1: marking code add month code see page 5 ()max ()max (ua)max ds-221739 2009/08/10 2012/12/26 e 9
page 4 rating and characteristic curves (mm5z2v4 thru mm5z75v) http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 document id issued date revised date revision page. 80 10 30 . z zt ,( dynamic impedance ) 100 10 10 . t j =25 c i zac () =. 01i zdc () f1khz = i z =1ma 5ma 11 . 10 . 09 . 08 . 07 . 06 . 05 . 04 . 100 10 10 . 150 c 75 c 25 c 0c c capacitance pf ,() 70 1000 100 10 10 . 10 40 . bias at 50 of v % z nom t a =25 c 0 v bias 1 v bias i r ,( leakage current ua) 1000 100 10 10 . 01 . 001 . 0 001 . 0 0001 . 0 00001 . 70 60 50 40 30 20 10 0 +150 c +25 c -55 c 1000 if, forward current (ma) 1000 vf forward voltage v figure 2. typical forward voltage ,() vz nominal zener voltage figure 1. effect of zener voltage on zener impedance , vz nominal zener voltage v figure 3. typical capacitance ,() vz nominal zener voltage v figure 4. typical leakage current ,() 12 v z ,() zener voltage v 100 10 10 . 01 . 001 . 10 80 . 60 . 40 . 20 . 0 t a =25 c figure 5 zener voltage versus zener current . () v z up to 12 v figure 6 zener voltage versus zener current . () 12vto75v 100 10 1 01 . 001 . 10 30 50 70 90 t a =25 c v z ,() zener voltage v iz, zener current (ma) iz, zener current (ma) ds-221739 2009/08/10 2012/12/26 e 9
page 5 rating and characteristic curves (mm5z2v4 thru mm5z75v) http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 document id issued date revised date revision page. 25 0 100 40 20 0 50 75 100 125 150 80 60 figure 7 steady state power derating . power dissipation (%) ambient temperature( c) ds-221739 2009/08/10 2012/12/26 e 9
page 6 formosa ms http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 smd zener diode document id issued date revised date revision page. mm5z2v4 thru mm5z75v pinning information 1 2 2 1 pin1 cathode pin2 anode pin simplified outline symbol suggested solder pad layout dimensions in inches and (millimeters) a c b month code type number marking mm5z series dev dev = marking code (see page 3), =month code jan feb mar apr may jun jul aug sep oct nov dec odd 1 2 3 4 5 6 7 8 9 t v c year month even e f h j k l n p u x y z example: mm5z10v dev ?? 0l 4 ?? b 0.024 (0.60) a 0.032 (0.80) c 0.044 (1.10) package sod-523fl ? ? ? ?? ds-221739 2009/08/10 2012/12/26 e 9
packing information page 7 formosa ms http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 smd zener diode document id issued date revised date revision page. mm5z2v4 thru mm5z75v item tolerance sod-523fl carrier width carrier length carrier depth sprocket hole 7" reel outside diameter 7" reel inner diameter feed hole diameter sprocket hole position punch hole position punch hole pitch sprocket hole pitch embossment center reel width overall tape thickness tape width p 0 p 1 e b c d f t w p a d d 1 d 2 w 1 symbol 0.1 0.1 0.1 min 0.2 0.1 0.3 1.0 0.1 0.1 0.1 0.1 0.1 0.1 2.0 unit:mm 178.00 50.00 13.00 1.75 3.50 2.00 4.00 2.00 0.23 8.00 9.50 p 0 p 1 e b d f w p a d d 1 d 2 w 1 c t note:devices are packed in accor dance with eia standar rs-481-a and specifications listed above. 0.90 1.94 0.76 1.50 ds-221739 2009/08/10 2012/12/26 e 9
page 8 formosa ms http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 reel packing smd zener diode component inner reel carton approx. package reel size reel spacing box box dia, size carton gross wei ght (pcs) (m/m) (pcs) (m/m) (m/m) (m/m) (pcs) (kg ) sod-523fl 7" 3,000 2.0 30,000 183*123*183 178 240,000 382*257*387 9.5 document id issued date revised date revision page. profile feature soldering condition average ramp-up rate(t to t ) <3 /sec preheat -temperature min(tsmin) 150 -temperature max(tsmax) 200 -time(min to max)(t ) 60~120sec tsmax to t -ramp-uprate <3 /sec time maintained above: -temperature(t ) 217 -time(t ) 60~260sec peak temperature(t ) 255 0/ 5 time within 5 of actual peak temperature(t ) ramp-down rate <6 /sec time 25 to peak temperature <6minutes lp s l l l p p o o o o o oo o o o c c c c c c- + c c c c 3.reflow soldering 10~30sec 1.storage environment: temperature=5 ~40 humidity=55% 25% 2.reflow soldering of surface-mount devices oo cc suggested thermal profiles for soldering processes critical zone tl to tp critical zone tl to tp tl tsmax tsmin ramp-up tp ts preheat t25 c to peak o time 25 tl tp ramp-down temperature mm5z2v4 thru mm5z75v ds-221739 2009/08/10 2012/12/26 e 9
page 9 formosa ms http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 smd zener diode document id issued date revised date revision page. mm5z2v4 thru mm5z75v high reliability test capabilities 1. solder resistance 2. solderability 3. high temperature reverse bias 4. pressure cooker 5. temperature cycling 6. humidity 7. high temperature storage life at 260 5 for 10 2sec. at 245 5 for 5 sec. v = nom*80% at t =150 for 168 hrs. 15p at t =121 for 4 hrs. -55 to +125 dwelled for 30 min. and transferred for 5min. total 10 cycles. at t =85 , rh=85% for 1000hrs. at 175 for 1000 hrs. c c c c cc c c o o o o oo o o zj sig a a v z mil-std-750d method-2031 mil-std-202f method-208 mil-std-750d method-1038 jesd22-a102 mil-std-750d method-1051 mil-std-750d method-1021 mil-std-750d method-1031 item test conditions reference ds-221739 2009/08/10 2012/12/26 e 9


▲Up To Search▲   

 
Price & Availability of MM5Z6V2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X