Part Number Hot Search : 
62081 LG32240 L5257 MR2535L 54054 DR204 AX160 54054
Product Description
Full Text Search
 

To Download MAAM-010373-001SMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 broadband catv amplifier 50 - 1100 mhz rev. v2 maam - 010373 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support functional schematic features ? 75 ? input / output match ? low noise figure: 2.2 db ? high gain: 22 db ? high linearity: - 74 dbc ctb, - 62 dbc cso ? high esd threshold: hbm class 1b ? lead free sot - 89 package ? halogen - free green mold compound ? rohs* compliant and 260c reflow compatible description the maam - 010373 catv amplifier is a gaas mmic that exhibits low distortion and high gain in a lead - free surface mount package. the maam - 010373 employs a monolithic single stage design featuring a convenient 75 ? input/ output impedance that minimizes the number of external components required. the maam - 010373 is fabricated using a phemt process to realize low noise and low distortion. the process features full passivation for robust performance and reliability. absolute maximum ratings 3,4,5 parameter absolute maximum rf input power 6 dbm voltage 10 volts operating temperature - 4 0 c to +85 c junction temperature 6 + 150 c storage temperature - 65 c to +150c pin configuration pin no. pin name description 1 rf in rf input 2 gnd ground 3 rf out rf output / drain supply ordering information 1,2 part number package maam - 010373 - 000000 bulk packaging maam - 010373 - tr1000 1000 piece reel maam - 010373 - tr3000 3000 piece reel maam - 010373 - 001smb sample test board * restrictions on hazardous substances, european union directive 2002/95/ec. 1. reference application note m513 for reel size information. 2. all sample boards include 5 loose parts. 3. exceeding any one or combination of these limits may cause permanent damage to this device. 4. m/a - com technology solutions does not recommend sustained operation near these survivability limits. 5. operating at nominal conditions with t j +150c will ensure mttf > 1 x 10 6 hours. 6. junction temperature (t j ) = t c + ? jc * ((v * i) - (p out - p in )) typical thermal resistance ( ? jc) = 32 c/w. a) for t c = 25 c, t j = 63 c @ 8 v, 148 ma b) for t c = 85 c, t j = 123 c @ 8 v, 148 ma r f i n r f o u t p i n 1 g n d g n d
2 broadband catv amplifier 50 - 1100 mhz rev. v2 maam - 010373 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support parameter test conditions units min. typ. max. gain db 20 22 24 gain flatness db +/ - 0.5 1 noise figure db 2.2 3 input return loss db 18 output return loss db 20 reverse isolation db 25 output ip3 6 mhz spacing, - 10 dbm output per tone dbm 40 output ip2 6 mhz spacing, - 10 dbm output per tone dbm 50 composite triple beat, ctb 80 ch. ntsc flat, +33 dbmv / ch. at the output dbc - 74 composite second order, cso 80 ch. ntsc flat +33 dbmv / ch. at the output dbc - 62 p1db 403.25 mhz dbm 25 i dd 8 volts ma 148 165 electrical specifications: t a = 25c, freq: 50 - 1000 mhz, v dd = 8 volts, z 0 = 75 ? schematic including off - chip components off - chip component values component value package c1 1.5 pf 0402 c2, c3, c4 0.01 f 0402 c5 270 pf 0402 c6 0.5 pf 0402 l1 10 nh 0402 l2 7 1 h 1210 l3 8.2 nh 0402 r1 360 ? 0402 r2 715 ? 0402 r3 0 ? 0805 r4 2? 0805 7. l2 is epcos part number b82422a1102k100.
3 broadband catv amplifier 50 - 1100 mhz rev. v2 maam - 010373 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support recommended pcb layout component side metal layer (viewed from top) recommended pcb layout bottom side metal layer (viewed from bottom)
4 broadband catv amplifier 50 - 1100 mhz rev. v2 maam - 010373 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support typical performance curves: output return loss input return loss gain to 1000 mhz gain to 3000 mhz noise figure reverse isolation -20 -15 -10 -5 0 5 10 15 20 25 0 500 1000 1500 2000 2500 3000 +25c -40c +85c frequency (mhz) -40 -30 -20 -10 0 0 200 400 600 800 1000 +25c -40c +85c frequency (mhz) -40 -30 -20 -10 0 0 200 400 600 800 1000 +25c -40c +85c frequency (mhz) -40 -30 -20 -10 0 0 200 400 600 800 1000 +25c -40c +85c frequency (mhz) 0 1 2 3 4 0 200 400 600 800 1000 +25c -40c +85c frequency (mhz) 20 21 22 23 24 25 0 200 400 600 800 1000 +25c -40c +85c frequency (mhz)
5 broadband catv amplifier 50 - 1100 mhz rev. v2 maam - 010373 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these devices. lead - free sot - 89 plastic package ? ? reference application note m538 for lead - free solder reflow recommendations. meets jedec moisture sensitivity level 1 requirements. plating is 100% matte tin over copper.
6 broadband catv amplifier 50 - 1100 mhz rev. v2 maam - 010373 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support m/a - com technology solutions inc. all rights reserved. information in this document is provided in connection with m/a - com technology solutions inc ("macom") products. these materials are provided by macom as a service to its customers and may be used for informational purposes only. except as provided in macom's terms and conditions of sale for such products or in any separate agreement related to this document, macom assumes no liability whatsoever. macom assumes no responsibility for errors or omissions in these materials. macom may make changes to specifications and product descriptions at any time, without notice. macom makes no commitment to update the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to its specifications and product descriptions. no license, express or implied, by estoppels or otherwise, to any intellectual property rights is granted by this document. these materials are provided "as is" without warranty of any kind, either express or implied, relating to sale and/or use of macom products including liability or warranties relating to fitness for a particular purpose, consequential or incidental damages, merchantability, or infringement of any patent, copyright or other intellectual property right. macom further does not warrant the accuracy or completeness of the information, text, graphics or other items contained within these materials. macom shall not be liable for any special, indirect, incidental, or consequential damages, including without limitation, lost revenues or lost profits, which may result from the use of these materials. macom products are not intended for use in medical, lifesaving or life sustaining applications. macom customers using or selling macom products for use in such applications do so at their own risk and agree to fully indemnify macom for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of MAAM-010373-001SMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X