Part Number Hot Search : 
PF0314 223A8X PS9324L2 IRF9640 MCR100 2N1474 02012 SI230
Product Description
Full Text Search
 

To Download KIC3213MF13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2013. 5. 28 1/9 semiconductor technical data revision no : 2 150ma cmos high performance ldo regulator the kic3213series low dropout linear regulator is ideally suited for portable applications. it offers 1% initial accuracy, extremely-low dropout voltage(210mv at 150ma, 3.3v output type), low ground current (typically 36ua) and ultra small package(udfn1010-4). designed specifically for handheld and battery-powered devices, the kic3213series provides a ttl-logic-compatible on/off control pin. when disabled, power consumption drops nearly to zero. the kic3213series also works with low-esr ceramic capacitors, reducing the amount of board space necessary for power applications, critical in handheld wireless devices. the line transient response and load transient response of the kic3213series are very excellent, thus ics are very suitable for the power supply for hand-held communication equipment. applications h cellular phones,smart phones, pda h battery-powered equipment h laptop, notebook and palmtop computers h consumer/personal electronics features h input voltage range 2.0v to 5.5v h high output accuracy 1.0% accuracy h low dropout 210mv@150ma (3.3v output type) h stability with ceramic output capacitors h supply current typ. 36ua h excellent load regulation typ. 30mv h built-in fold back protection circuit typ. 40ma@short mode h stability with ceramic output capacitors c in =c out =0.47 ? h ttl-logic-compatible on/off control packages h kic3213mf** series : udfn1010-4 h kic3213t** series : tsv dim millimeters udfn1010-4 3 v en 2 gnd 4 v in 1 v out *center tab is common to (gnd) f g i j k h c l dd e l c a b a 1.00 b 1.00 c 0.50 d 0.20 e 0.43 f 0.29 g 0.24 h 0.64 i 0.50 j 0.195 k 0.086 l 0.125 3 1 2 2 4 1 2 3 4 dim millimeters a b d e tsv 2.9 0.2 1.6+0.2/-0.1 0.70 0.05 0.4 0.1 2.8+0.2/-0.3 1.9 0.2 0.95 0.16 0.05 0.00-0.10 0.25+0.25/-0.15 c f g h i j k 0.60 l0.55 a f g g d k k b e c l h j j i 2 3 1 5 4 + _ + _ + _ + _ + _ 1. v in 2. gnd 3. v en 4. nc 5. v out kic3213mf/t12~33 analog cmos integrated circuits
2013. 5. 28 2/9 kic3213mf/t12~33 revision no : 2 v in gnd v ref v en v out pwtr r a r b on/off control error amp fold - back circuit & currentlimit block reference voltage block diagram selection guide the output voltage, package type for the ics can be selected at the user s request. the selection can be made with designating the part number as shown below; kic3213 ? part number a bc code contents a item name kic3213 : 150ma cmos ldo b designation of package type : mf : udfn1010-4 t : tsv c setting output voltage (v out ) : stepwise setting with a step of 0.1v in the range of 1.2v to 3.3v is possible. c in =0.47 f ceramic c out =0.47 f ceramic v in v en kic3213 series gnd v out active high : output on application circuit stability with ceramic output capacitors recommended v en operating range c in = c out = 0.47 ? v in ? v en
2013. 5. 28 3/9 kic3213mf/t12~33 revision no : 2 b a 1 4 v in v out gnd v en 2 3 pin no. symbol pin description 1 v out regulator output. 2 gnd ground pin. 3 v en enable/shutdown (input) : cmos compatible input. logic high : enable, logic low=shutdown. do not leave open. 4 v in supply input. code contents a device code & series b lot no. code contents a device code & series b lot no. line up pin description udfn1010-4 package 4 5 v in v en 1 v out gnd nc 23 b a pin no. symbol description 1 v in supply input. 2 gnd ground pin. 3 v en enable/shutdown (input) : cmos compatible input. logic high : enable, logic low=shutdown. do not leave open. 4 nc no connection. 5 v out regulator output. tsv package output voltage udfn1010-4 package tsv package output voltage udfn1010-4 package tsv package item marking item marking item marking item marking 1.2v kic3213mf12 9a kic3213t12 39a 2.3v kic3213mf23 9l kic3213t23 39l 1.3v KIC3213MF13 9b kic3213t13 39b 2.4v kic3213mf24 9m kic3213t24 39m 1.4v kic3213mf14 9c kic3213t14 39c 2.5v kic3213mf25 9n kic3213t25 39n 1.5v kic3213mf15 9d kic3213t15 39d 2.6v kic3213mf26 9o kic3213t26 39o 1.6v kic3213mf16 9e kic3213t16 39e 2.7v kic3213mf27 9p kic3213t27 39p 1.7v kic3213mf17 9f kic3213t17 39f 2.8v kic3213mf28 9q kic3213t28 39q 1.8v kic3213mf18 9g kic3213t18 39g 2.9v kic3213mf29 9r kic3213t29 39r 1.9v kic3213mf19 9h kic3213t19 39h 3.0v kic3213mf30 9s kic3213t30 39s 2.0v kic3213mf20 9i kic3213t20 39i 3.1v kic3213mf31 9t kic3213t31 39t 2.1v kic3213mf21 9j kic3213t21 39j 3.2v kic3213mf32 9u kic3213t32 39u 2.2v kic3213mf22 9k kic3213t22 39k 3.3v kic3213mf33 9v kic3213t33 39v
2013. 5. 28 4/9 kic3213mf/t12~33 revision no : 2 absolute maximum ratings electrical characteristics ( v in = set v out + 1v for v out options greater than 1.5v, v in =2.5v for v out ? 1.5v i out =1ma, v en =v in, t a =25 ? , c in =0.47  f, c out =0.47  f, unless otherwise stated) symbol parameter conditions min typ max units v in input voltage - 2.0 - 5.5 v i out output current - 150 - - ma v out output voltage v out ? 1.5v x 0.99 - x 1.01 v v out ? 1.5v -20 - +20 mv  v out /  v in line regulation set v out + 0.5v ? v in ? 5.5v - 0.02 0.1 % / v  v out /  i out load regulation 1ma ? i out ? 150ma - 30 50 mv v d dropout voltage 1.2v ? v out ? 1.5v - 0.50 0.62 v 1.5v ? v out ? 1.7v - 0.38 0.47 v 1.7v ? v out ? 2.0v - 0.34 0.42 v 2.0v ? v out ? 2.5v - 0.28 0.36 v 2.5v ? v out ? 2.8v - 0.22 0.30 v 2.8v ? v out ? 3.3v - 0.21 0.27 v i gnd ground pin current i out = 0ma - 36 50 u i q quiescent current v en = 0v(shutdown) - 0.1 1.0 u  v out /  t a output voltagetemperature coefficient -40 ?? t opr ? 85 ? - ? 100 - ppm / ? i sc short current limit v out = 0v - 40 - ma v en(on) output control voltage (on-state) - 1.1 - 5.5 v v en(off) output control voltage (off-state) - 0 - 0.3 v psrr power supply ripple rejection f=1khz, ripple 0.2vp-p v in =set v out +1v, i out =30ma (in case that v out ? 1.5v, v in =2.5v) - 60 - db note 1) pakage mounted on fr-4 pcb board (160 [? 1.6 x ) note 2) pakage mounted on fr-4 pcb board (600 [? 0.8 x ) characteristics symbol rating units input voltage v in 5.5 v output current i out 150 ma power dissipation udfn1010-4 p d 400 (note 1) mw tsv 900 (note 2) operating junction temperature t j(opr) -40~125 ? storage temperature t stg -55~150 ?
2013. 5. 28 5/9 kic3213mf/t12~33 revision no : 2 input voltage v in (v) input voltage v in (v) 80 60 40 20 0 012345 kic3213mf/t 12 kic3213mf/t 25 100 80 024 1 0 20 40 60 35 100 0 04 3 2 15 2.8 2.4 2.0 1.6 1.2 0.8 0.4 output voltage v out (v) input voltage v in (v) input voltage v in (v) input voltage v in (v) output voltage v out (v) 0 kic3213mf/t 33 012345 0 output voltage v out (v) 5 4 3 2 1 0 3.0 2.5 2.0 1.5 1.0 0.5 3.5 kic3213mf/t 12 kic3213mf/t 25 1.0 0.8 0.6 0.2 0.4 1.4 1.2 i out =1ma i out =30ma i out =50ma i out =1ma i out =30ma i out =50ma i out =1ma i out =30ma i out =50ma typical characteristics 1) output voltage vs. input voltage (c in = c out = 0.47 ? , t opr =25 ? ) 2) ground current vs. input voltage (c in = c out = 0.47 ? , t opr =25 ? )
2013. 5. 28 6/9 kic3213mf/t12~33 revision no : 2 5 4 3.340 3.300 3.260 0 20406080100 kic3213mf/t 33 6 10 -40 50 25 0 -25 85 75 60 50 40 30 20 ground current i gnd ( ? ) output voltage v out (v) output voltage v out (v) 3.15 3.10 3.05 3.00 kic3213mf/t 33 85 75 50 25 0 -25 -40 3.45 3.40 3.35 3.30 3.25 3.20 3.50 kic3213mf/t 33 input voltage v in (v) 012345 0 kic3213mf/t 33 60 40 20 100 80 v in =4.3v input voltage onput voltage v in =4.3v 150 0 3.30 3.35 3.40 3.25 3.20 0 20406080100 kic3213mf/t 33 300 output voltage v out (v) output current onput voltage 3) output voltage vs. temperature (c in = c out = 0.47 ? , i out =1ma) 4) ground current vs. temperature (c in = c out = 0.47 ? , i out =0a) 5) input transient response (i out =30ma, tr =tf =5 k , t opr =25 ? ) 6) load transient response (c in = c out = 0.47 ? , t opr =25 ? )
2013. 5. 28 7/9 kic3213mf/t12~33 revision no : 2 kic3213mf/t 33 time ( ? ) v out (v) v en (v) 0 20 40 60 80 100 120 140 160 180 200 2 1 0 -1 2 1 0 -1 3 4 4 3 v en (v) 2 1 0 -1 4 3 v en (v) 2 1 0 -1 4 3 i out =0ma time ( ? ) kic3213mf/t 33 0 20 40 60 80 100 120 140 160 180 200 2 1 0 -1 v out (v) v en (v) 2 1 0 -1 3 4 4 3 v en (v) 2 1 0 -1 4 3 v en (v) 2 1 0 -1 4 3 i out =30ma kic3213mf/t 33 time ( ? ) 0 20 40 60 80 100 120 140 160 180 200 2 1 0 -1 v out (v) 3 4 i out =150ma kic3213mf/t 18 time ( ? ) v out (v) i out =0ma kic3213mf/t 18 time ( ? ) v out (v) i out =30ma kic3213mf/t 18 time ( ? ) v out (v) i out =150ma 0 20 40 60 80 100 120 140 160 180 200 2 1 0 -1 3 4 0 20 40 60 80 100 120 140 160 180 200 2 1 0 -1 3 4 0 20 40 60 80 100 120 140 160 180 200 2 1 0 -1 3 4 7) turn on speed with ce pin (c in = c out = 0.47 ? , t opr =25 ? )
2013. 5. 28 8/9 kic3213mf/t12~33 revision no : 2 kic3213mf/t 18 time ( ? ) v out (v) 0 20406080100120140160180200 2 1 0 -1 3 4 i out =0ma i out =30ma 0 20406080100120140160180200 2 1 0 -1 3 4 0 20406080100120140160180200 2 1 0 -1 3 4 kic3213mf/t 33 time ( ? ) 0 20406080100120140160180200 2 1 0 -1 v out (v) v en (v) 2 1 0 -1 3 4 4 3 v en (v) 2 1 0 -1 4 3 v en (v) 2 1 0 -1 4 3 v en (v) 2 1 0 -1 4 3 v en (v) 2 1 0 -1 4 3 v en (v) 2 1 0 -1 4 3 i out =0ma kic3213mf/t 33 time ( ? ) 0 20406080100120140160180200 2 1 0 -1 v out (v) 3 4 i out =30ma kic3213mf/t 18 kic3213mf/t 18 time ( ? ) v out (v) i out =150ma kic3213mf/t 33 time ( ? ) 0 20406080100120140160180200 2 1 0 -1 v out (v) time ( ? ) v out (v) 3 4 i out =150ma 8) turn off speed with v en pin (c in = c out = 0.47 ? , t opr =25 ? )
2013. 5. 28 9/9 kic3213mf/t12~33 revision no : 2 frequenc y f ( khz ) 0.01 1 0.1 10 100 1000 0 kic3213mf/t 33 40 30 20 10 60 50 100ma 1ma output current i out (ma) 0200 100 300 400 500 0 60 40 20 100 80 relative output voltage v out (%) 10) ripple rejection vs. frequency (c in =none, c out =0.47 ? , v in =4.3v, ripple=0.2v p-p , i out =100ma) 0.25 3-c0.18 0.40 0.65 ( unit : mm ) 0.22 0.47 1.30 0.48 0. 48 45 recommended land pattern 9) output voltage vs. output current (c in =c out =0.47 ? , v in =v out +1v, t opr =25 ? )


▲Up To Search▲   

 
Price & Availability of KIC3213MF13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X