Part Number Hot Search : 
ADP3164 CLM4302 23226414 00M35 B2135T DT70T OPL7320 NTE15034
Product Description
Full Text Search
 

To Download IRF510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 1 isc n-channel mosfet transistor IRF510 features low r ds(on) v gs rated at 20v silicon gate for fast switching speed rugged low drive requirements descrition designed especially for high voltage,high speed applications, such as off-line switching power supplies , ups,ac and dc motor controls,relay and solenoid drivers. absolute maximum ratings(t a =25 ) symbol parameter value unit v dss drain-source voltage 100 v v gs gate-source voltage-continuous 20 v i d drain current-continuous 5.6 a i dm drain current-single plused 20 a p d total dissipation @t c =25 43 w t j max. operating junction temperature -55~175 t stg storage temperature -55~175 thermal characteristics symbol parameter max unit r th j-c thermal resistance,junction to case 3.5 /w r th j-a thermal resistance,junction to ambient 80 /w pdf pdffactory pro www.fineprint.cn
inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 2 isc n-channel mosfet transistor IRF510 electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ max unit v (br)dss drain-source breakdown voltage v gs = 0; i d = 0.25ma 100 v v gs (th ) gate threshold voltage v ds = v gs ; i d = 0.25ma 2 4 v r ds( on ) drain-source on-resistance v gs = 10v; i d = 3.4a 0.54 i gss gate-body leakage current v gs = 20v;v ds = 0 500 na i dss zero gate voltage drain current v ds = 100v; v gs =0 250 ua v sd forward on-voltage i s = 5.6a; v gs =0 2.5 v ciss input capacitance v ds =25v,v gs =0v, f=1.0mhz 135 pf coss output capacitance 80 pf crss reverse transfer capacitance 20 pf switching characteristics (t c =25 ) symbol parameter conditions min typ max unit td(on) turn-on delay time v dd =50v,i d =5.6a v gs =10v,r gen =24 r gs =24 8 11 ns tr rise time 25 36 ns td(off) turn-off delay time 15 21 ns tf fall time 12 21 ns pdf pdffactory pro www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of IRF510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X