Part Number Hot Search : 
XC5206 SF166C 64400 P5F60HP2 P5F60HP2 3N80C 512K3 C595N
Product Description
Full Text Search
 

To Download HVC0603T2505FET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? ww w.ohmite.com ? info@ohmite.com 20 series specifications wattage 1 oper. voltage (v) resistance tcr 2,3 vcr 2 series type p 70 (mw) std. untrimmed ( 5%) range tolerance (ppm) (ppm) hvc0402--- 0402 50 30 60 100k-100m 5-10% 50, 100 500 >100m-1g 5-20% 250, 500 1000 >1g-10g 10-30% 1000, 2000 2000 hvc0603--- 0603 100 75 150 100k-100m 1-10% 50, 100 500 >100m-1g 5-20% 250, 500 1000 >1g-10g 5-20% 500, 1000 2000 hvc0805--- 0805 125 200 400 100k-100m 0.5-10% 25, 50, 100 100 >100m-1g 2-20% 50, 100, 250 250 >1g-10g 5-20% 250, 500 500 >10g-100g 10-30% 1000, 2000 2000 hvc1206--- 1206 250 600 1000 100k-100m 0.5-10% 25, 50, 100 50 >100m-1g 2-20% 50, 100, 250 100 >1g-10g 5-20% 50, 100, 250 250 >10g-100g 10-30% 250, 500, 1000 1000 hvc2512--- 2512 1000 2000 3000 100k-100m 0.5-10% 25, 50, 100 10 >100m-1g 1-20% 25, 50, 100 25 >1g-10g 2-20% 25, 50, 100 50 >10g-100g 5-30% 100, 250, 500 100 hvc4020--- 4020 1500 4000 6000 100k-100m 0.25-10% 25, 50, 100 5 >100m-1g 0.5-20% 25, 50, 100 10 >1g-10g 1-20% 25, 50, 100 10 >10g-100g 2-30% 50, 100, 250 50 >100g-1t 5-30% 250/500 250 1. at continuous power dissipation the dimensions of the solder pads have to be capable of sufficient heat conduction. 2. not all tcr/vcr combinations available in all resistance values 3. hvc2512 and hvc4020 10m-10g tcrs available: 10ppm and 15ppm characteristics operating temperature range -55c ~ +155c climatic category 55/155/56, acc. to en 60068-1 solderability 250c, 3s, acc. to en 60068-2-58 max. soldering temperature 260c, 10s, acc. to iec 68-2-58 long term stability <1g <10g 10g load life 70c/1000h <0.25% <0.5% <1% storage 125c/1000h <0.5% <1% <2% max. voltage/1000h <0.5% <1% <2% data not specified according to en 140401-802 (cecc 40401-802) hvc series precision high-value high-voltage wraparound chip f eatures ? high value chip resistors in thick film technology ? low temperature and voltage dependency (low tcr and vcr) ? high working voltage up to 3000v ? suitable for high vacuum applicationsno organics ? contact areas: nickel-barrier/matte tin ? wraparound terminals 100 percent rated powe r ambient te mperature, c 60 20 0 80 40 05 0 100 155 70 -55 derating
1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? ww w.ohmite.com ? info@ohmite.com 21 dimensions (mm) how to order power size rating (mw) l w t a 0402 50 1.04 .05 0.50 .05 0.30 .05 0.1 +.1/-.05 0603 100 1.50 +.15/-.05 0.80 +.15/-.05 0.40 +.15/-.05 0.2 +.2/-.1 0805 125 2.00 +.15/-.05 1.25 +.15/-.05 0.40 +.15/-.05 0.3 +.2/-.1 1206 250 3.20 +.15/-.05 1.50 +.2/-.05 0.40 +.15/-.05 0.3 +.2/-.1 2512 1000 6.30 +.15/-.05 3.50 +.2/-.05 0.60 +.15/-.05 0.9 .2 4020 1500 10.20 +.20/-.05 5.10 +.2/-.05 0.60 +.20/-.1 0.9 .2 w l t a hvc series precision high-value high-voltage wraparound chip h vc1206t1004jet to lerance d = 0.50% f = 1% g = 2% j = 5% k = 10% m = 20% p = 30% ohms 1004 = 1m 5006 = 500m (ppm) tcr w = 25 v = 50 t = 100 z = 250 e = 500 n = 1000 u = 2000 tape & reel 500 pc/reel rohs compliant package size series high voltage wrap around chip terminal d etails base metal pdag termination finish 100% electroplated matte sn100 thickness of finish 5 microns barrier material between base metal and finish porosity-free ni (5-8 microns thickness) baking/annealing process after sn plating 150c; > 4 hours peak process body temperature (classification temperature) and maximum time 260c for 10 seconds standard part numbers hvc0402e5006ket hvc0402n5007ket hvc0402t1004jet hvc0402t1005jet hvc0402t1006jet hvc0402t2504jet hvc0402t2505jet hvc0402z2506jet hvc0402t5004jet hvc0402t5005jet hvc0603n1007ket hvc0603n5007ket hvc0603t1004fet hvc0603t1005fet hvc0603t1006fet hvc0603t2504fet HVC0603T2505FET hvc0603t5004fet hvc0603t5005fet hvc0603z5006jet hvc0805e1008ket hvc0805t1004jet hvc0805t1005jet hvc0805t1006jet hvc0805t2504jet hvc0805t2505jet hvc0805z2506jet hvc0805t5004jet hvc0805t5005jet hvc0805e5007jet hvc0805z1007jet hvc0805z5006jet hvc1206t1004jet hvc1206t1005jet hvc1206t1006jet hvc1206z2504jet hvc1206t2505jet hvc1206z2506jet hvc1206t5004jet hvc1206t5005jet hvc1206z5007ket hvc1206z1007jet hvc1206z1008ket hvc1206z5006jet hvc2512t1004jet hvc2512t1005jet hvc2512t1006jet hvc2512t1007jet hvc2512t1008ket hvc2512t2504jet hvc2512t2505jet hvc2512t2506jet hvc2512t5004jet hvc2512t5005jet hvc2512t5006jet hvc2512t5007jet hvc4020v1004jet hvc4020v1005jet hvc4020v1006jet hvc4020v1007jet hvc4020v1008ket hvc4020v2504jet hvc4020v2505jet hvc4020v2506jet hvc4020z2508ket hvc4020v5004jet hvc4020v5005jet hvc4020v5006jet hvc4020v5007jet


▲Up To Search▲   

 
Price & Availability of HVC0603T2505FET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X