Part Number Hot Search : 
1A105 B89PV B230013 SPM3202 MSK541B 1581C6EU 2N6474 TPA5050
Product Description
Full Text Search
 

To Download FR1220CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fr1205(f)ct thru fr12100(f)ct specification rev. a frontier electronics corp. ? page 1 of 2 667 e. coch ran st., simi v alley, ca 93065 http://www.frontierusa.com phone: 1 - 805 - 522 - 9998, fax: 1 - 805 - 522 - 9989 12 a fast recovery rectifiers electrical characteristics ma x imum ratings (t a =2 5 c unless o t h erwise n o ted ) and electrical characteristics rating symbol v a l u e unit s max imum average forward rectified current , see f ig.1 i o 12 (per device) a peak forward surge current, 8.3 m s single half sine - wave superimposed on rated load i fsm 1 0 0 a typical junction capacitance @1mhz & reverse voltage 4v c j 55 pf typical thermal resistance , junction to case on heat sink r s t g - 55 to + 175 c operating temperature range t op - 55 to + 150 c maximum forward voltage at 6a per leg t j =125 c i f = 30a t j = 25 c t j =125 c v f 1.3 v maximum reverse current at 2 5 c i r 10 a maximum reverse current at 12 5 c i r 500 a part number max recurrent pk reverse voltage/dc blocking v rrm /v r (v) max v rms (v) max reverse recovery time t rr (ns) marking fr1205ct/fr1205fct 50 35 150 same as p/n fr1210ct/fr1210fct 100 70 150 same as p/n FR1220CT/fr1220fct 200 140 150 same as p/n fr1240ct/fr1240fct 400 280 150 same as p/n fr1260ct/fr1260fct 600 420 250 same as p/n fr1280ct/fr1280fct 800 560 500 same as p/n fr12100ct/fr12100fct 1000 700 500 same as p/n note U 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a . 2. current rating is based on single phase, 1/2 wave, 60hz, resistive, or inductive load. for capacitive load, derate current by 20% product features 1. flammability classification 94v - 0 2. low forward voltage v f 3. fast recovery time 4. low thermal resistance/ high voltage 5. glass passivated chip junction 6. case : tran sf er molded 7. to - 220ab for fr1205 ct thru fr12100ct ito - 220ab for fr1205fct thru fr12100fct dimensions in inches and (millimeters) 8. leads: solderability per mil - std - 202 method 208 9. weight: 2 .1 grams (to - 220ab) 10. 1.7 grams (ito - 220ab) rohs compliant /halogen free fig 1. to - 220ab for fr12xxx ct f ig 2 . i to - 220ab for fr12xxx fct
fr1205(f)ct thru fr12100(f)ct specification rev. a frontier electronics corp. ? page 2 of 2 667 e. coch ran st., simi v alley, ca 93065 http://www.frontierusa.com phone: 1 - 805 - 522 - 9998, fax: 1 - 805 - 522 - 9989 r a t ings and characteristic cu r ves


▲Up To Search▲   

 
Price & Availability of FR1220CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X