Part Number Hot Search : 
BU1850 AEE02F24 3VK7M BD741 2N167A 10012 XF4018 128Y1
Product Description
Full Text Search
 

To Download FAB0307021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features liquid cooled converter 360 x 310 x 205 mm input : 56-100vdc output : 120-240vdc 10kw eff ciency : 84 % typ. input voltage range : 56-100vdc input current max. : 100a, internal power limitation undervoltage turn-on : 54,3v undervoltage turn-off : 45,8v input protection : transient and surges protected emi f lter output voltage : 120 to 240vdc with external control current : 0 to 42a with external control typ. line regulation load regulatio n ripple and noise current limit 0,02 % 0,5 % 115 % of i nominal low line to high line ; full load no load to full load peak to peak, nom. input ; full load vout = 95% of nominal ; automatic restart 0,2 % 0,2 % 1 % short circuit current 115 % of iout nominal vout < 250mv ; automatic restart output conditions max. applications dc/dc liquid cooled converter for automotive application with output current control. FAB0307021 1/3
environmental storage temperature : -40c to +100c operating temperature : -40c to +60c, liquid cooled isolation input to chassis : 1500vdc output to chassis : 1500vdc signals monitoring : input voltage with 4-20ma isolated signal output voltage with 4-20ma isolated signal input current with 4-20ma isolated signal output current with 4-20ma isolated signal power good : isolated by open collector inhibit : isolated, put low to inhibit programming : control of the output current by an external pwm signal from 10 to 100 % overtemperature : isolated by open collector protection output : overvoltage protected : reset input voltage to restart overtemperature protection : 90c typ. by thermostat ; automatic restart FAB0307021 2/3
mechanicals signal : souriau family 851 input output liquid cooled FAB0307021 3/3


▲Up To Search▲   

 
Price & Availability of FAB0307021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X