Part Number Hot Search : 
TB200 IT888 MAX14 C2020 MAX4530 HIROSE GP08B 2SJ265
Product Description
Full Text Search
 

To Download FAB0301007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features 3u x 8te x 160 mm input : 85 - 140 vac output : 50w 2 outputs fully isolated eff ciency : 77 % typ. air forced input voltage range : 85 - 140vac nominal : 115 vac input protection : fuse 1,6a transient and surges protected output voltage : +5v / 5a 12v / 2a typ. line regulation load regulatio n ripple and noise current limit 0,02 % 0,02 % 0,5 % 115 % of i nominal low line to high line ; full load no load to full load peak to peak, nom. input ; full load vout = 95% of nominal ; automatic restart 0,2 % 0,5 % 1 % output conditions max. applications naval cabinet short circuit current 115 % of i nominal vout < 250mv ; automatic restart FAB0301007 1/3
safety : built to meet en60950 emi : built to meet mil-std-461d, mil-std-704a, conducted. environmental storage temperature : -20c to +100c operating temperature : -10c to 70c ambiant, forced air, nominal power isolation input to chassis : 1500 vrms or 2121 vdc input to output : 3000 vrms or 4242 vdc output to chassis : >100 mohms at 500 vdc general signals input ok : led + 5v output ok : led +12v output ok : led FAB0301007 2/3
mechanicals cn1 pin 4 rtn 12v description input/output connector pin 6 + 12v pin 8 rtn 5v pin 10 + 5v din41612 h15 pin 12 to 20, 24,26,30 nc pin 22 ground pin 28 ac/l pin 32 ac/n FAB0301007 3/3


▲Up To Search▲   

 
Price & Availability of FAB0301007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X