Part Number Hot Search : 
VEC2307 VEC2307 16LT1 HT7750 ISPLSI HCT08 APTGT TLP3203
Product Description
Full Text Search
 

To Download E36F401CPN153MFN0M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 99 u36f large can 85 c u36f series the u36f series is a longer life version of the industry standard u36d specifically designed to provide the ripple current capability and long life required for high reliability inverter applications. the u36f has an endurance rating of 5,000 hours at 85 c with the rated ripple current applied. these capacitors are available with a variety of high current english or metric thread terminals. mounting options include a three-footed clamp or a bottom stud. custom designs are available upon request. large can screw terminals longer life u36 grade high ripple 350 to 500vdc ratings rohs compliant 85 c maximum temperature screw terminals: high and low post, english and metric thread. capacitance range: 1,500 to 18,000?. voltage range: 350 to 500vdc. category temperature range: 40 cto 85 c. leakage current: 0.02cv(a) or 5ma, whichever is smaller, after 5 minutes at 25 c. standard capacitance tolerance: 20% nominal case size (d l): d = 50mm (2.000) to 89mm (3.500); l = 79mm (3.125) to 220mm (8.625). rated lifetime: 5,000 hours at 85 c with rated ripple current applied. summary of specifications
u36f large can 85 c u36f series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 10 0 u36f specifications - screw terminals item category temperature range 40 to 85 c rated voltage range 350 to 500vdc capacitance range 1,500 to 18,000 f at 25 c, 120hz capacitance tolerance 20% ( m ) at 25 c, 120hz endurance (load life) the following specifications shall be satisfied when the capacitors are restored to 25 c after subjecting them to dc voltage for 5,000 hours at 85 c with the rated ripple current applied. the sum of the dc voltage and peak ac voltage must not exceed the full rated voltage of the capacitors. capacitance change: 20% from initial measurement esr change : 200% of initial specified limit leakage current : initial specified limit shelf life the following specifications shall be satisfied when the capacitors are restored to 25 c after exposing them for 500 hours at 85 c without voltage applied. the rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. capacitance change: 20% from initial measurement esr change : 200% of initial specified limit leakage current : initial specified limit characteristics leakage current i 0.02cv ( a ) or 5ma, whichever is smaller, after 5 minutes at 25 c. where i = max. leakage current ( a ), c = nominal capacitance ( f ) and v = rated voltage ( v ) rated ripple current multipliers ambient temperature ( c) 45 c 2.82 65 c 2.00 85 c 1.00 vibration rating maximum tightening torque 10 -55hz, 10g sinusoidal in three axis, 2 hours per axis. terminal code thread size 3 threads engaged in lb n min lb n m 6 threads engaged hp hl cd cp ch ca cs 10 - 32 nf- 2b m5x0.8 - 6h m5x0.8 - 6h 1 / 4 - 28 nf- 2b 1 / 4 - 28 nf- 2b m6x1- 6h m6x1- 6h 18.0 18.0 18.0 35.0 35.0 35.0 35.0 2.0 2.0 2.0 4.0 4.0 4.0 4.0 25.0 25.0 25.0 55.0 55.0 55.0 55.0 2.8 2.8 2.8 6.2 6.2 6.2 6.2 typical inductance (nh) at 1mhz terminal code case diameter 63.5 50 76 89 hp hl cd cp ch ca cs na na na na na 30 30 25 20 25 20 25 30 30 25 20 25 20 25 custom designs custom cv values per case size and termination type may be available upon request. contact appropriate representative with specific requirements.
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 101 u36f series u36f large can 85 c large can / screw terminals diagram of dimensions - screw terminals l f j insulating sleeve vent s t insulating end disk h d unit: mm (inches) case size code ca5 cb7 cd0 ce3 d79 d92 da5 db7 dd0 de3 dn0 e79 e92 ea5 eb7 ed0 ee3 ej0 en0 f92 fa5 fb7 fd0 fe3 ff5 fk0 fn0 50.8 (2.000) 63.5 (2.500) 76.2 (3.000) 89.0 (3.500) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 79 (3.125) 92 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 220 (8.625) 0 79 (3.125) 0 92 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 180 (7.125) 220 (8.625) 92 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 155 (6.125) 190 (7.500) 220 (8.625) d 2.0 (0.080) l 1.0 (0.040) 22.2 (0.875) 28.6 (1.125) 31.8 (1.250) 31.8 (1.250) f 0.25 (0.010) case dimensions terminal code hp hl cd cp ch ca cs c c d-e d-f d-f d-f d-f 0 9.5 (0.375) 0 9.5 (0.375) 0 8.5 (0.335) 0 8.7 (0.344) 11.9 (0.468) 0 8.7 (0.344) 11.9 (0.468) 6.4 (0.250) 6.4 (0.250) 5.0 (0.200) 2.4 (0.093) 6.4 (0.250) 2.4 (0.093) 6.4 (0.250) 0 8.0 (0.313) 8.0 (0.313) 13.0 (0.512) 17.5 (0.689) 17.5 (0.689) 17.5 (0.689) 17.5 (0.689) 11.1 (0.438) 11.1 (0.438) 18.8 (0.740) 50.8 (2.000) 50.8 (2.000) 63.5 ?76.2 (2.500 ?3.000) 63.5 ?89.0 (2.500 ?3.500) 63.5 ?89.0 (2.500 ?3.500) 63.5 ?89.0 (2.500 ?3.500) 63.5 ?89.0 (2.500 ?3.500) l j l j l j l j l j l j l j j 0.5 (0.020) s 0.25 (0.010) t 0.25 (0.010) available case diameter h 2.0 (0.080) terminal specifications thread size minimum thread depth 10 - 32 nf- 2b m5x0.8 - 6h m5x0.8 - 6h 1 / 4 - 28 nf- 2b 1 / 4 - 28 nf- 2b m6x1- 6h m6x1- 6h d code d mm (inches)
u36f large can 85 c u36f series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 10 2 type c: clamp dimensions type c: three-footed clamp type s: stud mounting clamp: zinc with silver trivalent chromate post treatment. hardware: screw, washer and hexagon nut included with each clamp. g 1.0 (0.040) j 0.5 (0.020) k 0.5 (0.020) r 1.0 (0.040) s 1.0 (0.040) t 0.5 (0.020) 13.3 (0.524) 13.3 (0.524) 13.3 (0.524) 16.0 (0.630) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177) 7.1 (0.280) 7.1 (0.280) 7.1 (0.280) 8.0 (0.313) 19.1 (0.751) 19.1 (0.751) 19.1 (0.751) 21.0 (0.827) 9.5 (0.374) 9.5 (0.374) 9.5 (0.374) 9.0 (0.354) 0.8 (0.032) 0.8 (0.032) 1.0 (0.040) 1.0 (0.040) a 1.0 (0.040) b 1.0 (0.040) case d mounting code 50.8 (2.000) 63.5 (2.500) 76.2 (3.000) 89.0 (3.500) c c c c 31.8 (1.250) 38.1 (1.500) 44.5 (1.750) 50.8 (2.000) 36.5 (1.437) 42.9 (1.689) 49.2 (1.937) 56.5 (2.224) mounting hardware - screw terminals unit: mm (inches) 360 3 30 45 5 15 d 5.1 0.5 (2 holes) (0.201 0.020) j g k ab r s t note: type b two-footed clamp available upon request for 50.8, 63.5 and 76.2. consult ucc for specifications. p t mn r d q k type s: stud mounting dimensions n 1.0 (0.040) k 2.0 (0.080) q 1.0 (0.040) r 1.0 (0.040) 18.0 (0.709) 30.0 (1.181) 22.0 (0.866) 1.40 (0.055) t thread size m 1.0 (0.040) p 1.0 (0.040) mounting code 16.0 (0.630) s m12 19.0 (0.748)
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 10 3 u36f series u36f large can 85 c supplement code. field 18. c = pet insulation with end disk. f = coated can. m = pb-free pvc insulation with end disk. case size. fields 15, 16 and 17. the single letter diameter code is inserted in field 15. c= 50.8mm ( 2.000) d= 63.5mm ( 2.500) e= 76.2mm ( 3.000) f= 89mm ( 3.500) the double character length code is inserted in fields 16 and 17. for lengths 99mm, insert the actual length rounded to nearest millimeter. for lengths of 100mm or more, insert the appropriate alpha numeric code as indicated below. 79 = 79mm (3.125) 92 = 92mm (3.625) a5 = 105mm (4.125) b7 = 117mm (4.625) d0 = 130mm (5.125) e3 = 143mm (5.625) f5 = 155mm (6.125) j0 = 180mm (7.125) k0 = 190mm (7.500) n0= 220mm (8.625) capacitance tolerance. field 14. m= 20% capacitance. fields 11, 12 and 13. expressed in microfarads. the first two digits are significant figures inserted in fields 11 and 12, and the third digit inserted in field 13 indicates the number of zeros for capacitance of 10 f or more. r indicates the decimal point for capacitance less than 10 f (e.g. 1r0 = 1.0 f; 100 = 10 f; 101 = 100 f; 102 = 1,000 f; 103 = 10,000 f). mounting hardware. field 10. n = none. b = two-footed clamp. c = three-footed clamp. s = stud mount. terminal type. fields 8 and 9. hp = high post 10-32 nf- 2b screw thread. hl = high post m5x0.8 screw thread. cd = ute m5x0.8 screw thread. cp = low post 1 / 4 -28 nf-2b screw thread. ch = high post 1 / 4 -28 nf-2b screw thread. ca = low post m6x1 screw thread. cs = high post m6x1 screw thread. dc rated voltage. fields 5, 6 and 7. expressed in volts. the first two digits are significant figures inserted in fields 5 and 6, and the third digit inserted in field 7 indicates the number of zeros for rated voltage of 10vdc or more. r indicates the decimal point for rated voltage less than 10vdc (e.g. 4r0 = 4.0vdc; 400 = 40vdc; 401 = 400vdc). series name. fields 2, 3 and 4. enter the 3-letter/digit series name in fields 2, 3 and 4. if the series name is only 2 letters/digits, place a dash in field 4. for a series name with more than 3 letters/digits, refer to the individual series for the appropriate 3-field series name. capacitor type. field 1. aluminum electrolytic capacitor (polar). part numbering system for u36f series when ordering, always specify complete 18-field global part number. e 3 6f 4 01 cp n 103 m f e3 m 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 18 9 8 7 6 5 4 3 2 1 18 fields
u36f series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 10 4 u36f large can 85 c ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l ( mm ) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c 120hz 300hz > 3khz 350 volts 400 volts surge 2,200 e36f351hpn222mca5m 50 105 ca5 45 8.2 9.9 11.5 2,200 e36f351hpn222mcd0m 50 130 cd0 39 9.9 12.8 14.8 2,700 e36f351hpn272mcb7m 50 117 cb7 37 9.6 11.5 13.4 2,200 e36f351cpn222md79m 63.5 79 d79 45 8.2 9.9 11.5 2,200 e36f351cpn222mda5m 63.5 105 da5 39 9.9 12.8 14.8 2,700 e36f351cpn272md92m 63.5 92 d92 37 9.6 11.5 13.4 2,700 e36f351cpn272mdd0m 63.5 130 dd0 32 11.8 15.4 17.7 3,300 e36f351cpn332mda5m 63.5 105 da5 30 11.1 13.3 15.6 3,300 e36f351cpn332mde3m 63.5 143 de3 26 14.3 18.6 21.4 3,900 e36f351cpn392mdd0m 63.5 130 dd0 26 13.7 16.4 19.1 4,700 e36f351cpn472mde3m 63.5 143 de3 21 15.1 18.1 21.2 5,600 e36f351cpn562mdn0m 63.5 220 dn0 15 21.5 28.0 32.3 8,200 e36f351cpn822mdn0m 63.5 220 dn0 12 23.9 28.7 33.5 2,700 e36f351cpn272me92m 76 92 e92 32 11.8 15.4 17.7 3,300 e36f351cpn332me79m 76 79 e79 30 11.1 13.3 15.6 3,300 e36f351cpn332mea5m 76 105 ea5 26 14.3 18.6 21.4 3,900 e36f351cpn392me92m 76 92 e92 26 13.7 16.4 19.1 3,900 e36f351cpn392meb7m 76 117 eb7 22 15.7 20.5 23.6 4,700 e36f351cpn472mea5m 76 105 ea5 21 15.1 18.1 21.2 4,700 e36f351cpn472mee3m 76 143 ee3 18 18.8 24.5 28.2 5,600 e36f351cpn562meb7m 76 117 eb7 18 17.1 20.5 24.0 6,800 e36f351cpn682mee3m 76 143 ee3 16 19.9 23.9 27.8 6,800 e36f351cpn682mej0m 76 180 ej0 13 23.7 30.8 35.6 8,200 e36f351cpn822men0m 76 220 en0 11 30.1 39.2 45.2 10,000 e36f351cpn103mej0m 76 180 ej0 10 27.5 33.0 38.5 12,000 e36f351cpn123men0m 76 220 en0 8 33.5 40.2 46.9 3,900 e36f351cpn392mf92m 89 92 f92 22 15.7 20.5 23.6 4,700 e36f351cpn472mfa5m 89 105 fa5 18 18.8 24.5 28.2 5,600 e36f351cpn562mf92m 89 92 f92 18 17.1 20.5 24.0 5,600 e36f351cpn562mfb7m 89 117 fb7 15 21.5 28.0 32.3 6,800 e36f351cpn682mfa5m 89 105 fa5 16 19.9 23.9 27.8 6,800 e36f351cpn682mfd0m 89 130 fd0 13 23.7 30.8 35.6 8,200 e36f351cpn822mfd0m 89 130 fd0 12 23.9 28.7 33.5 8,200 e36f351cpn822mfe3m 89 143 fe3 11 30.1 39.2 45.2 10,000 e36f351cpn103mfe3m 89 143 fe3 10 27.5 33.0 38.5 10,000 e36f351cpn103mfk0m 89 190 fk0 9 34.0 44.2 51.0 12,000 e36f351cpn123mff5m 89 155 ff5 8 33.5 40.2 46.9 12,000 e36f351cpn123mfn0m 89 220 fn0 7 39.6 51.5 59.5 15,000 e36f351cpn153mfk0m 89 190 fk0 7 38.2 45.9 53.5 18,000 e36f351cpn183mfn0m 89 220 fn0 6 44.6 53.5 62.4 400 volts 450 volts surge 2,200 e36f401hpn222mca5m 50 105 ca5 45 8.2 9.9 11.5 2,200 e36f401hpn222mcd0m 50 130 cd0 39 9.9 12.8 14.8 2,700 e36f401hpn272mcb7m 50 117 cb7 37 9.6 11.5 13.4 2,200 e36f401cpn222md79m 63.5 79 d79 45 8.2 9.9 11.5 2,200 e36f401cpn222mda5m 63.5 105 da5 39 9.9 12.8 14.8 2,700 e36f401cpn272md92m 63.5 92 d92 37 9.6 11.5 13.4 2,700 e36f401cpn272mdd0m 63.5 130 dd0 32 11.8 15.4 17.7 3,300 e36f401cpn332mda5m 63.5 105 da5 30 11.1 13.3 15.6 3,300 e36f401cpn332mde3m 63.5 143 de3 26 14.3 18.6 21.4 3,900 e36f401cpn392mdd0m 63.5 130 dd0 26 13.7 16.4 19.1 4,700 e36f401cpn472mde3m 63.5 143 de3 21 15.1 18.1 21.2 5,600 e36f401cpn562mdn0m 63.5 220 dn0 15 21.5 28.0 32.3 8,200 e36f401cpn822mdn0m 63.5 220 dn0 12 23.9 28.7 33.5 2,700 e36f401cpn272me92m 76 92 e92 32 11.8 15.4 17.7 3,300 e36f401cpn332me79m 76 79 e79 30 11.1 13.3 15.6 3,300 e36f401cpn332mea5m 76 105 ea5 26 14.3 18.6 21.4 3,900 e36f401cpn392me92m 76 92 e92 26 13.7 16.4 19.1 3,900 e36f401cpn392meb7m 76 117 eb7 22 15.7 20.5 23.6
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 10 5 u36f series u36f large can 85 c ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l ( mm ) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c 120hz 300hz > 3khz 400 volts 450 volts surge 4,700 e36f401cpn472mea5m 76 105 ea5 21 15.1 18.1 21.2 4,700 e36f401cpn472mee3m 76 143 ee3 18 18.8 24.5 28.2 5,600 e36f401cpn562meb7m 76 117 eb7 18 17.1 20.5 24.0 6,800 e36f401cpn682mee3m 76 143 ee3 16 19.9 23.9 27.8 6,800 e36f401cpn682mej0m 76 180 ej0 13 23.7 30.8 35.6 8,200 e36f401cpn822men0m 76 220 en0 11 30.1 39.2 45.2 10,000 e36f401cpn103men0m 76 220 en0 10 27.5 33.0 38.5 3,900 e36f401cpn392mf92m 89 92 f92 22 15.7 20.5 23.6 4,700 e36f401cpn472mfa5m 89 105 fa5 18 18.8 24.5 28.2 5,600 e36f401cpn562mf92m 89 92 f92 18 17.1 20.5 24.0 5,600 e36f401cpn562mfb7m 89 117 fb7 15 21.5 28.0 32.3 6,800 e36f401cpn682mfa5m 89 105 fa5 16 19.9 23.9 27.8 6,800 e36f401cpn682mfd0m 89 130 fd0 13 23.7 30.8 35.6 8,200 e36f401cpn822mfd0m 89 130 fd0 12 23.9 28.7 33.5 8,200 e36f401cpn822mfe3m 89 143 fe3 11 30.1 39.2 45.2 10,000 e36f401cpn103mfe3m 89 143 fe3 10 27.5 33.0 38.5 10,000 e36f401cpn103mfk0m 89 190 fk0 9 34.0 44.2 51.0 12,000 e36f401cpn123mfk0m 89 190 fk0 8 33.5 40.2 46.9 15,000 E36F401CPN153MFN0M 89 220 fn0 7 38.2 45.9 53.5 420 volts 470 volts surge 1,500 e36f421hpn152mca5m 50 105 ca5 89 6.7 8.0 9.4 1,500 e36f421hpn152mcd0m 50 130 cd0 76 8.0 10.4 12.0 1,800 e36f421hpn182mcb7m 50 117 cb7 74 7.7 9.3 10.8 1,800 e36f421hpn182mce3m 50 143 ce3 63 9.2 11.9 13.7 2,200 e36f421hpn222mce3m 50 143 ce3 61 9.3 11.2 13.0 1,500 e36f421cpn152md92m 63.5 92 d92 89 6.7 8.0 9.4 1,500 e36f421cpn152mda5m 63.5 105 da5 76 8.0 10.4 12.0 1,800 e36f421cpn182mda5m 63.5 105 da5 74 7.7 9.3 10.8 1,800 e36f421cpn182mdb7m 63.5 117 db7 63 9.2 11.9 13.7 2,200 e36f421cpn222mdb7m 63.5 117 db7 61 9.3 11.2 13.0 2,200 e36f421cpn222mde3m 63.5 143 de3 52 11.1 14.4 16.6 2,700 e36f421cpn272mdd0m 63.5 130 dd0 49 11.1 13.4 15.7 3,900 e36f421cpn392mdn0m 63.5 220 dn0 29 17.6 22.9 26.5 2,200 e36f421cpn222mea5m 76 105 ea5 52 11.1 14.4 16.6 2,700 e36f421cpn272mea5m 76 105 ea5 49 11.1 13.4 15.7 2,700 e36f421cpn272meb7m 76 117 eb7 42 12.9 16.7 19.3 3,300 e36f421cpn332meb7m 76 117 eb7 40 12.9 15.5 18.1 3,300 e36f421cpn332mee3m 76 143 ee3 34 14.8 19.3 22.2 3,900 e36f421cpn392med0m 76 130 ed0 34 14.8 17.8 20.8 4,700 e36f421cpn472mee3m 76 143 ee3 28 17.0 20.4 23.8 4,700 e36f421cpn472mej0m 76 180 ej0 24 20.2 26.2 30.2 5,600 e36f421cpn562mej0m 76 180 ej0 24 19.5 23.4 27.3 5,600 e36f421cpn562men0m 76 220 en0 20 22.8 29.7 34.2 6,800 e36f421cpn682men0m 76 220 en0 20 22.3 26.8 31.3 2,700 e36f421cpn272mf92m 89 92 f92 42 12.9 16.7 19.3 3,300 e36f421cpn332mf92m 89 92 f92 40 12.9 15.5 18.1 3,300 e36f421cpn332mfa5m 89 105 fa5 34 14.8 19.3 22.2 3,900 e36f421cpn392mfa5m 89 105 fa5 34 14.8 17.8 20.8 3,900 e36f421cpn392mfd0m 89 130 fd0 29 17.6 22.9 26.5 4,700 e36f421cpn472mfb7m 89 117 fb7 28 17.0 20.4 23.8 4,700 e36f421cpn472mfe3m 89 143 fe3 24 20.2 26.2 30.2 5,600 e36f421cpn562mfd0m 89 130 fd0 24 19.5 23.4 27.3 5,600 e36f421cpn562mff5m 89 155 ff5 20 22.8 29.7 34.2 6,800 e36f421cpn682mfe3m 89 143 fe3 20 22.3 26.8 31.3 6,800 e36f421cpn682mfk0m 89 190 fk0 17 27.5 35.8 41.3 8,200 e36f421cpn822mfd0m 89 190 fk0 16 27.8 33.4 39.0 8,200 e36f421cpn822mfn0m 89 220 fn0 14 32.2 41.8 48.3 10,000 e36f421cpn103mfn0m 89 220 fn0 13 32.7 39.3 45.8
u36f series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 10 6 u36f large can 85 c ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l ( mm ) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c 120hz 300hz > 3khz 450 volts 500 volts surge 1,500 e36f451hpn152mcb7m 50 117 cb7 89 7.0 8.4 9.9 1,500 e36f451hpn152mce3m 50 143 ce3 76 8.4 10.9 12.7 1,800 e36f451hpn182mcd0m 50 130 cd0 74 8.1 9.7 11.3 1,500 e36f451cpn152md92m 63.5 92 d92 89 7.0 8.4 9.9 1,500 e36f451cpn152mdb7m 63.5 117 db7 76 8.4 10.9 12.7 1,800 e36f451cpn182mda5m 63.5 105 da5 74 8.1 9.7 11.3 1,800 e36f451cpn182mdd0m 63.5 130 dd0 63 9.5 12.3 14.2 2,200 e36f451cpn222mda5m 63.5 105 da5 61 9.6 11.6 13.5 2,200 e36f451cpn222mde3m 63.5 143 de3 52 11.4 14.9 17.1 2,700 e36f451cpn272mde3m 63.5 143 de3 49 11.3 13.5 15.8 1,800 e36f451cpn182me92m 76 92 e92 63 9.5 12.3 14.2 2,200 e36f451cpn222me92m 76 92 e92 61 9.6 11.6 13.5 2,200 e36f451cpn222meb7m 76 117 eb7 52 11.4 14.9 17.1 2,700 e36f451cpn272mea5m 76 105 ea5 49 11.3 13.5 15.8 2,700 e36f451cpn272med0m 76 130 ed0 42 13.4 17.5 20.2 3,300 e36f451cpn332meb7m 76 117 eb7 40 12.9 15.5 18.1 3,300 e36f451cpn332mee3m 76 143 ee3 34 15.5 20.1 23.2 3,900 e36f451cpn392med0m 76 130 ed0 34 14.8 17.8 20.8 3,900 e36f451cpn392mej0m 76 180 ej0 29 17.6 22.9 26.5 4,700 e36f451cpn472mee3m 76 143 ee3 28 17.1 20.5 23.9 4,700 e36f451cpn472men0m 76 220 en0 24 20.9 27.2 31.4 5,600 e36f451cpn562mej0m 76 180 ej0 24 20.3 24.3 28.4 6,800 e36f451cpn682men0m 76 220 en0 20 23.2 27.8 32.4 2,700 e36f451cpn272mfa5m 89 105 fa5 42 13.4 17.5 20.2 3,300 e36f451cpn332mf92m 89 92 f92 40 12.9 15.5 18.1 3,300 e36f451cpn332mfb7m 89 117 fb7 34 15.5 20.1 23.2 3,900 e36f451cpn392mfa5m 89 105 fa5 34 14.8 17.8 20.8 3,900 e36f451cpn392mfd0m 89 130 fd0 29 17.6 22.9 26.5 4,700 e36f451cpn472mfb7m 89 117 fb7 28 17.1 20.5 23.9 4,700 e36f451cpn472mff5m 89 155 ff5 24 20.9 27.2 31.4 5,600 e36f451cpn562mfe3m 89 143 fe3 24 20.3 24.3 28.4 5,600 e36f451cpn562mfk0m 89 190 fk0 20 25.0 32.5 37.5 6,800 e36f451cpn682mff5m 89 155 ff5 20 23.2 27.8 32.4 6,800 e36f451cpn682mfn0m 89 220 fn0 17 29.3 38.1 44.0 8,200 e36f451cpn822mfk0m 89 190 fk0 16 27.8 33.4 39.0 10,000 e36f451cpn103mfn0m 89 220 fn0 13 32.7 39.3 45.8 500 volts 550 volts surge 1,500 e36f501hpn152mcd0m 50 130 cd0 107 6.7 8.0 9.4 1,800 e36f501hpn182mce3m 50 143 ce3 89 7.7 9.2 10.8 1,500 e36f501cpn152md92m 63.5 92 d92 107 6.7 8.0 9.4 1,500 e36f501cpn152mdd0m 63.5 130 dd0 93 8.3 10.8 12.5 1,800 e36f501cpn182mda5m 63.5 105 da5 89 7.7 9.2 10.8 1,800 e36f501cpn182mde3m 63.5 143 de3 78 9.5 12.4 14.3 2,200 e36f501cpn222mdd0m 63.5 130 dd0 73 9.0 10.8 12.6 2,700 e36f501cpn272mde3m 63.5 143 de3 59 10.5 21.6 14.7 1,500 e36f501cpn152me92m 76 92 e92 93 8.3 10.8 12.5 1,800 e36f501cpn182mea5m 76 105 ea5 78 9.5 12.4 14.3 2,200 e36f501cpn222me92m 76 92 e92 73 9.0 10.8 12.6 2,200 e36f501cpn222meb7m 76 117 eb7 64 10.7 13.9 16.0 2,700 e36f501cpn272mea5m 76 105 ea5 59 10.5 21.6 14.7 2,700 e36f501cpn272mee3m 76 143 ee3 52 12.9 16.8 19.4 3,300 e36f501cpn332med0m 76 130 ed0 48 12.1 14.5 16.9 3,300 e36f501cpn332mej0m 76 180 ej0 42 14.9 19.4 22.4 3,900 e36f501cpn392mee3m 76 143 ee3 41 13.8 16.6 19.3 3,900 e36f501cpn392men0m 76 220 en0 36 17.5 22.8 26.3 4,700 e36f501cpn472mef5m 76 155 ef5 34 16.6 19.9 23.3 5,600 e36f501cpn562mej0m 76 180 ej0 29 18.9 22.7 26.4 6,800 e36f501cpn682men0m 76 220 en0 24 23.1 27.8 32.4
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 10 7 u36f series u36f large can 85 c ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l ( mm ) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c 120hz 300hz > 3khz 500 volts 550 volts surge 2,200 e36f501cpn222mfa5m 89 105 fa5 64 10.7 13.9 16.0 2,700 e36f501cpn272mfb7m 89 117 fb7 52 12.9 16.8 19.4 3,300 e36f501cpn332mf92m 89 92 f92 48 12.1 14.5 16.9 3,300 e36f501cpn332mfd0m 89 130 fd0 42 14.9 19.4 22.4 3,900 e36f501cpn392mfa5m 89 105 fa5 41 13.8 16.6 19.3 3,900 e36f501cpn392mff5m 89 155 ff5 36 17.5 22.8 26.3 4,700 e36f501cpn472mfd0m 89 130 fd0 34 16.6 19.9 23.3 4,700 e36f501cpn472mfk0m 89 190 fk0 30 21.1 27.4 31.6 5,600 e36f501cpn562mfe3m 89 143 fe3 29 18.9 22.7 26.4 5,600 e36f501cpn562mfn0m 89 220 fn0 25 24.5 31.8 36.7 8,200 e36f501cpn822mfk0m 89 190 fk0 20 25.9 31.1 36.3


▲Up To Search▲   

 
Price & Availability of E36F401CPN153MFN0M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X