Part Number Hot Search : 
3EVKI ASI10671 MB1505W NESJ25 NTE13 KPD1203K APTGT20 ICS2495N
Product Description
Full Text Search
 

To Download D110L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  55to+150 55to+150 rrm /10 260 0.1 0.3 30 0.85 0.45 d120l d115l D110L d18l d14l d16l features the plastic package carries underwriters laboratory flammability classification 94v - 0 metal silicon junction,majority carrier conduction low power loss,high efficiency high temperature soldering guaranteed: seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension mechanical data case: sod - 123fl, molded plastic terminals: plated leads solderable per mil - std - 750, method 2026 polarity: color band denotes cathode end mounting position: any maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number symbol units peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v 40 60 80 100 150 200 v v rwm v dc rms reverse voltage v rms 28 42 56 70 105 140 v average rectified output current i o 1.0 a non - repetitive peak forward surge current 8.3ms single half sine - wave superimposed on (jedec method) i fsm a forward voltage per element @if=1.0a v fm 0.5 0.75 v peak reverse current at rated dc blocking voltage i r ma 10 5 typical junction capacitance (note 1) c j 110 80 pf operating junction temperature range t j - operating and storage temperature range t stg - note:1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 1 of 2 =90 a @t =100 =25 a @t a @t 2(2) 0.111(2.8) 0.095(2.4) 0.079(2.0) 0.063(1.6) 0.047(1.2) 0.032(0.8) 0.063(1.6) 0.079(2.0) 0.047(1.2) 0.032(0.8) dimensions in inches and (millimeters) 0.022(0.55) 0.037(0.95) sod-123fl 8(8) 0.035(0.9) 0.008(0.2) 0.004(0.1) 0.150(3.8) 0.134(3.4) 0.043(1.1) 0.150(3.8) 0.134(3.4) 1.0amp surface mount low vf schottky rectifier rated load version:01 d14 l thru d120l www.dyelec.com 1f1 thru 1f7 1.0 amp.fast recovery rectifiers features low leakage high current capability fast switching for high efficiency flammability classification 94v - o utilizing exceeds environmental standards of mil - s - 19500/228 mechanical data case: moeded plastic r - 1 terminals: axial leads solderable to mil - std - 202,method 208 polarity: color band dentes cathode end mounting position: any dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified single phase,half wave,60hz,resistive or inductive load for capacitive load derate current by 20% type number symbol fr101 fr102 fr103 fr104 fr105 fr106 fr107 unit maximum recurrent peak reverse voltage v rm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v average rectified output current (note 1) @ta=75 i o 1.0 a peak forward surge current 8.3ms single half sine - wave superimposed on rated load (jedec method) i fsm 30 a forward voltage @if=1.0a v fm 1.3 v peak reverse current @ta=25 i r 5.0 ua at rated dc blocking voltage @ta=100 500 maximum reverse recovery time (note3 ) t rr 150 250 500 ns typical junction capacitance (note 2) cj 12 pf typical thermal resistance junction to ambient(note 1) r ja 65 k/w operating temperature range t j - 55 to + 150 storage temperature range t stg - 55 to + 150 note: 1. leads maintained at ambient temperature at a distance of 9.5mm from the case 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c 3.reverse recovery test conditions: if=0.5a, ir=1.0a, irr=0.25a . version:a0 1of2 www.sddydz.com
0.1 0.3 0.5 0.7 0.9 1.1 fig. 3-maximum non-repetitive peak forward fig. 2-typical instantaneous forward 2 of 2 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 characteristics surge current fig. 1- forward current derating curve single phase half wave 60hz resistive or inductive load 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 fig. 4-typical reverse characteristics 30 25 20 15 10 5.0 0 1 10 100 8.3ms single half sine-wave (jedec method) 0.01 0.1 1 20 10 t =25 c pulse width=300 m s 1%duty cycle d16l d14l d115l-d120l average forward current (a) o i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward voltage (v) 1.0 peak forward surge current (a) number of cycles at 60 hz instantaneous reverse current (ma) percent of rated peak reverse volyage(%) d18l-D110L a t a =100 c t a =75 c t =25 c a version:01 d14 l thru d120l www.dyelec.com v , instantaneous f , ambient temperature ( c) a t i i i i v) (a f fsm r 1f1 thru 1f7 version:a0 2of2 www.sddydz.com


▲Up To Search▲   

 
Price & Availability of D110L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X