Part Number Hot Search : 
BF1008G1 LM842 485CN DTC12 1N2SH WM8197 1N2SH MDS140L
Product Description
Full Text Search
 

To Download CNX862XG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isocom components ltd unit 25b, park view road west, park view industrial estate, brenda road hartlepool, cleveland, ts25 1yd tel: (01429) 863609 fax :(01429) 863581 isocom inc 720 e., park boulevard, suite 104, plano, tx 75074 usa tel: (972) 423-5521 fax: (972) 422-4549 30/7/97 db90038-aas/a1 approvals l ul recognised, file no. e91231 'x' specification approvals l l l l l cnx82axg - vde 0884 approved l certified to en60950 by the following test bodies :- nemko - certificate no. p96101299 fimko - registration no. 190469-01..22 semko - reference no. 9620076 01 demko - reference no. 305567 description the cnx82ag series of optically coupled isolators consist of an infrared light emitting diode and a npn silicon photo transistor in a standard 6 pin dual in line plastic package with the base pin unconnected. features l high current transfer ratio (40% min) l low saturation voltage suitable for ttl integrated circuits l high bv ceo (50v min) l high isolation voltage (5.3kv rms ,7.5kv pk ) l base pin unconnected for improved noise immunity in high emi environment applications l dc motor controllers l industrial systems controllers l signal transmission between systems of different potentials and impedances 0.5 1 34 6 dimensions in mm 7.0 6.0 1.2 3.0 3.35 4.0 3.0 2.54 7.62 6.62 25 absolute maximum ratings (25c unless otherwise specified) storage temperature -55c to + 150c operating temperature -55c to + 100c lead soldering temperature (1/16 inch (1.6mm) from case for 10 secs) 260c input diode forward current 60ma reverse voltage 6v power dissipation 105mw output transistor collector-emitter voltage bv ceo 50v emitter-collector voltage bv eco 6v power dissipation 160mw power dissipation total power dissipation 200mw (derate linearly 2.67mw/ c above 25c) non-base lead optically coupled isolator phototransistor output cnx82axg, cnx82ag 0.5 7.62 10.16 0.26
db90038-aas/a1 parameter min typ max units test condition input forward voltage (v f ) 1.2 1.5 v i f = 10ma reverse voltage (v r )6vi r = 10 m a reverse current (i r )10 m av r = 6v output collector-emitter breakdown (bv ceo )50 v i c = 1ma ( note 2 ) emitter-collector breakdown (bv eco ) 6 v i e = 100 m a collector-emitter dark current (i ceo )50nav ce = 10v coupled current transfer ratio (i c / i f ) (note 2) 0.4 10ma i f , 0.4v v ce 1.5 10ma i f , 5v v ce collector-emitter saturation voltagev ce (sat) 0.4 v 10ma i f , 4ma i c input to output isolation voltage v iso 5300 v rms see note 1 7500 v pk see note 1 input-output isolation resistance r iso 5x10 10 w v io = 500v (note 1) turn-on time t on 3 m sv cc = 5v , i c = 2ma , turn-off time t off 3 m sr l = 100 w turn-on time t on 12 m sv cc = 5v , i c = 2ma , turn-off time t off 12 m sr l = 1k w note 1 measured with input leads shorted together and output leads shorted together. note 2 special selections are available on request. please consult the factory. 30/7/97 electrical characteristics ( t a = 25c unless otherwise noted )
db90038-aas/a1 30/7/97 50 ambient temperature t a ( c ) 150 0 200 ambient temperature t a ( c ) collector power dissipation p c (mw) 60 30 20 10 0 40 50 -30 0 25 50 75 100 125 collector power dissipation vs. ambient temperature forward current vs. ambient temperature -30 0 25 50 75 100 100 0 0.5 1.0 1.5 i f = 10ma v ce = 0.4v forward current i f (ma) relative current transfer ratio vs. ambient temperature relative current transfer ratio 70 80 1 2 5 10 20 50 0 0.8 1.2 1.6 2.0 2.4 0.4 2.8 v ce = 0.4v t a = 25c relative current transfer ratio relative current transfer ratio vs. forward current forward current i f (ma) collector current vs. collector-emitter voltage collector-emitter voltage v ce ( v ) collector current i c (ma) 0 2 4 6 8 10 0 10 20 30 40 50 t a = 25c i f = 5ma 10 15 20 30 50 -30 0 25 50 75 100 125 ambient temperature t a ( c ) collector-emitter saturation voltage v ce(sat) (v) collector-emitter saturation voltage vs. ambient temperature 0 0.04 0.08 0.12 0.16 0.20 0.24 0.28 i f = 10ma i c = 4ma -30 0 25 50 75 100 ambient temperature t a ( c )


▲Up To Search▲   

 
Price & Availability of CNX862XG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X