Part Number Hot Search : 
GF1A01 A25LQ64 NCS2200 UG2007 4805E HT12F TDA839 2SC1974
Product Description
Full Text Search
 

To Download BSC037N08NS5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mosfet metaloxidesemiconductorfieldeffecttransistor optimos tm optimos tm 5power-transistor ,80v BSC037N08NS5 datasheet rev.2.0 final powermanagement&multimarket
2 optimos tm 5power-transistor ,80v BSC037N08NS5 rev.2.0,2014-12-17 final data sheet superso8 1description features ?optimizedforhighperformancesmps,e.g.sync.rec. ?100%avalanchetested ?superiorthermalresistance ?n-channel ?qualifiedaccordingtojedec 1) fortargetapplications ?pb-freeleadplating;rohscompliant ?halogen-freeaccordingtoiec61249-2-21 table1keyperformanceparameters parameter value unit v ds 80 v r ds(on),max 3.7 m w i d 100 a q oss 56 nc q g (0v..10v) 46 nc type/orderingcode package marking relatedlinks BSC037N08NS5 pg-tdson-8 037n08ns - 1) j-std20 and jesd22 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
3 optimos tm 5power-transistor ,80v BSC037N08NS5 rev.2.0,2014-12-17 final data sheet tableofcontents description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 electrical characteristics diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 package outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 disclaimer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
4 optimos tm 5power-transistor ,80v BSC037N08NS5 rev.2.0,2014-12-17 final data sheet 2maximumratings at t j =25c,unlessotherwisespecified table2maximumratings values min. typ. max. parameter symbol unit note/testcondition continuous drain current i d - - - - - - 100 84 22 a v gs =10v, t c =25c v gs =10v, t c =100c v gs =10v, t c =25c, r thja =50k/w 1) pulsed drain current 2) i d,pulse - - 400 a t c =25c avalanche energy, single pulse 3) e as - - 140 mj i d =50a, r gs =25 w gate source voltage v gs -20 - 20 v - power dissipation p tot - - - - 114 2.5 w t c =25c t a =25c, r thja =50k/w 1) operating and storage temperature t j , t stg -55 - 150 c iec climatic category; din iec 68-1: 55/150/56 3thermalcharacteristics table3thermalcharacteristics values min. typ. max. parameter symbol unit note/testcondition thermal resistance, junction - case, bottom r thjc - 0.7 1.1 k/w - thermal resistance, junction - case, top r thjc - - 20 k/w - device on pcb, 6 cm 2 cooling area 1) r thja - - 50 k/w - 1) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. 2) see figure 3 for more detailed information 3) see figure 13 for more detailed information 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
5 optimos tm 5power-transistor ,80v BSC037N08NS5 rev.2.0,2014-12-17 final data sheet 4electricalcharacteristics table4staticcharacteristics values min. typ. max. parameter symbol unit note/testcondition drain-source breakdown voltage v (br)dss 80 - - v v gs =0v, i d =1ma gate threshold voltage v gs(th) 2.2 3 3.8 v v ds = v gs , i d =72a zero gate voltage drain current i dss - - 0.1 10 1 100 a v ds =80v, v gs =0v, t j =25c v ds =80v, v gs =0v, t j =125c gate-source leakage current i gss - 10 100 na v gs =20v, v ds =0v drain-source on-state resistance r ds(on) - - 3.4 4.4 3.7 5.3 m w v gs =10v, i d =50a v gs =6v, i d =25a gate resistance 1) r g - 1.3 2.0 w - transconductance g fs 47 94 - s | v ds |>2| i d | r ds(on)max , i d =50a table5dynamiccharacteristics values min. typ. max. parameter symbol unit note/testcondition input capacitance 1) c iss - 3200 4200 pf v gs =0v, v ds =40v, f =1mhz output capacitance 1) c oss - 530 690 pf v gs =0v, v ds =40v, f =1mhz reverse transfer capacitance 1) c rss - 25 44 pf v gs =0v, v ds =40v, f =1mhz turn-on delay time t d(on) - 14 - ns v dd =40v, v gs =10v, i d =50a, r g,ext =3 w rise time t r - 10 - ns v dd =40v, v gs =10v, i d =50a, r g,ext =3 w turn-off delay time t d(off) - 26 - ns v dd =40v, v gs =10v, i d =50a, r g,ext =3 w fall time t f - 7 - ns v dd =40v, v gs =10v, i d =50a, r g,ext =3 w 1) defined by design. not subject to production test 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
6 optimos tm 5power-transistor ,80v BSC037N08NS5 rev.2.0,2014-12-17 final data sheet table6gatechargecharacteristics 1)  values min. typ. max. parameter symbol unit note/testcondition gate to source charge q gs - 15 - nc v dd =40v, i d =50a, v gs =0to10v gate charge at threshold q g(th) - 9.0 - nc v dd =40v, i d =50a, v gs =0to10v gate to drain charge 2) q gd - 10 15 nc v dd =40v, i d =50a, v gs =0to10v switching charge q sw - 16 - nc v dd =40v, i d =50a, v gs =0to10v gate charge total 2) q g - 46 58 nc v dd =40v, i d =50a, v gs =0to10v gate plateau voltage v plateau - 4.8 - v v dd =40v, i d =50a, v gs =0to10v gate charge total, sync. fet q g(sync) - 40 - nc v ds =0.1v, v gs =0to10v output charge 2) q oss - 56 74 nc v dd =40v, v gs =0v table7reversediode values min. typ. max. parameter symbol unit note/testcondition diode continuous forward current i s - - 100 a t c =25c diode pulse current i s,pulse - - 400 a t c =25c diode forward voltage v sd - 0.9 1.1 v v gs =0v, i f =50a, t j =25c reverse recovery time 2) t rr - 41 83 ns v r =40v, i f =50a,d i f /d t =100a/s reverse recovery charge 2) q rr - 36 72 nc v r =40v, i f =50a,d i f /d t =100a/s 1) see 2 gate charge waveforms 2 for parameter definition 2) defined by design. not subject to production test 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
7 optimos tm 5power-transistor ,80v BSC037N08NS5 rev.2.0,2014-12-17 final data sheet 5electricalcharacteristicsdiagrams diagram1:powerdissipation t c [c] p tot [w] 0 25 50 75 100 125 150 175 0 20 40 60 80 100 120 p tot =f( t c ) diagram2:draincurrent t c [c] i d [a] 0 25 50 75 100 125 150 175 0 20 40 60 80 100 120 i d =f( t c ); v gs 3 10v diagram3:safeoperatingarea v ds [v] i d [a] 10 -1 10 0 10 1 10 2 10 -1 10 0 10 1 10 2 10 3 1 s 10 s 100 s 1 ms 10 ms dc i d =f( v ds ); t c =25c; d =0;parameter: t p diagram4:max.transientthermalimpedance t p [s] z thjc [k/w] 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 -3 10 -2 10 -1 10 0 10 1 0.5 0.2 0.1 0.05 0.02 0.01 single pulse z thjc =f( t p );parameter: d = t p / t 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
8 optimos tm 5power-transistor ,80v BSC037N08NS5 rev.2.0,2014-12-17 final data sheet diagram5:typ.outputcharacteristics v ds [v] i d [a] 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 40 80 120 160 200 240 280 320 360 400 10 v 7 v 6 v 5.5 v 5 v i d =f( v ds ); t j =25c;parameter: v gs diagram6:typ.drain-sourceonresistance i d [a] r ds(on)  [m w ] 0 50 100 150 200 250 300 350 400 0 1 2 3 4 5 6 7 8 5 v 5.5 v 6 v 7 v 10 v r ds(on) =f( i d ); t j =25c;parameter: v gs diagram7:typ.transfercharacteristics v gs [v] i d [a] 0 2 4 6 8 0 40 80 120 160 200 240 280 320 360 400 150 c 25 c i d =f( v gs );| v ds |>2| i d | r ds(on)max ;parameter: t j diagram8:typ.forwardtransconductance i d [a] g fs [s] 0 20 40 60 80 100 0 20 40 60 80 100 120 140 g fs =f( i d ); t j =25c 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
9 optimos tm 5power-transistor ,80v BSC037N08NS5 rev.2.0,2014-12-17 final data sheet diagram9:drain-sourceon-stateresistance t j [c] r ds(on)  [m w ] -60 -20 20 60 100 140 180 0 1 2 3 4 5 6 7 max typ r ds(on) =f( t j ); i d =50a; v gs =10v diagram10:typ.gatethresholdvoltage t j [c] v gs(th) [v] -60 -20 20 60 100 140 180 0 1 2 3 4 5 720 a 72 a v gs(th) =f( t j ); v gs = v ds diagram11:typ.capacitances v ds [v] c [pf] 0 20 40 60 80 10 1 10 2 10 3 10 4 ciss coss crss c =f( v ds ); v gs =0v; f =1mhz diagram12:forwardcharacteristicsofreversediode v sd [v] i f [a] 0.0 0.5 1.0 1.5 2.0 10 0 10 1 10 2 10 3 25 c 150 c 25 c, max 150 c, max i f =f( v sd );parameter: t j 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
10 optimos tm 5power-transistor ,80v BSC037N08NS5 rev.2.0,2014-12-17 final data sheet diagram13:avalanchecharacteristics t av [s] i av [a] 10 0 10 1 10 2 10 3 10 0 10 1 10 2 25 c 100 c 125 c i as =f( t av ); r gs =25 w ;parameter: t j(start) diagram14:typ.gatecharge q gate [nc] v gs [v] 0 10 20 30 40 50 0 1 2 3 4 5 6 7 8 9 10 16 v 40 v 64 v v gs =f( q gate ); i d =50apulsed;parameter: v dd diagram15:drain-sourcebreakdownvoltage t j [c] v br(dss) [v] -60 -20 20 60 100 140 180 76 78 80 82 84 86 v br(dss) =f( t j ); i d =1ma 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4 gate charge waveforms
11 optimos tm 5power-transistor ,80v BSC037N08NS5 rev.2.0,2014-12-17 final data sheet 6packageoutlines figure1outlinepg-tdson-8,dimensionsinmm 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4 gate charge waveforms ?
12 optimos tm 5power-transistor ,80v BSC037N08NS5 rev.2.0,2014-12-17 final data sheet revisionhistory BSC037N08NS5 revision:2014-12-17,rev.2.0 previous revision revision date subjects (major changes since last revision) 2.0 2014-12-17 release of final version welistentoyourcomments anyinformationwithinthisdocumentthatyoufeeliswrong,unclearormissingatall?yourfeedbackwillhelpustocontinuously improvethequalityofthisdocument.pleasesendyourproposal(includingareferencetothisdocument)to: erratum@infineon.com publishedby infineontechnologiesag 81726mnchen,germany ?2014infineontechnologiesag allrightsreserved. legaldisclaimer theinformationgiveninthisdocumentshallinnoeventberegardedasaguaranteeofconditionsorcharacteristics.with respecttoanyexamplesorhintsgivenherein,anytypicalvaluesstatedhereinand/oranyinformationregardingtheapplication ofthedevice,infineontechnologiesherebydisclaimsanyandallwarrantiesandliabilitiesofanykind,includingwithout limitation,warrantiesofnon-infringementofintellectualpropertyrightsofanythirdparty. information forfurtherinformationontechnology,deliverytermsandconditionsandpricespleasecontactyournearestinfineon technologiesoffice( www.infineon.com ). warnings duetotechnicalrequirements,componentsmaycontaindangeroussubstances.forinformationonthetypesinquestion, pleasecontactthenearestinfineontechnologiesoffice. theinfineontechnologiescomponentdescribedinthisdatasheetmaybeusedinlife-supportdevicesorsystemsand/or automotive,aviationandaerospaceapplicationsorsystemsonlywiththeexpresswrittenapprovalofinfineontechnologies,ifa failureofsuchcomponentscanreasonablybeexpectedtocausethefailureofthatlife-support,automotive,aviationand aerospacedeviceorsystemortoaffectthesafetyoreffectivenessofthatdeviceorsystem.lifesupportdevicesorsystemsare intendedtobeimplantedinthehumanbodyortosupportand/ormaintainandsustainand/orprotecthumanlife.iftheyfail,itis reasonabletoassumethatthehealthoftheuserorotherpersonsmaybeendangered. 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4 gate charge waveforms ?


▲Up To Search▲   

 
Price & Availability of BSC037N08NS5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X