product structure : silicon monolithic integrated circuit this product has no designed protection against radioactive rays . 1/ 24 tsz02201 - 0f5f0c100090 - 1 - 2 ? 20 16 rohm co., ltd. all rights reserved. 31.jan.2016 rev.001 tsz22111 ? 14 ? 001 www.rohm.com pfc direct current resonance type white led driver for large lcd bd92111f general description bd92111f is a current resonance type led driver with frequency-controlled led current. it can connect to pfc directly and can use half-bridge structure reducing the number of external components. it incorporates some protection functions against fault conditions such as over-voltage protection and led open detection (is low detection). features ? 20v high rating process ? 1 channel push-pull control ? current and voltage feedback by driving frequency ? adjustable soft start ? adjustable timer latch ? under-voltage detection for ic s power l ine ? output over-voltage protection ? output error signal from fail terminal ? shift to save mode by stb terminal ? burst control by external pwm signal applications ? tv, computer display, lcd backlighting. key specifications ? operating power supply voltage range: 8 .0v to 18.0v ? minimum oscillator frequency: 6 5.8 khz (r rt = 2 2 k , r adj = 36 k ,v fb = 3.2v ) ? operating current: 2.3ma (ty p) ? operating temperature range: -40 c to +85c package w(typ) x d(typ) x h(max) sop18 11.20mm x 7.80mm x 2.01mm pin pitch 1.27mm figure. 1 sop18 typical application circuit figure. 2 typical application circuit(s) < primary side > gnd pvin < secondary side > gnd vcc vcc gnd pwmin pwm fail err on /off stb t1 pdim pdim r rt r adj c fbis c fbvs r fbvs r fbis c cp c sdon c ss r s datashee t
2 / 24 tsz02201 - 0f5f0c100090 - 1 - 2 ? 20 16 ro hm co., ltd. all rights reserved. 31.jan.2016 rev.001 www.rohm.com tsz22111 ? 15 ? 001 b d92111 f contents general description ................................ ................................ ................................ ................................ .................... 1 features ................................ ................................ ................................ ................................ ................................ ....... 1 applications ................................ ................................ ................................ ................................ ................................ 1 key specifications ................................ ................................ ................................ ................................ ...................... 1 package ................................ ................................ ................................ ................................ ................................ ....... 1 typical application circuit ................................ ................................ ................................ ................................ ......... 1 abso lute maximum ratings ................................ ................................ ................................ ................................ ....... 3 recommended operating conditions ................................ ................................ ................................ ...................... 3 external components recomm ended range ................................ ................................ ................................ .......... 3 pin configuration ................................ ................................ ................................ ................................ ........................ 3 physical dimension and marking diagram ................................ ................................ ................................ .............. 3 electrical characteristics ................................ ................................ ................................ ................................ ........... 4 pin description ................................ ................................ ................................ ................................ ............................ 6 i/o equivalent circuits ................................ ................................ ................................ ................................ ................ 7 block diagram ................................ ................................ ................................ ................................ ............................. 8 typical performance curves ................................ ................................ ................................ ................................ ..... 9 pin function description ................................ ................................ ................................ ................................ ......... 10 detection condition list of the prot ection functions ................................ ................................ .......................... 15 behavior list of the protect function ................................ ................................ ................................ .................... 15 application example ................................ ................................ ................................ ................................ ................ 16 timing chart ................................ ................................ ................................ ................................ .............................. 17 operational notes ................................ ................................ ................................ ................................ ..................... 20 ordering information ................................ ................................ ................................ ................................ ................ 22 marking diagrams ................................ ................................ ................................ ................................ ..................... 22 physical dimension, tape and reel information ................................ ................................ ................................ ... 23 revision history ................................ ................................ ................................ ................................ ....................... 24
3 / 24 tsz02201 - 0f5f0c100090 - 1 - 2 ? 20 16 ro hm co., ltd. all rights reserved. 31.jan.2016 rev.001 www.rohm.com tsz22111 ? 15 ? 001 b d92111 f absolute maximum ratings (ta = 25c) parameter symbol rating unit supply voltage v cc 20 v stb, n2, n1 terminal voltage v stb , v n2 , v n1 20 v rt,fb,is,vs,pwmcmp,cp, pwmin ,ss,fail, comp,sdon , compsd terminal voltage v rt , v fb , v is , v vs , v pwmcmp , v cp , v pwmin , v adim , v ss , v fail ,v comp ,v sdon , v co mpsd 5.5 v power dissipation pd 0.69 (note 1) w operating temperature range topr - 40 to +85 c junction temperature tjmax 150 c storage temperature range tstg - 55 to +150 c (note 1) derating in done 5.5 mw/ & |