Part Number Hot Search : 
GBU8A 13000 V0DS00 101MELY D1621 4S6R51 SK25B 74V2T00
Product Description
Full Text Search
 

To Download B82733F2112B001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a~~=p a~~=p power line chokes current-compensated frame core double chokes 300 v ac, 0.7 ? 2.3 a, 10 ? 100 mh, +40 c series/type: b82733f/v date: may 2015 ? epcos ag 2015. reproduction, publicati on and dissemination of this publicatio n, enclosures hereto and the information contained therein without epcos' pr ior express consent is prohibited. epcos ag is a tdk group company.
2 05/15 please read cautions and warnings and important notes at the end of this document. rated voltage 300 v ac rated inductance 10 ... 100 mh rated current 0.7 ... 2.3 a / +40 c construction current-compensated frame double chokes closed magnetic circuit with frame construction made of ferrite epoxy coating (ul94 v-0) plastic coil former (ul94 v-0) 2-section winding sector winding clearance and creepage distances >4 mm features high inductance with low resistance approx. 2% stray inductance for symmetrical interference suppression high pulse-handling capability very good inductance/rated current ratio low height (14 mm, b82733f) suitable for wave soldering design complies with en 60938-2 (vde 0565-2) and ul 1283 enec (vde) and ul approval rohs-compatible applications suppression of common-mode and differential-mode interferences electronic ballasts for lamps switch-mode power applications terminals base material cp wire hot dipped pins 0.7 u 0.7 mm lead spacing: b82733f: 20 u 22.5 mm b82733v: 10 u 18.75 mm marking product brand, date of manufacture (yywwd), production place identification code, ordering code, approval signs delivery mode polystyrene tray, anti-static, in cardboard box b82733f/v power line chokes current-compensated frame core double chokes
3 05/15 please read cautions and warnings and important notes at the end of this document. dimensional drawing and layout recommendation b82733f (horizontal version) b82733v (vertical version) b82733f/v power line chokes current-compensated frame core double chokes
4 05/15 please read cautions and warnings and important notes at the end of this document. technical data and measuring conditions rated voltage v r 300 v ac (50/60 hz) test voltage v test 2000 v ac, 2 s (line/line) rated temperature t r +40 q c rated current i r referred to 50 hz and rated temperature rated inductance l r measured with agilent 4284a at 10 khz, 0.1 ma, +20 c. inductance is specified per winding. inductance tolerance ?30/+50% at +20 c inductance decrease ' l/l 0 <10% at dc magnetic bias with i r , +20 c stray inductance l stray,typ measured with agilent 4284a at 10 khz, 5 ma, +20 c, typical values dc resistance r typ measured at +20 c; typical values, specified per winding solderability (lead-free) sn96.5ag3.0cu0.5: +(245 r 5) c, (3 r 0.3) s wetting of soldering area t 95% (to iec 60068-2-20, test ta) resistance to soldering heat (wave soldering) +(260 r 5) c, (10 r 1) s (to iec 60068-2-20, test tb) climatic category 40/125/56 (to iec 60068-1) pollution degree p2 (to iec 61558-1) storage conditions (packaged) ?25 c ? +40 c, d 75% rh weight approx. 18 g approvals en 60938-2, ul 1283 b82733f/v power line chokes current-compensated frame core double chokes c
5 05/15 please read cautions and warnings and important notes at the end of this document. b82733f/v power line chokes characteristics and ordering codes u = approval granted i r a l r mh l stray,typ p h r typ m : ordering code horizontal vertical approvals 0.7 100 2100 1810 b82733f2701b001 b82733v2701b001 uu 0.9 68 1440 1100 b82733f2901b001 b82733v2901b001 uu 1.1 47 970 804 B82733F2112B001 b82733v2112b001 uu 1.2 39 800 696 b82733f2122b001 b82733v2122b001 uu 1.4 27 550 440 b82733f2142b001 b82733v2142b001 uu 1.9 15 310 279 b82733f2192b001 b82733v2192b001 uu 2.3 10 210 188 b82733f2232b001 b82733v2232b001 uu impedance |z| versus frequency f measured with windings in parallel at +20 c, typical values current derating i op /i r versus ambient temperature t a current-compensated frame core double chokes
6 05/15 cautions and warnings please note the recommendations in our inductors data book (latest edition) and in the data sheets. ? particular attention should be paid to the derating curves given there. ? the soldering conditions should also be observed. temperatures quoted in relation to wave soldering refer to the pin, not the housing. if the components are to be washed varnished it is necessary to check whether the washing varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. in particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation. washing processes may damage the product due to the possible static or cyclic mechanical loads (e.g. ultrasonic cleaning). they may cause cracks to develop on the product and its parts, which might lead to reduced reliability or lifetime. the following points must be observed if the components are potted in customer applications: ? many potting materials shrink as they harden. they therefore exert a pressure on the plastic housing or core. this pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. ? it is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. ? the effect of the potting material can change the high-frequency behaviour of the components. ferrites are sensitive to direct impact. this can cause the core material to flake, or lead to breakage of the core. even for customer-specific products, conclusive validation of the component in the circuit can only be carried out by the customer. display of ordering codes for epcos products the ordering code for one and the same product can be represented differently in data sheets, data books, other publications and the website of epcos, or in order-related documents such as shipping notes, order confirmations and product labels. the varying representations of the ordering codes are due to different processes employed and do not affect the specifications of the respective products . detailed information can be found on the internet under www.epcos.com/orderingcodes. please read cautions and warnings and important notes at the end of this document.
7 05/15 important notes the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it mu st therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed . 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, alu-x, ceradiode, ceralink, cerapad, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, exocore, filtercap, formfit, leaxield, miniblue, minicell, mkd, mkk, motorcap, pcc, phasecap, phasecube, phasemod, phicap, pqsine, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, tfap, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B82733F2112B001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X