Part Number Hot Search : 
P5630 F1005 C8024 LM301A PMX1MM LPS600 1SS40207 1N2130A
Product Description
Full Text Search
 

To Download AUIRGP50B60PD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  warp2 series igbt withultrafast soft recovery diode  ? low v ce(on) npt technology, positive temperature coefficient ? lower parasitic capacitances ? minimal tail current ? hexfred ultra fast soft-recovery co-pack diode ? tighter distribution of parameters ? lead-free, rohs compliant ? automotive qualified * benefits ? parallel operation for higher current applications ? lower conduction losses and switching losses ? higher switching frequency up to 150khz e g n-channel c v ces = 600v v ce(on) typ. = 2.00v @ v ge = 15v i c = 33a equivalent mosfet parameters  r ce(on) typ. = 61m i d (fet equivalent) = 50a
  ? automotive hev and ev ? pfc and zvs smps circuits absolute maximum ratingsstresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress rating s only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied.exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. the thermal resistance and power dissipation ratings are measured under board mounted  and still air conditions. ambient temperature (t a ) is 25  c, unless otherwise specified. g c e gate collector emitter to-247ac AUIRGP50B60PD1 g c e g c e to-247ad AUIRGP50B60PD1-e parameter max. units v ces collector-to-emitter voltage 600 v i c @ t c = 25c continuous collector current 75 i c @ t c = 100c continuous collector current 45 i cm pulse collector current (ref. fig. c.t.4) 150 i lm clamped inductive load current  150 a i f @ t c = 25c diode continous forward current 40 i f @ t c = 100c diode continous forward current 15 i frm maximum repetitive forward current  60 v ge gate-to-emitter voltage 20 v p d @ t c = 25c maximum power dissipation 390 w p d @ t c = 100c maximum power dissipation 156 t j operating junction and -55 to +150 t stg storage temperature range c soldering temperature for 10 sec. 300 (0.063 in. (1.6mm) from case) mounting torque, 6-32 or m3 screw 10 lbfin (1.1 nm) thermal resistance parameter min. typ. max. units r jc (igbt) thermal resistance junction-to-case-(each igbt) CCC CCC 0.32 c/w r jc (diode) thermal resistance junction-to-case-(each diode) CCC CCC 1.7 r cs thermal resistance, case-to-sink (flat, greased surface) CCC 0.24 CCC r ja thermal resistance, junction-to-ambient (typical socket mount) CCC CCC 40 weight CCC 6.0 (0.21) CCC g (oz) * qualification standards can be found at http://www.irf.com/ 
 
 
  base part number package type standard pack complete part number form quantity AUIRGP50B60PD1 to-247ac tube 25 AUIRGP50B60PD1 AUIRGP50B60PD1e to-247ad tube 25 AUIRGP50B60PD1e ordering information     
  
     downloaded from: http:///
    
  
     
 
  notes:  r ce(on) typ. = equivalent on-resistance = v ce(on) typ./ i c , where v ce(on) typ.= 2.00v and i c =33a. i d (fet equivalent) is the equivalent mosfet i d rating @ 25c for applications up to 150khz. these are provided for comparison purposes (only) with equivalent mosfet solutions.  v cc = 80% (v ces ), v ge = 15v, l = 28 h, r g = 22 .  pulse width limited by max. junction temperature.  energy losses include "tail" and diode reverse recovery, data generated with use of diode 30eth06.  c oes eff. is a fixed capacitance that gives the same charging time as c oes while v ce is rising from 0 to 80% v ces . c oes eff.(er) is a fixed capacitance that stores the same energy as c oes while v ce is rising from 0 to 80% v ces .  calculated continuous current based on maximum allowable junction temperature. package current limit is 60a. note that current limitations arising from heating of the device leads may occur with some lead mounting arrangements. dynamic electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions ref.fig v (br)ces collector-to-emitter breakdown voltage 6 0 0v v ge = 0v, i c = 500 a ? v (br)ces / ? t j temperature coeff. of breakdown voltage 0 . 3 1v / c v ge = 0v, i c = 1ma (25c-125c) r g internal gate resistance 1.7 1mhz, open collector 2 . 0 02 . 3 5 i c = 33a, v ge = 15v 4, 5,6,8,9 v ce(on) collector-to-emitter saturation voltage 2.45 2.85 v i c = 50a, v ge = 15v 2 . 6 02 . 9 5 i c = 33a, v ge = 15v, t j = 125c 3 . 2 03 . 6 0 i c = 50a, v ge = 15v, t j = 125c v ge(th) gate threshold voltage 3.0 4.0 5.0 v i c = 250 a 7,8,9 ? v ge(th) / ? tj threshold voltage temp. coefficient -10 mv/c v ce = v ge , i c = 1.0ma gfe forward transconductance 41 s v ce = 50v, i c = 33a, pw = 80 s i ces collector-to-emitter leakage current 5.0 500 a v ge = 0v, v ce = 600v 1 . 0m a v ge = 0v, v ce = 600v, t j = 125c v fm diode forward voltage drop 1.30 1.70 v i f = 15a, v ge = 0v 10 1 . 2 01 . 6 0 i f = 15a, v ge = 0v, t j = 125c i ges gate-to-emitter leakage current 100 na v ge = 20v, v ce = 0v static or switching characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units ref.fig q g total gate charge (turn-on) 205 308 i c = 33a 17 q gc gate-to-collector charge (turn-on) 70 105 nc v cc = 400v ct1 q ge gate-to-emitter charge (turn-on) 30 45 v ge = 15v e on turn-on switching loss 255 305 i c = 33a, v cc = 390v ct3 e off turn-off switching loss 375 445 j v ge = +15v, r g = 3.3 , l = 200 h e total total switching loss 630 750 tj = 25c  t d(on) turn-on delay time 30 40 i c = 33a, v cc = 390v ct3 t r rise time 10 15 ns v ge = +15v, r g = 3.3 , l = 200 h t d(off) turn-off delay time 130 150 t j = 25c  t f fall time 11 15 e on turn-on switching loss 580 700 i c = 33a, v cc = 390v ct3 e off turn-off switching loss 480 550 j v ge = +15v, r g = 3.3 , l = 200 h 11,13 e total total switching loss 1060 1250 t j = 125c wf1,wf2 t d(on) turn-on delay time 26 35 i c = 33a, v cc = 390v ct3 t r rise time 13 20 ns v ge = +15v, r g = 3.3 , l = 200 h 12,14 t d(off) turn-off delay time 146 165 t j = 125c  wf1,wf2 t f fall time 15 20 c ies input capacitance 3648 v ge = 0v 16 c oes output capacitance 322 v cc = 30v c res reverse transfer capacitance 56 pf f = 1mhz c oes eff. effective output capacitance (time related)  2 1 5 v ge = 0v, v ce = 0v to 480v 15 c oes eff. (er) effective output capacitance (energy related)  1 6 3 t j = 150c, i c = 150a 3 rbsoa reverse bias safe operating area full square v cc = 480v, vp =600v ct2 rg = 22 , v ge = +15v to 0v t rr diode reverse recovery time 42 60 ns t j = 25c i f = 15a, v r = 200v, 19 7 41 2 0 t j = 125c di/dt = 200a/ s q rr diode reverse recovery charge 80 180 nc t j = 25c i f = 15a, v r = 200v, 21 220 600 t j = 125c di/dt = 200a/ s i rr peak reverse recovery current 4.0 6.0 a t j = 25c i f = 15a, v r = 200v, 19,20,21,22 6 . 51 0 t j = 125c di/dt = 200a/ s ct5 conditions downloaded from: http:///
    
  
     
 
  fig. 1 - maximum dc collector current vs. case temperature fig. 2 - power dissipation vs. case temperature fig. 3 - reverse bias soa t j = 150c; v ge =15v fig. 4 - typ. igbt output characteristics t j = -40c; tp = 80 s fig. 5 - typ. igbt output characteristics t j = 25c; tp = 80 s fig. 6 - typ. igbt output characteristics t j = 125c; tp = 80 s 0 20 40 60 80 100 120 140 160 t c (c) 0 50 100 150 200 250 300 350 400 450 p t o t ( w ) 10 100 1000 v ce (v) 1 10 100 1000 i c a ) 012345678910 v ce (v) 0 20 40 60 80 100 120 140 160 180 200 i c e ( a ) v ge = 15v vge = 12v vge = 10v vge = 8.0v vge = 6.0v 012345678910 v ce (v) 0 20 40 60 80 100 120 140 160 180 200 i c e ( a ) v ge = 15v vge = 12v vge = 10v vge = 8.0v vge = 6.0v 012345678910 v ce (v) 0 20 40 60 80 100 120 140 160 180 200 i c e ( a ) v ge = 15v vge = 12v vge = 10v vge = 8.0v vge = 6.0v 0 20 40 60 80 100 120 140 160 t c (c) 0 10 20 30 40 50 60 70 80 90 i c ( a ) downloaded from: http:///
    
  
     
 
  fig. 8 - typical v ce vs. v ge t j = 25c fig. 9 - typical v ce vs. v ge t j = 125c fig. 12 - typ. switching time vs. i c t j = 125c; l = 200 h; v ce = 390v, r g = 3.3 ; v ge = 15v. diode clamp used: 30eth06 (see c.t.3) fig. 11 - typ. energy loss vs. i c t j = 125c; l = 200 h; v ce = 390v, r g = 3.3 ; v ge = 15v. diode clamp used: 30eth06 (see c.t.3) fig. 10 - typ. diode forward characteristics tp = 80 s fig. 7 - typ. transfer characteristics v ce = 50v; tp = 10 s 0 5 10 15 20 v ge (v) 1 2 3 4 5 6 7 8 9 10 v c e ( v ) i ce = 15a i ce = 33a i ce = 50a 0 5 10 15 20 v ge (v) 1 2 3 4 5 6 7 8 9 10 v c e ( v ) i ce = 15a i ce = 33a i ce = 50a 0 1 02 03 04 05 06 0 i c (a) 0 200 400 600 800 1000 1200 e n e r g y ( j ) e off e on 0 10 20 30 40 50 60 i c (a) 10 100 1000 s w i c h i n g t i m e ( n s ) t r td off t f td on 0 5 10 15 20 v ge (v) 0 100 200 300 400 500 600 700 800 900 i c e ( a ) t j = 25c t j = 125c t j = 125c t j = 25c 1 10 100 0.8 1.2 1.6 2.0 2.4 fm f i nst ant aneous f or w ard c urrent - i (a ) forward voltage drop - v (v) t = 150c t = 125c t = 25c jj j downloaded from: http:///
    
  
     
 
  fig. 14 - typ. switching time vs. r g t j = 125c; l = 200 h; v ce = 390v, i ce = 33a; v ge = 15v diode clamp used: 30eth06 (see c.t.3) fig. 13 - typ. energy loss vs. r g t j = 125c; l = 200 h; v ce = 390v, i ce = 33a; v ge = 15v diode clamp used: 30eth06 (see c.t.3) fig. 16 - typ. capacitance vs. v ce v ge = 0v; f = 1mhz fig. 15 - typ. output capacitance stored energy vs. v ce fig. 17 - typical gate charge vs. v ge i ce = 33a 0 5 10 15 20 25 r g ( ) 300 400 500 600 700 800 900 1000 e n e r g y ( j ) e on e off 0 5 10 15 20 25 r g ( ) 10 100 1000 s w i c h i n g t i m e ( n s ) t r td off t f td on 0 50 100 150 200 250 q g , total gate charge (nc) 0 2 4 6 8 10 12 14 16 v g e ( v ) 400v 0 20 40 60 80 100 v ce (v) 10 100 1000 10000 c a p a c i t a n c e ( p f ) cies coes cres 0 100 200 300 400 500 600 700 v ce (v) 0 10 20 30 40 e o e s ( j ) fig. 18 - normalized typ. v ce(on) vs. junction temperature i c = 33a, v ge = 15v -50 0 50 100 150 200 t j (c) 0.8 1.0 1.2 1.4 n o r m a l i z e d v c e ( o n ) ( v ) downloaded from: http:///
    
  
     
 
     
 !"#  $#    "
"#  $#    %
# &'"#  $#    #  $#"#  $# 20 40 60 80 100 100 1000 f di /dt - (a/ s) t - (ns) rr i = 30a i = 15a i = 5.0a f f f v = 200v t = 125c t = 25c rj j 1 10 100 100 1000 f di /dt - (a/ s) i - (a) irrm i = 5.0a i = 15a i = 30a f f f v = 200v t = 125c t = 25c rj j 0 200 400 600 800 100 1000 f di /dt - (a/ s) rr q - (nc) i = 30a i = 15a i = 5.0a f f f v = 200v t = 125c t = 25c rj j 100 1000 100 1000 f di /dt - (a/ s) di(rec)m/dt - (a/ s) i = 5.0a i = 15a i = 30a f f f v = 200v t = 125c t = 25c rj j downloaded from: http:///
 (   
  
     
 
  fig. 24. maximum transient thermal impedance, junction-to-case (diode) fig 23. maximum transient thermal impedance, junction-to-case (igbt) 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc ri (c/w) i (sec) 0.363 0.0001120.864 0.001184 0.473 0.032264 j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 c ci i / ri ci= i / ri 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc ri (c/w) i (sec) 0.157 0.0003460.163 4.28 j j 1 1 2 2 r 1 r 1 r 2 r 2 c ci i / ri ci= i / ri downloaded from: http:///
 )   
  
     
 
  fig.c.t.1 - gate charge circuit (turn-off) fig.c.t.2 - rbsoa circuit l rg 80 v dut 480v 1k vcc du t 0 l fig.c.t.4 - resistive load circuit rg vcc dut r = v cc i cm fig.c.t.3 - switching loss circuit fig. c.t.5 - reverse recovery parameter test circuit reverse recovery circuit irfp250 d.u.t. l = 70 h v = 200v r 0.01 g d s dif/dt adjust pfc diode l rg vcc dut / driver downloaded from: http:///
 *   
  
     
 
  fig. wf1 - typ. turn-off loss waveform @ t j = 25c using fig. ct.3 fig. wf2 - typ. turn-on loss waveform @ t j = 25c using fig. ct.3 fig. wf3 - reverse recovery waveform and definitions -100 -50 0 50 100 150 200 250 300 350 400 450 500 550 600 -0.20 0.00 0.20 0.40 time ( s) v ce (v) -10 0 10 20 30 40 50 60 i ce (a) 90% i ce 5% i ce 5% v ce eof f tf -50 0 50 100 150 200 250 300 350 400 450 -0.10 0.00 0.10 0.20 time( s) v ce (v) -10 0 10 20 30 40 50 60 70 80 90 i ce (a) 90% i ce 5% v ce 10% i ce eon loss tr test current   
       
               

 
       
    t a t b t rr q rr i f i rrm i rrm 0.5 di(rec)m/dt 0.75 i rrm 5 4 3 2 0 1 di /dt f !     "
   
        # $$    
  $      %"  $    & &
$   &# $$    
      '  
( 
$$   )*  
))   +
(
 #    downloaded from: http:///
    
  
     
 
  to-247ac package outline to-247ac part marking information  
          
     dimensions are shown in milimeters (inches) +

#  

,-! . +
'
/
# 010 2212
323 414!

+#5 downloaded from: http:///
    
  
     
 
  
 
 
   

 ! 
          
          
     +

# " 

,-! . +
'
/
# 010 2212
323 414!

+#5 downloaded from: http:///
    
  
     
 
   
 unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the au prefix follow automotive industry and / or customer s pecific requirements with regards to product discontinuance and process change notification. all products are sold subject to irs terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with irs standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. ir products are neither designed nor intended for use in military/aerospace applications or environments unless the ir products are specifically designated by ir as military-grade or enhanced plastic. only products designated by ir as military-grade meet military specifications. buyers acknowledge and agree that any such use of ir products which ir has not designated as military-grade is solely at the buyers risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir product s are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation au. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements for technical support, please contact irs technical assistance center http://www.irf.com/technical-info/ world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AUIRGP50B60PD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X