Part Number Hot Search : 
STF20A60 90M1T VSA51012 80C552 10112ZL AZ2842 ZX84C8V 1N5208
Product Description
Full Text Search
 

To Download AP450BN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ap450 2 channel linear controller with enable function this datasheet contains new product information. anachip corp. re serves the rights to modify the product specification without notice. no liability is assumed as a result of the use of this product. no rights under any patent accompany the sale of the product. rev. 1.0 may 11, 2004 1/6 ? features - 2 channel linear control circuitries - operating voltage can be up to 20v - under voltage lockout (uvlo) protection - current limit - over voltage protection - power good function - 1.25v/0.8v internal voltage reference - 8-pin pdip and sop pb-free packages ? applications - backlight inverter - lcd monitor - xdrom, xdsl product ? general description the ap450 series integrates two channel linear controllers into a single chip, mainly designs for power-supply regulator. all the functions included an on-chip 1.25v/0.8v reference output, error amplifier, uvlo, current limit. during low vcc situation, the uvlo makes sure that the outputs are off until the internal circuit is operational normally. ? pin assignment sop-8l/pdip-8l 1 2 3 45 6 7 8 (top view) en1/2 fb1 ap450 out1 fb2 out2 v ref gnd vcc ? pin descriptions pin name pin no. description gnd 1 signal ground en1/2 2 channel 1/2 enable pin out1 3 linear controller ch1output fb1, 2 4, 5 voltage feedback out2 6 linear controller ch2 output v ref 7 1.25v/0.8v output vcc 8 supply voltage ? ordering information ap450 x x x package packing n: pdip-8l s: sop-8l blank: tube a : taping bandgap version a: 1.25v bg b: 0.8v bg
ap450 2 channel linear controller with enable function anachip corp. www.anachip.com.tw rev. 1.0 ma y 11, 2004 2/6 ? block diagram bandgap reference amp + _ current limit buffer lpf amp + _ buffer lpf en1/2 fb2 fb1 gnd out1 out2 current limit uvlo vcc 1.25v/0.8v 2.5v v ref ? absolute maxi mum ratings symbol parameter rating unit v cc supply voltage 22 v v i amplifier input voltage 20 v v o1 / v o2 ch1 / ch1linear driver voltage to ground -0.3 Q v Q 20 v t op operating temperature range -20 to +85 o c t st storage temperature range -65 to +150 o c t lead lead temperature 1.6 mm(1/16 inch) from case for 10 seconds 260 o c ? recommended operat ing conditions symbol parameter min. max. unit v cc supply voltage 3.6 20 v v i amplifier input voltage 1.05 1.45 v v o1 / v o2 ch1 / ch2 linear driver voltage to ground - vcc-1.5 v i fb current into feedback terminal - 45 a r f feedback resistor 100 - k ? t op operating free-air temperature -20 85 oc
ap450 2 channel linear controller with enable function anachip corp. www.anachip.com.tw rev. 1.0 ma y 11, 2004 3/6 ? electrical characteristics (t a =25oc, v cc =6v) reference (ref) symbol parameter conditions min. typ. max. unit ap450a 1.225 1.25 1.275 v o1 / v o2 connect to fb1 / fb2 ap450b 0.784 0.800 0.816 v t a = -20oc ~ 25oc - -0.1 1 % v out1/2 output voltage change with temperature t a = 25oc ~ 85oc - -0.2 1 % under voltage lockout (uvlo) v ut upper threshold voltage (v cc ) - 2.9 - v v lw t lower threshold voltage (v cc ) - 2.4 - v v ht hysteresis (v cc ) i o(ref) = 0.1ma t a = 25oc - 500 - mv output section i cl1 ch1 current limit v cc =5v, v nout2 =v fb2 =0v 25 - - ma i cl2 ch2 current limit v cc =5v, v nout3 =v fb3 =0v 25 - - ma enable function v il low (regulator on) - 0.6 v v ih en pin logic input threshold voltage for en1/2 high (regulator off) 2.0 1.3 - v i il low (regulator on) - -0.03 - a i ih en pin logic input current for en1/2 high (regulator off) - 0.3 - a total device i cca average supply current - 5 7 ma thermal resistor sop8 - 90 - o c/w ja thermal resistor junction to ambient pdip8 - 60 - o c/w ? typical application circuit 1 2 3 4 gnd vcc 8 7 6 5 en1/2 fb1 fb2 out1 out2 v ref vcc=12v off on v out 3=1.8v 270 ? 220 f 3.3v 3.3v 220 ? 390 ? 180 ? v out 2=2.5v 0.1 f 220 f 220 f ap450b
ap450 2 channel linear controller with enable function anachip corp. www.anachip.com.tw rev. 1.0 ma y 11, 2004 4/6 ? typical characteristics reference output voltage v.s. power-supply voltage 0.795 0.7975 0.8 0.8025 0.805 4 6 8 101214161820 vcc-power supply voltage (v) vref- reference output voltage (v) average supply current v.s. power-supply voltage 0 1 2 3 4 5 0 4 8 12 16 20 vcc - power-supply voltgae (v) icc-average supply current (ma) average supply current v.s. ambient temperatrue 2 3 4 5 6 7 -50 -25 0 25 50 75 100 t a - ambient temperatrure( ) i cc - average supply current (ma) ? marking information (top view) sop-8l/pdip-8l ac ap450 x yy ww x logo part no. id code: internal year: "01" =2001 "02" =2002 xth week: 01~52 ~ 5 8 4 1 bandgap version a: 1.25v bg b: 0.8v bg
ap450 2 channel linear controller with enable function anachip corp. www.anachip.com.tw rev. 1.0 ma y 11, 2004 5/6 ? package information (1) pdip-8l (plastic dual-in-line package ) e1 d 7 (4x) a l a2 a1 b2 b1 b e s 15 (4x) e c eb e-pin o0.118 inch pin #1 indent o0.025 deep 0.006-0.008 inch dimensions in millimeters dimensions in inches symbol min. nom. max. min. nom. max. a - - 5.33 - - 0.210 a1 0.38 - - 0.015 - - a2 3.1 3.30 3.5 0.122 0.130 0.138 b 0.36 0.46 0.56 0.014 0.018 0.022 b1 1.4 1.52 1.65 0.055 0.060 0.065 b2 0.81 0.99 1.14 0.032 0.039 0.045 c 0.20 0.25 0.36 0.008 0.010 0.014 d 9.02 9.27 9.53 0.355 0.365 0.375 e 7.62 7.94 8.26 0.300 0.313 0.325 e1 6.15 6.35 6.55 0.242 0.250 0.258 e - 2.54 - - 0.100 - l 2.92 3.3 3.81 0.115 0.130 0.150 eb 8.38 8.89 9.40 0.330 0.350 0.370 s 0.71 0.84 0.97 0.028 0.033 0.038
ap450 2 channel linear controller with enable function anachip corp. www.anachip.com.tw rev. 1.0 ma y 11, 2004 6/6 ? package information (continued) (2) sop- 8l(jedec small outline package) view "a" l c view "a" h e a a2 a1 b e d 7 (4x) 0.015x45 7 (4x) y dimensions in millimeters dimensions in inches symbol min. nom. max. min. nom. max. a 1.40 1.60 1.75 0.055 0.063 0.069 a1 0.10 - 0.25 0.040 - 0.100 a2 1.30 1.45 1. 50 0.051 0.057 0.059 b 0.33 0.41 0.51 0.013 0.016 0.020 c 0.19 0.20 0.25 0.0075 0.008 0.010 d 4.80 5.05 5.30 0.189 0.199 0.209 e 3.70 3.90 4.10 0.146 0.154 0.161 e - 1.27 - - 0.050 - h 5.79 5.99 6.20 0.228 0.236 0.244 l 0.38 0.71 1.27 0.015 0.028 0.050 y - - 0.10 - - 0.004 0 o - 8 o 0 o - 8 o


▲Up To Search▲   

 
Price & Availability of AP450BN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X