Part Number Hot Search : 
CPDER24V FR024 KST9015 BZT5233B ADV7170 3004M D1975 FS50SM
Product Description
Full Text Search
 

To Download 2SC2497A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2sc2497 2SC2497A description ? ? with to-126 package ? complement to type 2sa1096/a ? high collector to emitter voltage v ceo applications ? for low-frequency power amplification pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 70 v 2sc2497 50 v ceo collector- emitter voltage 2SC2497A open base 60 v v ebo emitter-base voltage open collector 5 v i c collector current 1.5 a i cm collector current-peak 3 a 1.2* 1 p d total power dissipation t c =25 ?? 5* 2 w t j junction temperature 150 ?? t stg storage temperature -55 ?? +150 ?? note) *1: without heat sink *2: with a 100 ? 100 ? 2 mm a1 heat sink
inchange semiconductor product specification 2 silicon npn power transistors 2sc2497 2SC2497A characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit 2sc2497 50 v (br)ceo collector-emitter breakdown voltage 2SC2497A i c =2ma ; i b =0 60 v v (br)cbo collector-base breakdown voltage i c =1ma ;i e =0 70 v v cesat collector-emitter saturation voltage i c =1.5a ;i b =0.15a 1.0 v v besat base-emitter saturation voltage i c =1.5a ;i b =0.15a 1.5 v i ceo collector cut-off current v ce =10v; i b =0 100 | a i cbo collector cut-off current v cb =20v; i e =0 1 | a i ebo emitter cut-off current v eb =5v; i c =0 10 | a h fe dc current gain i c =1a ; v ce =5v 80 220 c ob output capacitance i e =0 ; v cb =20v,f=1mhz 35 pf f t transition frequency i e =0.5a ; v cb =5v,f=200mhz 150 mhz ? h fe classifications r s 80-160 120-220
inchange semiconductor product specification 3 silicon npn power transistors 2sc2497 2SC2497A package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SC2497A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X