this document was generated on 11/22/2016 please check www.molex.com for latest part information part number: 1726995020 status: active overview: impact? backplane connector and cable assembly system description: impact? zx2 95 ohm 4 pair right angle daughtercard receptacle, right guided, 10 columns, 160 circuits, plated through hole dimension 0.36mm, lead-free documents: drawing (pdf) rohs certificate of compliance (pdf) general product family backplane connectors series 172699 application daughtercard component type pcb receptacle overview impact? backplane connector and cable assembly system product name impact? zx2 upc 889056540254 physical circuits (loaded) 160 circuits (maximum) 160 color - resin black durability (mating cycles max) 200 first mate / last break no guide to mating part yes keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high performance thermoplastic net weight 27.839/g number of columns 10 number of pairs 4 number of rows 16 orientation right angle pc tail length 1.40mm pcb locator no pcb retention yes pcb thickness - recommended 1.00mm packaging type tray pitch - mating interface 1.35mm, 1.90mm pitch - termination interface 1.35mm, 1.90mm plating min - mating 0.762m polarized to pcb no stackable yes surface mount compatible (smc) no temperature range - operating -55c to +85c termination interface: style through hole - compliant pin electrical current - maximum per contact 0.75a data rate 28.0 gbps impedance 95? shield type ground plane shield shielded yes voltage - maximum 150v ac (rms) series image - reference only eu elv compliant eu rohs china rohs compliant reach svhc not contained per - ed/21/2016 (20 june 2016) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv compliant rohs phthalates not contained search parts in this series 172699 series mates with impact? backplane header 76155 application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # impact? zx2 daughtercard module installation press-in tool 0622030035
material info reference - drawing numbers sales drawing sd-172699-0003 this document was generated on 11/22/2016 please check www.molex.com for latest part information
|