Part Number Hot Search : 
ICX405AL KLLU2500 SP02041 IRFN054 28F00 SW7N65DW M4001 CX4HGSM
Product Description
Full Text Search
 

To Download 1694A0064500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1694a coax - low loss serial digital coax for more information please call 1-800-belden1 see put-ups and colors description: rg-6/u type, 18 awg solid .040" bare copper conductor, gas-injected foam hdpe insulation, duofoil? + tinned copper braid shield (95% coverage), pvc jacket. physical characteristics: conductor: number of coax 1 total number of conductors 1 rg type 6/u awg 18 stranding solid conductor diameter .040 in. conductor material bc - bare copper insulation: insulation material gas-injected fhdpe - foam high density polyethylene insulation diameter .180 in. outer shield: outer shield material trade name duofoil? outer shield type tape/braid outer shield material : layer number trade name type material % coverage (%) 1 duofoil? tape aluminum foil-polyester tape-aluminum foil 100 2 braid tc - tinned copper 95 outer shield %coverage 100 % outer jacket: outer jacket material pvc - polyvinyl chloride overall nominal diameter: overall nominal diameter .274 in. mechanical characteristics: page 1 of 5
1694a coax - low loss serial digital coax operating temperature range -30c to +75c ul temperature rating 75c bulk cable weight 40 lbs/1000 ft. max. recommended pulling tension 69 lbs. min. bend radius (install) 2.75 in. applicable specifications and agency compliance: applicable standards: nec/(ul) specification cmr cec/c(ul) specification cmg eu ce mark (y/n) yes eu rohs compliant (y/n) yes eu rohs compliance date (mm/dd/yyyy): 01/01/2004 flame test: ul flame test ul1666 vertical shaft sweep test: sweep testing 100% sweep tested 5 mhz to 4.5 ghz. suitability: suitability - indoor yes suitability - outdoor yes - black only suitability - aerial yes - black only, when supported by a messenger wire suggested connectors amp 221185-1 dual crimp gold pin bnc (75 ohms); amphenol 31-70000 dual crimp gold pin bnc (75 ohms); kings 2065-10-9 dual crimp gold pin (75 ohms); trompeter upl220-20 dual crimp gold pin bnc (75 ohm); adc bnc- 1694d dual crimp gold pin bnc (75 ohm) plenum/non-plenum: plenum (y/n) n plenum number 1695a electrical characteristics: nom. characteristic impedance 75 ohms nom. inductance 0.106 h/ft nom. capacitance conductor to shield 16.2 pf/ft nominal velocity of propagation 82 % nominal delay 1.24 ns/ft nom. conductor dc resistance @ 20 deg. c 6.4 ohms/1000 ft nominal outer shield dc resistance @ 20c 2.8 ohms/1000 ft minimum return loss : page 2 of 5
1694a coax - low loss serial digital coax description frequency (mhz) start frequency (mhz) stop frequency (mhz) minimum return loss (db) 5 1600 23 1600 4500 21 nom. attenuation : description frequency (mhz) start frequency (mhz) stop frequency (mhz) nom. attenuation (db/100 ft.) 1 0.24 3.58 0.45 5 0.54 7 0.63 10 0.72 67.5 1.57 71.5 1.60 88.5 1.75 100 1.84 135 2.10 143 2.16 180 2.42 270 2.97 360 3.43 540 4.25 720 4.95 750 5.00 1000 5.89 1500 7.33 2000 8.57 2250 9.14 3000 10.67 4500 13.29 max. operating voltage - ul 300 v rms other electrical characteristic 1 impedance tested in accordance with astm d-4566 paragraph 43.2, option 2 using a 75 ohm fixed bridge and termination. 75 +/- 1.5 ohms other electrical characteristic 2 return loss tested in accordance with astm d-4566 paragraph 45.3, using a 75 ohm fixed bridge and termination. notes: notes also available in bundled versions. see 7710a through 7713a. put-ups and colors: item description put-up (ft.) ship weight (lbs.) jacket color notes 1694a 0011000 #18 pe/gifhdpe sh fr pvc 1000 45 brown c 1694a 0014500 #18 pe/gifhdpe sh fr pvc 4500 202.5 brown c page 3 of 5
1694a coax - low loss serial digital coax 1694a 0021000 #18 pe/gifhdpe sh fr pvc 1000 45 red c 1694a 0024500 #18 pe/gifhdpe sh fr pvc 4500 202.5 red c 1694a 0031000 #18 pe/gifhdpe sh fr pvc 1000 45 orange c 1694a 0034500 #18 pe/gifhdpe sh fr pvc 4500 202.5 orange c 1694a 0041000 #18 pe/gifhdpe sh fr pvc 1000 45 yellow c 1694a 0044500 #18 pe/gifhdpe sh fr pvc 4500 202.5 yellow c 1694a 0061000 #18 pe/gifhdpe sh fr pvc 1000 45 blue, light c 1694a 0064500 #18 pe/gifhdpe sh fr pvc 4500 202.5 blue, light c 1694a 0071000 #18 pe/gifhdpe sh fr pvc 1000 45 violet c 1694a 0074500 #18 pe/gifhdpe sh fr pvc 4500 202.5 violet c 1694a 0081000 #18 pe/gifhdpe sh fr pvc 1000 45 gray c 1694a 0084500 #18 pe/gifhdpe sh fr pvc 4500 202.5 gray c 1694a 0091000 #18 pe/gifhdpe sh fr pvc 1000 45 white c 1694a 0094500 #18 pe/gifhdpe sh fr pvc 4500 202.5 white c 1694a 0101000 #18 pe/gifhdpe sh fr pvc 1000 45 black c 1694a 0104500 #18 pe/gifhdpe sh fr pvc 4500 202.5 black c 1694a 010500 #18 pe/gifhdpe sh fr pvc 500 20.5 black c 1694a n3u1000 #18 pe/gifhdpe sh fr pvc 1000 45 green, mil c 1694a n3u4500 #18 pe/gifhdpe sh fr pvc 4500 202.5 green, mil c c = crate reel put-up. revision number: 10 revision date: 03-14-2006 page 4 of 5
1694a coax - low loss serial digital coax ? 2006 belden wire & cable company all rights reserved. although belden electronics division ("belden") makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not ensure product availability. belden provides the information and specifications herein on an "as is" basis, with no representations or warranties, whether express, statutory or implied. in no event will belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if belden has been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein. all sales of belden products are subject to belden's standard terms and conditions of sale. belden cdt electronics division believes this product to be in compliance with the following environmental regulations: california proposition 65 consent judgment for wire & cable mfgs.(san francisco superior court nos. 312962 and 320342); eu rohs (directive 2002/95/ec, 27-jan-2003);material manufactured prior to the compliance date may still be in stock at belden facilities and in our distributor's inventory. eu elv (directive 2000/53/ec, 18-sept-2000); eu weee (directive 2002/96/ec, 27-jan-2003); and eu bfr (directive 2003/11/ec, 6-feb-2003). the information provided in this product disclosure, and the identification of materials listed as reportable or restricted within the product disclosure, is correct to the best of belden's knowledge, information and belief at the date of its publication. the information provided in the product disclosure is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. this product disclosure is not to be considered a warranty or quality specification. regulatory information is for guidance purposes only. product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the product. belden cdt electronics division declares this product to be in compliance with eu lvd (low voltage directive 73/23/eec), as amended by directive 93/68/eec. page 5 of 5


▲Up To Search▲   

 
Price & Availability of 1694A0064500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X