Part Number Hot Search : 
ZMC16 T1621 74LCX0 S20K275 AA119 ZUMT918 M25P40 74LCX0
Product Description
Full Text Search
 

To Download 0757051113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2016 please check www.molex.com for latest part information part number: 0757051113 status: active overview: gbx i-trac? backplane connector system description: gbx i-trac? vertical header module, 1.85mm by 3.70mm pitch, unguided, left end wall, 11 rows, 10 columns, 220 circuits, mating pin length 4.70mm documents: 3d model packaging specification pk-70873-587 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-75710-999 (pdf) agency certification ul e29179 general product family backplane connectors series 75705 application backplane, midplane, orthogonal component type pcb header overview gbx i-trac? backplane connector system product name gbx i-trac? upc 822350968522 physical circuits (loaded) 220 circuits (maximum) 220 color - resin black durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic net weight 7.359/g number of columns 10 number of pairs 6, open pin field number of rows 11 orientation vertical pc tail length 2.10mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 1.85mm, 3.70mm pitch - termination interface 1.00mm, 2.70mm plating min - mating 0.762m plating min - termination 0.762m polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating -55c to +80c termination interface: style through hole - compliant pin electrical series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/79/2015 (17 december 2015) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant search parts in this series 75705 series mates with 75710 gbx i-trac? right angle receptacle module use with 78232 gbx i-trac? vertical power receptacle. 75234 backplane free standing guide pin application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product #
current - maximum per contact 1.0a data rate 12.0 gbps real signals (per 25mm) 148 shield type n/a shielded no voltage - maximum 120v ac (rms)/dc solder process data lead-freeprocess capability n/a material info reference - drawing numbers packaging specification pk-70873-587 product specification ps-75710-999 sales drawing sd-75705-001 press-in tool for vertical header 11- row, 10-column 0622018603 backplane insertion tool for signal contact insertion 0621005110 this document was generated on 06/07/2016 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0757051113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X