Part Number Hot Search : 
90120 PNZ300F 50000 394889 TA400 A103M ECCM1 BCX71G
Product Description
Full Text Search
 

To Download X1G004481010400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  clock osc sg7050can product name sg7050can 27.120000 mhz tjga product number / ordering code x1g0044810104xx please refer to the 8.packing information about xx (last 2 digits) output waveform cmos pb free / complies with eu rohs directive reference weight typ. 147 mg 1.absolute maximum ratings parameter symbol min. typ. max. unit conditions / remarks maximum supply voltage vcc -gnd -0.3 - 4 v - storage temperature t_stg -40 - +125 oc storage as single product input voltage vin -0.3 - vcc+0.3 v st terminal 2.specifications(characteristics) parameter symbol min. typ. max. unit conditions / remarks output frequency f0 27.1200 mhz supply voltage vcc 1.6 - 3.63 v - operating temperature t_use -40 - +85 oc - frequency tolerance f_tol -50 - 50 x10 -6 t_use current consumption icc - - 3 ma no load condition stand-by current i_std - - 2.7 a st = gnd disable current i_dis - - - ma - symmetry sym 45 - 55 % 50% vcc level l_cmos=<15pf output voltage v oh vcc-0.4 - - - v ol - - 0.4 - output load condition l_cmos - - 15 pf cmos load input voltage v ih 0.8vcc - - st terminal v il - - 0.2vcc st terminal rise time t r - - 4 ns fall time tf - - 4 ns start-up time t_str - - 3 ms t = 0 at 0.9vcc jitter t dj - 0 - ps deterministic jitter vcc=3.3v t rj - 2.4 - ps random jitter vcc=3.3v t rms - 2.3 - ps (rms of total distribution) vcc=3.3v t p-p - 20 - ps peak to peak vcc=3.3v t acc - 2.5 - ps phase jitter t pj - 0.37 - ps off set frequency: 12khz to 20mhz, vcc=3.3v phase noise l(f) - - - dbc/hz - - -95 - dbc/hz off set 10hz vcc=3.3v - -124 - dbc/hz off set 100hz vcc=3.3v - -145 - dbc/hz off set 1khz vcc=3.3v - -155 - dbc/hz off set 10khz vcc=3.3v - -158 - dbc/hz off set 100khz vcc=3.3v - -159 - dbc/hz off set 1mhz vcc=3.3v frequency aging f_age -3 - 3 x10 -6 @+25oc first year - - - - vcc1.6v : 0.2vcc to 0.8vcc level, l_cmos=15pf vcc1.6v : 0.2vcc to 0.8vcc level, l_cmos=15pf accumulated jitter() n=2 to 50000 cycles, vcc=3.3v 1 page
3.timing chart 4.test circuit 1) waveform observation 2) current consumption *current consumption under the disable function should be = gnd. 3) condition (1) oscilloscope band width should be minimum 5 times higher (wider) than measurement frequency. probe earth should be placed closely from test point and lead length should be as short as possible * recommendable to use miniature socket. (dont use earth lead.) (2) l_cmos also includes probe capacitance. (3) by-pass capacitor (0.01 f to 0.1 f) is placed closely between vcc and gnd. (4) use the current meter whose internal impedance value is small. (5) power supply start up time (0 %vcc to 90 %vcc) of power source should be more than 150 s. impedance of power supply should be as lowest as possible. 2 page gnd v cc tr 5 0 % v cc t tw 80 %v cc 20 %v cc tf v cc st out gnd swich supply by - pass capacitor test point a or oe or oe v cc st out gnd swich supply by - pass capacitor l_cmos test point
5.external dimensions (unit: mm) 6.footprint(recommended) (unit: mm) 7.reflow profile reflow condition (follow of jedec std-020d.01) 8.packing information [ 1 ]product number last 2 digits code(xx) description the recommended code is "00" x1g0044810104xx code code 01 any q'ty vinyl bag(tape cut) 13 500pcs / reel 11 any q'ty / reel 00 1000pcs / reel 12 250pcs / reel condition condition note. oe pin = "h" or "open" : specified frequency output. oe pin = "l" : output is high impedance. st pin = "h" or "open" : specified frequency output. st pin = "l" : output is high impedance oscillation stops. 1.3 0.2 5.0 0.2 7.0 0.2 #4 #1 #3 #2 e 25.000 can395k 1.4 1.1 c0.5 5.08 #2 c c (ex. 0.01 f) 1.8 5.08 4.2 2.0 #1 #3 #4 resist 3 page ? temperature ? [ ? ? c ? ] ? 60 300 250 200 150 100 50 0 ts ? 60 ? s ? ? to ? ? 180 ? s ? ? ? ? ? ? ? ? ? ? ? ? ? avg. ramp - up ? 3 ? ? c ? / ? s ? ? max. ? ramp - down 6 ? ? c ? / ? s ? ? max. ? time ? [ ? s ? ] ? 120 180 240 300 360 420 480 540 600 660 720 780 ? ts ? min ? ; ? +150 ? ? c ? ts ? max ? ; ? +200 ? ? c ? tl ? ? ; ? +217 ? ? c ? ? ? ? ? +255 ? ? c tl ? 60 ? s ? ? to ? ? 150 ? s ? ? ? ? ? ? ? ? ? tp ? ; ? 20 ? s ? ? to ? ? 40 ? s ? tp ? ? ; ? +260 ? ? c ? time +25 ? ? c ? to ? pe ak
[ 2 ] taping specification subject to eia-481 & iec-60286 (1) tape dimensions material of the carrier tape : ps material of the top tape : pet+pe unit: mm symbol a b c d e f value 1.5 4 8 9.25 16 2.3 (2) reel dimensions center material : ps material of the reel : ps 4 page
9.notice 10.contact us http://www5.epsondevice.com/en/contact/ this material is subject to change without notice. any part of this material may not be reproduced or duplicated in any form or any means without the written permission of seiko epson. the information about applied data, circuitry, software, usage, etc. written in this material is intended for reference only. seiko epson does not assume any liability for the occurrence of customer damage or infringing on any patent or copyright of a third party. this material does not authorize the licensing for any patent or intellectual copyrights. when exporting the products or technology described in this material, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. you are requested not to use the products (and any technical information furnished, if any) for the development and/or manufacture of weapon of mass destruction or for other military purposes. you are also requested that you would not make the products available to any third party who may use the products for such prohibited purposes. these products are intended for general use in electronic equipment. when using them in specific applications that require extremely high reliability, such as the applications stated below, you must obtain permission from seiko epson in advance. / space equipment (artificial satellites, rockets, etc.) / transportation vehicles and related (automobiles, aircraft, trains, vessels, etc.) / medical instruments to sustain life / submarine transmitters / power stations and related / fire work equipment and security equipment / t raffic control equipment / a nd others requiring equivalent reliability. 5 page


▲Up To Search▲   

 
Price & Availability of X1G004481010400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X