Part Number Hot Search : 
14N50 DY10F 440GX C30724P UDZS10B 18F87 UPA1726 BF775A
Product Description
Full Text Search
 

To Download TFS360L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 360l.doc version 1.4 23.11.2009 vectron international filter specification tfs 360l 1/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@v e ctro n.co m vectron international gmbh & co. kg reserves the right to ma ke changes to the product(s) and/or information contained herein w i thout measurement condition ambient temperature: 23 c input pow er level: 0 dbm terminating impedance: * input: 84 ? || -15,7 pf output: 64 ? || -18,2 pf ch aracteristics remark: the reference lev e l for the relativ e attenuation a rel of the tfs 360l is the max i mum attenuation in the pass band. the max i mum attenuation in the pass band is defined as the insertion loss a e . the nominal frequency f n is fix ed at 360 mhz w i thout any tolerance or limit. the v a lues of relativ e attenuation a rel are guaranteed for the w hole operating temper ature range. the frequency shift of the f ilter in the operating temperature range is included in the production tolerance scheme. d a t a ty p. v a lue tolerance / limit insertion loss a e 8 d b m a x . 1 0 , 0 d b (reference level) nominal frequency f n 3 6 0 , 0 m h z passband p b 5 0 m h z f n 20,0 mhz pass band ripple** p-p 0,2 db max . 0 , 5 d b relativ e attenuation a rel f n . . . f n 2 0 m h z 0 , 2 d b m a x . 1 d b f n - 8 0 m h z . . . f n - 7 0 m h z 5 9 d b m i n . 4 5 d b f n - 7 0 m h z . . . f n - 5 0 m h z 4 6 d b m i n . 3 5 d b f n - 5 0 m h z . . . f n - 4 0 m h z 3 5 d b m i n . 2 0 d b f n + 4 0 m h z . . . f n + 5 0 m h z 2 5 d b m i n . 1 0 d b f n + 5 0 m h z . . . f n + 8 0 m h z 4 0 d b m i n . 2 5 d b f n + 8 0 m h z . . . f n + 1 0 0 m h z 4 4 d b m i n . 3 5 d b group delay ripple w i thin pb 1 5 n s m a x . 5 0 n s return loss 1 2 d b m i n . 1 0 d b input pow er lev e l *** 2 7 d b m m a x . 2 0 d b m operating temperature range otr - 40 c ... + 85 c storage temperature range - 40 c ... + 85 c temperature coefficient of frequency t c f **** -85 ppm/k - *) the terminating impedances depend on paras itics and q-v a lues of matching element s and the board used, and are to be understo od as reference v a lues only . should there be additional questi ons do not hesitate to ask for an application note or c ontact our design team. **) ov er any 5mhz , fix ed 3 rd order detrend allow ed if necessary ***) t h is pow er lev e l is allow ed for short term operation (<100 hours) only , the m a x . input pow er for continuous operation is 5 dbm. ****) ? f c (hz) = tc f (ppm/k) x (t - t o ) x f n (mhz). ge ne ra te d: ch ecked / a p p r o v ed : f ilter ch aracteristic notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.
filename: tfs 360l.doc version 1.4 23.11.2009 vectron international filter specification tfs 360l 2/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@v e ctro n.co m vectron international gmbh & co. kg reserves the right to ma ke changes to the product(s) and/or information contained herein w i thout f ilter ch aracteristic 330 336 342 34 8 354 360 366 372 37 8 38 4 390 -2 -1 . 8 -1 . 6 -1 . 4 -1 . 2 -1 -0 . 8 -0 . 6 -0 . 4 -0 . 2 0 f r e que nc y i n m h z m a g n it u d e in d b 330 336 342 34 8 354 360 366 372 37 8 38 4 390 0. 204 0. 24 0. 276 0. 312 0. 348 0. 384 0. 42 0. 456 0. 492 0. 528 0. 564 f r e que nc y i n m h z d e la y in s 260 280 300 32 0 34 0 360 380 400 420 440 460 -7 0 -6 3 -5 6 -4 9 -4 2 -3 5 -2 8 -2 1 -1 4 -7 0 f r eq ue nc y i n m h z m a g n itu d e in d b i n ser t i o n l o ss : - 7 . 90 d b cons truc tion a nd pin c onne c t ion (all dimensions in mm) date code: y ear + w eek x 2009 a 2010 b 2011 ... 1 ground 2 output rf return 3 output 4 ground 5 ground 6 input rf return / ground 7 input 8 ground 360l x42 50 ? t est circu i t l1 l2 sa w l3 l4 7 6 3 2 notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.
filename: tfs 360l.doc version 1.4 23.11.2009 vectron international filter specification tfs 360l 3/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@v e ctro n.co m vectron international gmbh & co. kg reserves the right to ma ke changes to the product(s) and/or information contained herein w i thout stability characteristics, reliability after the follow i ng tests the filter shall meet the w hole specification: 1. shock: 500g, 1 ms, half sine w a ve, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respecti vely , 1 octave per min, 10 cy cles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 10 cy cles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow ): reflow possible: three times max.; for temperature conditions refer to the attac hed "air reflow temperature conditions" on page 4; 5. esd mil-std-883e using coupling netw o rk of iso 10605 and en 6100-4-2 hbm:250v; this filter is rohs compliant (2002/95/eg, 2005/618/eg) packin g tape & reel: iec 286 ? 3, w i th exception of value for n and minimum bending radius; tape ty pe ii, embossed carrier tape w i th top cover tape on the upper side; max. pieces of filters per reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u l l o ff di r e c t io n pi n m a r k e r ty p da t e c o d e ko t tape (al l di mensi ons i n mm) w : 12,00 po : 4,00 do : 1,50 e : 1,75 f : 5,50 g(min) : 0,75 p2 : 2,00 p1 : 8,00 d1(min) : 1,50 a o : 5,30 bo : 5,30 ct : 9,5 a c n w 1 w 2 r eel (all d i men s io n s in mm) a : 330 w 1 : 12,4 w 2 (max ) : 18,4 n(min) : 50 c : 13,0 the minimum bending radius is 45 mm. notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.
filename: tfs 360l.doc version 1.4 23.11.2009 vectron international filter specification tfs 360l 4/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@v e ctro n.co m vectron international gmbh & co. kg reserves the right to ma ke changes to the product(s) and/or information contained herein w i thout a i r re flow te mpe r a t ure c onditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/second > 100c betw een 300 and 600 seconds > 150c betw een 240 and 500 seconds > 217c betw een 30 and 150 seconds peak temperature max. 260c time w i thin 5c of actual peak temperature betw een 10 and 30 seconds cool-dow n rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds chip-mount air reflow profile temperature / c max. 260c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.
filename: tfs 360l.doc version 1.4 23.11.2009 vectron international filter specification tfs 360l 5/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@v e ctro n.co m vectron international gmbh & co. kg reserves the right to ma ke changes to the product(s) and/or information contained herein w i thout history version reason of changes name date 1.0 - generation of development s pecification strehl 02.10.2008 1.1 - added max . input pow er chilla 21.10.2008 1.2 - changed relative attenuation chilla 16.02.2009 1.3 - created filter specification chilla 15.10.2009 - added terminating impedance - added ty pical values - added filter characteristic - added filter test circuit 1.4 - added input pow er level chilla 23.11.2009 notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS360L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X