Part Number Hot Search : 
34063 2SK37 SRB1660C 4DFT2 BZV55C10 IME02TS L443HDT MA4E1338
Product Description
Full Text Search
 

To Download SGC0550S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SGC0550S thru sgc0560s surface mount schottky rectifier reverse voltage 50~60v forward current 5a www.goodark.com 1/4 2015.07-rev.b features ? schottky barrier diodes ? low forward voltage drop ? low leakage current ? moisture sensitivity: level 1 , per j - std - 020 moisture sensitivity: level 1 , per j std 020 ? solder dip 260 c, 10 s ? low profile - typical height of 1.1 mm ? heatsink design ? high temperature soldering guaranteed: 260/10 seconds ? halogen-free according to iec 61249-2-21 definition til aliti anode ? 1 anode ? 2 cathode & ? heatsink esgc (to \ 277) ??? t yp i ca l a pp li ca ti ons for low voltage high frequency inverters, dc/dc converters and polarity protection application. maximum ratings (ta = 25 c unless otherwise noted) parameter symbol SGC0550S sgc0560s unit vrrm v vrms v vdc v if(av) 1) if(av) 2) ifsm a y a 3.0 maximum repetitive peak reverse voltage 50 60 maximum rms voltage 35 42 maximum dc blocking voltage 50 60 maximum average forward rectified current 5.0 peak forward surge current 8.3 ms single half sine-wave superimposed on rated load 175 otijti dt t t tj, tstg c i f =1a operating junction and storage temperature range -55 to +150 electrical characteristics (ta = 25 c unless otherwise noted) unit 0.40 - parameter test conditions symbol typ. max. i f =2a i f =5a i f =1a i f =2a i f =5a i f =1a i f =2a i f =5a instantaneous forward voltage t a =25 v f volts 0.44 - 0.52 0.65 t a =75 0.35 - 0.40 - 0.50 - t a =125 0.28 - 0.35 - 0.47 0.6 i f 5a c j pf typical thermal resistance r jm 1) /w note1):mounted on aluminum substrate pcb 2):mounted on recommended copper pad area,free air. 0.47 0.6 maximum dc reverse current at rated dc blocking voltage rated vr t a =25 i r 0.04 ma t a =75 0.6 3 t a =125 8.7 30 0.2 typical junction capacitance 4.0 v, 1 mhz 220 juntion to mout pad 15 www.goodark.com 1/4 2015.07-rev.b
SGC0550S thru sgc0560s surface mount schottky rectifier reverse voltage 50~60v forward current 5a www.goodark.com 2/4 2015.07-rev.b ratings and characteristics curves ( ta = 25 unless otherwise noted ) figure ? 1.forward ? current ? derating ? curve figure ? 2.maximum non \ repetitive ? peak ? forward ? surge ? current figure ? 3. ? typical ? reverse ? characteristics ? figure ? 4. ? typical ? instantaneous ? forward ? characteristics ? www.goodark.com 2/4 2015.07-rev.b
SGC0550S thru sgc0560s surface mount schottky rectifier reverse voltage 50~60v forward current 5a www.goodark.com 3/4 2015.07-rev.b package outline dimensions min max min max he 6.4 6.6 0.252 0.260 dim unit: mm unit: inch he 6.4 6.6 0.252 0.260 e 5.6 5.8 0.220 0.228 d 4.1 4.3 0.161 0.169 b1 1.7 1.9 0.067 0.075 b2 0.8 1 0.031 0.039 a 1.05 1.2 0.041 0.047 c 0.3 0.4 0.012 0.016 l 0.85 1.1 0.033 0.043 l1 42 44 0 165 0 173 l1 4 . 2 4 . 4 0 . 165 0 . 173 l2 l3 1.1 1.4 0.043 0.055 d1 3 3.3 0.118 0.130 e1 3.52 typ. 0.139 typ. 1.86 typ. 0.073 typ. soldering ?? footprint packing information packing quantities: 5000 pcs/reel 12mm tape, 13" reel tape & reel specification www.goodark.com 3/4 2015.07-rev.b
SGC0550S thru sgc0560s surface mount schottky rectifier reverse voltage 50~60v forward current 5a www.goodark.com 4/4 2015.07-rev.b these materials are intended as a reference to assist our customers in the selection of the suzhou good-ark product best suited to the customer ? s application; they do not convey any license under any intellectual p ro p ert y ri g hts, or an y other ri g hts, belon g in g to suzhou good-ark electronics co., ltd.or a third p art y. disclaimers pp yg , y g , gg , p y suzhou good-ark electronics co., ltd. assumes no responsibility for any damage, or infringement of any third-party ? s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. all information contained in these materials, including product data, diagrams, charts, programs and al g orithms represents information on products at the time o f publication o f these materials, and are sub j ect to g p p p , j change by suzhou good-ark electronics co., ltd. without notice due to product improvements or other reasons. it is therefore recommended that customers contact suzhou good-ark electronics co., ltd. or an authorized suzhou good-ark electronics co., ltd. for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. suzhou good-ark electronics co., ltd. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. please also pay attention to information published by suzhou good-ark electronics co., ltd. by various means, including our website home page. ,y , g pg (http://www.goodark.com) when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. suzhou good-ark electronics co., ltd. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. the prior written approval of suzhou good-ark electronics co., ltd. is necessary to reprint or reproduce in whole or in part these materials. please contact suzhou good-ark electronics co., ltd. or an authorized distributor for further details on these materials or the products contained herein. www.goodark.com 4/4 2015.07-rev.b


▲Up To Search▲   

 
Price & Availability of SGC0550S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X