Part Number Hot Search : 
23S8I D6432 ZC833A YM3404 0603C MOC256 28F800B5 DSP56
Product Description
Full Text Search
 

To Download R1200F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  R1200F thru r2000f high voltage fast recovery rectifier reverse voltage - 1200 to 2000 volts forward current - 0.5/0.2 ampere case : jedec do-41/do-15 molded plastic body terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.012 ounce, 0.33 grams(do-41) 0.014 ounce, 0.40 grams(do-15) the plastic package carries underwriters laboratory flammability classification 94v-0 construction utilizes void-free molded plastic technique low reverse leakage high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension features mechanical data maximum ratings and electrical characteristics dimensions in inches and (millimeters) ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. do-15 0.140 (3.6) 0.104(2.6) dia. 0.034 (0.86) 0.028 (0.71) dia. 0.300(7.6) 0.230(5.8) 1.0 (25.4) min. 1.0 (25.4) min. do-41 0.107 (2.7) 0.080 (2.0) dia. 0.034 (0.86) 0.028 (0.71) dia. 1.0 (25.4) min. 0.205 (5.2) 0.160(4.1) 1.0 (25.4) min. note: 1.reverse recovery condition i f =0.5a,i r =1.0a,irr=0.25a 2.measured at 1mhz and applied reverse voltage of 4.0v d.c. 3.thermal resistance from junction to ambient at 0.375 ? (9.5mm)lead length,p.c.b. mounted volts volts volts symbols units amp amps volts v rrm v rms v dc i (av) i fsm v f 0.5 30.0 2.5 operating junction and storage temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375 ? (9.5mm) lead length (see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 0.5/0.2 a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c i r 5.0 50.0 r q ja c j t j , t stg 50.0 15.0 -65 to +150 pf c a u typical thermal resistance (note 3) c/w typical junction capacitance (note 2) maximum reverse recovery time (note 1) t rr 500 ns 2000 1400 2000 1800 1260 1800 1500 1050 1500 1200 840 1200 R1200F r1500f r1800f r2000f 0.2 4.0 www.shunyegroup.com.cn
ratings and characteristic curves R1200F thru r2000f 0.5 0.4 0.3 0.2 0.1 0 0 25 50 75 100 125 150 175 30 25 20 15 10 5.0 0.8 1.6 2.4 3.2 4 4.4 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes junction capacitance, pf peak forward surge current, amperes instantaneous forward voleage, volts single phase half wave 60hz resistive or inductive load 1 10 100 8.3ms single half sine-wave (jedec method) 0.002 0.02 0.2 4 2 t j =25 c pulse width=300 m s 1%duty cycle t j =25 c 1 10 100 200 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, microamperes transient thermal impedance, c/w ambient temperature, c R1200F-r1800f r2000f R1200F-r1800f r2000f www.shunyegroup.com.cn


▲Up To Search▲   

 
Price & Availability of R1200F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X