Part Number Hot Search : 
P4KE43 AP9566GH L6920 MMSZ5 PMMAD ETL9321N LT4356 CAT28
Product Description
Full Text Search
 

To Download NGTM2332M801TR20F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount gas discharge tube ngtm series features ? ultra high current (up to 20,000a @ 8/20 m s) ? case size 2332 (6.0mm x 8.3mm x 8.3mm) ? low capacitance and insertion loss ? ul listed - isolated loop circuit protectors-components ? compatible with reflow soldering (+260c) ? rohs compliant specifications *see part number system for details rohs compliant includes all homogeneous materials* l w h p t 6.0 0.2 8.3 0.2 8.3 0.2 4.2 0.1 0.5 0.05 dimensions (mm) l t t h w p 1. parameters are based on itu-t k.12 2. the v-t waveform of the dc breakdown voltage and impulse spark-over voltage must lie between the shades areas (see graph page2) 3. total impulse discharge current @ 8/20 m s by iec 6100-4-5, 10 shots ngtm 2332 601 tr f rohs compliant tr = tape & reel voltage code: 601 = 600 volts tolerance code (m = 20%) case size code (see dimensions table) series part numbering system m 20 20=20ka, 10=10ka, 05=5ka impulse discharge current contact nic regarding availability of values not shown. type breakdown voltage 1, 2 (100v/s) breakdown voltage tolerance (v) impulse spark-over voltage 1, 2 (1kv/ m s) impulse discharge current 3 (8/20 m s) insulation resistance capacitance (1mhz, 0.5vdc) arc voltage 1a application circuit ngtm2332m091tr20f 90v 72 ~ 108 600v 20,000a 1g w @ 50v 1.5pf ~ 8v dc power ngtm2332m351tr20f 350v 280 ~ 420 650v 1g w @ 100v ~ 15v dc power ngtm2332m471tr20f 470v 376 ~ 564 850v ~ 15v ac power ngtm2332m601tr20f 600v 480 ~ 720 950v ~ 15v ac power NGTM2332M801TR20F 800v 640 ~ 960 1200v ~ 15v ac power ngtm2332m152tr10f 1500v 1200 ~ 1800 2500v 10,000a ~ 15v ac power ngtm2332m252tr05f 2500v 2000 ~ 3000 < 4000v 5,000a ~ 30v ac power ngtm2332m362tr05f 3600v 2800 ~ 4320 5000v 5,000a ~ 30v ac power 1 1 1 1 1 1 1 2 2 2 2 2 2 2 ul listing: nic components corp isolated loop circuit protectors - component re: qvgq2.e467518 1 2
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change ngtm series case size a b c 3223 4.5 7.95 8.0 a b c land pattern dimensions (mm) case size a b d 0 e f p 0 p 1 p 2 t k w 2332 6.5 0.2 8.4 0.2 1.50 +0.1 / -0 1.75 0.1 7.50 0.1 4.0 0.1 12.0 0.1 2.0 0.1 0.55 0.05 8.6 0.2 16.0 0.4 embossed plastic carrier dimensions (mm) surface mount gas discharge tube t e w d 0 p 0 f a b k p 1 p 2 feed direction 150c ~ 200c 60 ~ 180 sec. 260c 10 sec. max. ramp up 3c/sec. max. 217c 60 ~ 150 sec. ramp down 3c/sec. max. 25c to 260c 8 minutes max. 200c reflow soldering profile v max. 0.2v min. nominal rate of rise nominal rate of rise limit limit v 0 0 0.9t 1 t 1 1.1t 1 0.9t 2 t 2 1.1t 2 t spark-over test waveform (itu-t k.12)
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change case size a b c w qty 2332 330 2.0 13.0 0.15 100 2.0 16.5 0.5 500 reel dimensions (mm) and quantity c b a w ngtm series surface mount gas discharge tube


▲Up To Search▲   

 
Price & Availability of NGTM2332M801TR20F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X