Part Number Hot Search : 
PR500 C1455 SANYO CLAMP AD1385 KA78TXX T1012S G1200
Product Description
Full Text Search
 

To Download NDHV310ACA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nichia product guide utz-sc0003 _0 -1- violet laser diode NDHV310ACA ? features ? optical output power: 30mw ? single transverse mode ? can type: 5.6 ? absolute maximum ratings item symbol absolute maximum ratings unit optical output power po 35 mw ld reverse voltage vr (ld) 5 v storage temperature tstg -35 ~ 85 c operating case temperature tc -10 ~ 60 c ? initial electrical/optical characteristics (tc=25 c, po=30mw/cw) item symbol min typ. max unit optical output power po - 30 - mw peak wavelength** p 400 408 415 nm threshold current ith - 45 65 ma operating current iop - 70 100 ma slope efficiency 0.7 1.2 1.8 w/a operating voltage vop - 4.5 6 v // 5.0 8.0 11 deg. fwhm beam divergence ? 19 23 27 deg. ? // - - 2.5 deg. angle ? ? - - 3 deg. emission point accuracy position ? x, y, z - - 80 m **: fwhm < 1nm all figures in this specification ar e measured by nichia's method and may contain measurement deviations. nichia corporation http://www.nichia.co.jp head office: p.o.box 6 anan, tokushima-ken 774-8601, japan phone: +81-884-22-2311 fax: +81-884-23-1802 contact tokyo sales department optoel ectronics products div.: 13f ta machi center building, 34-7, shiba 5-chome, minato-ku, tokyo 108-0014, japan phone: +81-3-3456-3108 fax: +81-3-5440-7330 e-mail: laser@tokyo.nichia.co.jp 2 1 3 ld 1. ld anode 2. nc 3. ld cathode
nichia product guide utz-sc0003 _0 -2- ? typical characteristics ? optical output power vs. forward current 0 10 20 30 40 50 0 20406080100 forward current if [ma] optical output power po [mw] 20c 40c 60c ? forward voltage vs. forward current 0 1 2 3 4 5 6 0 20406080100 forward current if [ma] forward voltage vf [v] 20c 40c 60c ? peak wavelength vs. case temperature 405 407 409 411 413 415 0 20406080 case temperature tc [c] peak wavelength p [nm] ? typical spectrum 0.0 0.2 0.4 0.6 0.8 1.0 406 407 408 409 410 wavelength [nm] relative optilcal output power po=30mw ? far field pattern 0.0 0.2 0.4 0.6 0.8 1.0 -50 -30 -10 10 30 50 angle [degrees] relative intensity ? // po=30mw tc=25c ? frequency response -6 -5 -4 -3 -2 -1 0 1 2 0.1 1 10 frequency f [ghz] relative intensity [db] tc=25c po=5mw
nichia product guide utz-sc0003 _0 -3- ? outline dimension ( ) are reference figures ? safety of laser light laser light can damage the human eye and the eyes of animals. do not look at any laser light directly or through any optical lens. when handling a laser diode, do not look directly at the light generated by it. wear appropriate safety glasses to prevent light from entering the eye by reflection off of another surface. nichia lds are classified in class 3b of iec60825-1 and 21 cfr part 1040.10 safety standards . it is absolutely necessary to take overall safety measures against user's modules, equipment and systems into which nichia lds are incorporated and/or integrated. ? operating method laser diodes are to change forward voltage and light ou tput power due to the fluctuation in temperature etc. they have some tendency to graduall y increase electric current necessary to keep the output power constant during their operation. when precise optical output control is required, it is recommended to use an external photo diode to monitor output power and use apc (automatic power control) function in the operating circuit. ? cautions on ld handling static electricity and surge damage the lds. it is reco mmended to use a wrist strap or anti-electrostatic glove when handling the product. nichia lds described in this brochure are intended to be used for ordinary electronic equipment (such as office equipment, communications equipment, measurement instruments and household appliances). consult nichia?s sales staff in advance for information on the applications in which exceptional quality and reliability are required, particularly when the failure or malfunction of the lds may directly jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control equipment, life support systems and safety devices). the specifications of the product may be modified for improvement without prior notice. the formal specifications must be exchanged and signed by bot h parties before a user starts mass production. strictly prohibited are reverse engineering and disassembly concerning, but not limited to, structure and composition of the product. caution-use of controls or adjustments or performance of procedures other than those specified herein may result in hazardous radiation exposure. 2 1 3 ld 1. ld anode 2. nc 3. ld cathode * this model does not have photo diode. connection top view side view bottom view 3 0.450.1 6.51.0 2.30.2 3.55 0.1 0.250.03 glass thickness emitting point reference plane 1.20.1 1.30.08 1 2 3 2.0 0.2 x + y + 5.6 (90 ) (0.4) ( 1.6) 1.0 0.1 4.2 0.2 +0 -0.03 3.55 0.1 0.4 0.1


▲Up To Search▲   

 
Price & Availability of NDHV310ACA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X