Part Number Hot Search : 
SPF7211 GAANUB 2500T VHE620 B10011S 122DL XFHCL RF2905
Product Description
Full Text Search
 

To Download MSS5131-103ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C mss5131 document 642-1 document 642-1 revised 09/02/15 dcr srf i sat (a) 4 i rms (a) 5 inductance 2 max typ 3 10% 20% 30% 20c 40c part number 1 20% (h) (ohms) (mhz) drop drop drop rise rise mss5131-222ml_ 2.2 0.020 65.0 1.76 2.08 2.30 2.00 3.30 mss5131-332ml_ 3.3 0.028 60.0 1.33 1.58 1.73 1.60 2.90 mss5131-472ml_ 4.7 0.038 48.0 1.08 1.32 1.42 1.40 2.50 mss5131-562ml_ 5.6 0.042 44.0 1.00 1.20 1.30 1.30 2.30 mss5131-682ml_ 6.8 0.050 42.0 0.98 1.14 1.24 1.20 2.16 mss5131-822ml_ 8.2 0.058 40.0 0.90 1.04 1.18 1.10 2.00 MSS5131-103ML_ 10 0.070 38.0 0.85 0.98 1.13 1.00 1.90 mss5131-123ml_ 12 0.080 35.0 0.72 0.85 0.94 0.97 1.60 mss5131-153ml_ 15 0.100 32.0 0.67 0.78 0.86 0.94 1.50 mss5131-183ml_ 18 0.120 26.0 0.61 0.72 0.79 0.89 1.40 mss5131-223ml_ 22 0.145 22.0 0.54 0.64 0.70 0.87 1.30 mss5131-273ml_ 27 0.161 19.0 0.48 0.56 0.62 0.85 1.20 mss5131-333ml_ 33 0.200 18.0 0.44 0.52 0.58 0.80 1.10 mss5131-393ml_ 39 0.215 17.0 0.42 0.50 0.55 0.74 1.00 mss5131-473ml_ 47 0.270 16.0 0.38 0.46 0.51 0.71 0.95 mss5131-563ml_ 56 0.280 15.0 0.34 0.42 0.47 0.70 0.90 mss5131-683ml_ 68 0.368 12.5 0.31 0.38 0.42 0.66 0.85 mss5131-823ml_ 82 0.420 12.0 0.27 0.32 0.35 0.62 0.80 mss5131-104ml_ 100 0.580 11.5 0.26 0.30 0.33 0.55 0.69 mss5131-124ml_ 120 0.610 11.0 0.23 0.27 0.30 0.51 0.62 mss5131-154ml_ 150 0.820 10.0 0.21 0.26 0.28 0.47 0.58 mss5131-184ml_ 180 1.00 9.0 0.19 0.23 0.25 0.43 0.54 mss5131-224ml_ 220 1.10 8.0 0.18 0.21 0.23 0.39 0.50 mss5131-274ml_ 270 1.43 7.5 0.15 0.18 0.20 0.35 0.45 mss5131-334ml_ 330 1.58 6.8 0.13 0.17 0.19 0.32 0.42 mss5131-394ml_ 390 1.80 5.4 0.12 0.15 0.16 0.30 0.38 designers kit c362 contains 3 of each value core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant matte tin over nickel over phos bronze (current production) or gold over nickel over phos bronze (prior production). other terminations available at additional cost. weight 0.20 C 0.24 g ambient temperature C40c to +85c with (40c rise) i rms current. maximum part temperature +125c (ambient + temp rise). derating . storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 600/7 reel, 2500/13 reel; plastic tape: 12 mm wide, 0.35 mm thick, 8 mm pocket spacing, 3.25 mm pocket depth pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . 1. please specify termination and packaging codes: mss5131-394m lc termination: l = rohs compliant matte tin over nickel over phos bronze (current production) or gold over nickel over phos bronze (prior production). special order: t = rohs tin-silver-copper (95.5/4/0.5) over gold over nickel over phos bronze or s = non-rohs tin-lead (63/37) over gold over nickel over phos bronze. packaging: c = 7 machine-ready reel eia-481 em - bossed plastic tape (600 per full reel). b = less than full reel in tape, but not machine-ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel eia-481 embossed plastic tape. factory order only, not stocked (2500 per reel per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc using an agilent/hp 4263b lcr meter or equivalent . 3. srf measured using agilent/hp 4191a or equilvalent. 4. dc current at 25c that causes the specifed induc - tance drop from its value without current. click for temperature derating information. 5. current that causes the specifed temperature rise from 25c ambient. this information is for reference only and does not represent absolute maximum ratings. click for temperature derating information. 6. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. ? 5.1 5.1 mm footprint; 3.1mm high shielded inductors ? low dcr and excellent current handling
document 642-2 shielded power inductors C mss5131 dimensions are in inches mm 0.01 0.1 11 0 current (a) 1 10 100 1000 inductance (h) 100 h 390 h 10 h 2.2 h typical l vs current typical l vs frequency 0.01 0.1 11 0 frequency (mhz) 10 1 100 1000 inductance (h) 10 h 100 h 390 h 2.2 h max 0.181 4,6 0.181 4,6 0.063 1,6 0.200 5,1 0.200 5,1 123 * * 0.122 3,1 * dimensions are of the case not including the ter mination. fo r maximum ov erall dimensions including the ter mination, add 0.035 in / 0,9 mm. recommended land p attern 0.069 1,74 0.200 5,08 0.200 5,08 0.159 4,05 f dash n umber document 642-2 revised 09/02/15


▲Up To Search▲   

 
Price & Availability of MSS5131-103ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X