Part Number Hot Search : 
SMCJ58 TDA8751T HIN202 PN4119 B2268 MAX11136 ISP1105W 2N3980
Product Description
Full Text Search
 

To Download MCS432P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mcs sub-miniature slide switches rohs compliant  common :wljp?jh[pvuz ? initial contact resistance 30m 
max. at 1.5ma 200  vac ? dilectric strength ac500v for 1 minute ? initial insulation resistance 100m 
min. at 500vdc ? electical life 10,000 cycles ? operating temperature range  10 ?? 60 ?  part numbering 0/?0/ 0/?0''?0/ 0/?0/?0/ 0/? 0/? 0/?0/ 0/?0/ 0/?0''?0/ 0/?0/?0/ 0/? 0/? 0/?0/ d e ea dd n p pa nn pc terminal right angle terminal surface mount type solder terminals mcs 1 2 1 y d y  1001 series code registration number 5fsnjobmtuzmf 1  pole 2  poles 4  poles 6  poles /vncfspgqpmft 1 2 4 6 'jh 2 qptjujpo 3 qptjujpo 4 qptjujpo /vncfspgqptjujpo 2 3 4 'jh 1 2 3 4 'jh $pef 0ee &wfo switching function  :vsklypun:wljp?jh[pvuz ? manual soldering device  soldering iron. ? 350 ? , max.; 3 seconds, max. ? when soldering two or more terminals to the common land, use solder resist to solder them independently.  flux cleaning ? solvent : fluorine or alcohol type.
mcs circuit arrangement circuit diagram no. of terminals pos.a pos.b 3 on on  c    1   c    2  circuit arrangement circuit diagram no. of terminals pos.a pos.b 3 on on  c    1   c    2  circuit arrangement circuit diagram no. of terminals pos.a pos.b 6 on on  c1    1   c2    3   c1    2   c2    4   pc hole layouts yy  top view   pc hole layouts yy  top view   pc hole layouts yy  top view  ? rating : dc50v 0.3a ? operating force : 2.45 ? 0.98n ? rating : dc50v 0.3a ? operating force : 2.45 ? 0.98n ? rating : dc50v 0.3a ? operating force : 2.45 ? 0.98n non-shorting non-shorting non-shorting mcs121d-1001  mcs221n-1006 mcs122d-1002  made to order products.
mcs circuit arrangement circuit diagram no. of terminals pos.a pos.b pos.c 4 on on on  c    1   c    2   c    3  circuit arrangement circuit diagram no. of terminals pos.a pos.b pos.c 4 on on on  c    1   c    2   c    3  circuit arrangement circuit diagram no. of terminals pos.a pos.b 6 on on  c1    1   c2    3   c1    2   c2    4   pc hole layouts yy  top view   pc hole layouts yy  top view   pc hole layouts yy  top view  ? rating : dc50v 0.2a ? operating force : 2.45 ? 0.98n ? rating : dc50v 0.3a ? operating force : 2.45 ? 0.98n ? rating : dc50v 0.3a ? operating force :  a  e  b  z  c  e  b  1.96 ? 0.98n  b  e  a  z  b  e  c  2.94 ? 0.98n non-shorting shorting  page 531.  mcs222n-2004 mcs131ea-1004  mcs132ea-1005 shorting shorting  made to order products.
3 0.3 3 0.3 mcs circuit arrangement circuit diagram no. of terminals pos.a pos.b pos.c 8 on on on  c1    1   c2    4   c1    2   c2    5   c1    3   c2    6   pc hole layouts yy  top view   pc hole layouts yy  top view   pc hole layouts yy  top view  ? rating : dc50v 0.3a ? operating force : 2.45 ? 0.98n ? rating : dc50v 0.3a ? operating force : 2.45 ? 0.98n ? rating : dc50v 0.3a ? operating force :  a  e  b  z  c  e  b  1.47 ? 0.49n  b  e  a  z  b  e  c  2.94 ? 0.98n non-shorting shorting non-shorting  mcs221n-1008 mcs232pa-1012 mcs222n-1009  made to order products. circuit arrangement circuit diagram no. of terminals pos.a pos.b 6 on on  c1    1   c2    3   c1    2   c2    4  circuit arrangement circuit diagram no. of terminals pos.a pos.b 6 on on  c1    1   c2    3   c1    2   c2    4 
mcs circuit arrangement circuit diagram no. of terminals pos.a pos.b 6 on on  c1    1   c2    3   c1    2   c2    4  circuit arrangement circuit diagram no. of terminals pos.a pos.b 12 on on  c1    1   c2    3   c3    5   c4    7   c1    2   c2    4   c3    6   c4    8   pc hole layouts yy  top view   pc hole layouts yy  top view   pc hole layouts yy  top view  ? rating : dc50v 0.3a ? operating force : 2.45 ? 0.98n ? rating : dc50v 0.3a ? operating force : 2.45 ? 0.98n non-shorting non-shorting non-shorting  mcs222n-1010  mcs422n-1015  mcs122d-2001  made to order products. circuit arrangement circuit diagram no. of terminals pos.a pos.b 3 on on  c    1   c    2  ? rating : dc50v 0.2a ? operating force : 2.45 ? 1.47n
mcs circuit arrangement circuit diagram no. of terminals pos.a pos.b 12 on on  c1    1   c2    3   c3    5   c4    7   c1    2   c2    4   c3    6   c4    8   pc hole layouts yy  top view   pc hole layouts yy  top view   pc hole layouts yy  top view  ? rating : dc30v 0.2a ? operating force : 2.45 ? 0.98n ? rating : dc30v 0.2a ? operating force : 1.96 ? 0.98n ? rating : dc50v 0.3a ? operating force : 2.45 ? 0.98n non-shorting non-shorting non-shorting  mcs222n-2002  mcs422n-2009  mcs221n-1007  made to order products. circuit arrangement circuit diagram no. of terminals pos.a pos.b 6 on on  c1    1   c2    3   c1    2   c2    4  circuit arrangement circuit diagram no. of terminals pos.a pos.b 6 on on  c1    1   c2    3   c1    2   c2    4 
mcs circuit arrangement circuit diagram no. of terminals pos.a pos.b 6 on on  c1    1   c2    3   c1    2   c2    4  circuit arrangement circuit diagram no. of terminals pos.a pos.b 8 on on  1    2   5    6   3    4   7    8  circuit arrangement circuit diagram no. of terminals pos.a pos.b 12 on on  c1    1   c2    3   c3    5   c4    7   c1    2   c2    4   c3    6   c4    8   pc hole layouts yy  top view   pc hole layouts yy  top view   pc hole layouts yy  top view  ? rating : dc30v 0.2a ? operating force : 1.96 ? 0.98n ? rating : dc30v 0.3a ? operating force : 1.96 ? 0.98n ? rating : dc50v 0.3a ? operating force : 2.45 ? 0.98n non-shorting non-shorting non-shorting  mcs222n-2003 mcs421n-1014  mcs222n-2005  made to order products.
mcs  pc hole layouts yy  top view   pc hole layouts yy  top view  shorting shorting  mcs232pa-1013  mcs231pa-1011  made to order products. circuit arrangement circuit diagram no. of terminals pos.a pos.b pos.c 8 on on on  c1    1   c2    4   c1    2   c2    5   c1    3   c2    6  circuit arrangement circuit diagram no. of terminals pos.a pos.b pos.c 8 on on on  c1    1   c2    4   c1    2   c2    5   c1    3   c2    6  ? rating : dc50v 0.3a ? operating force :  a  e  b  z  c  e  b  1.96 ? 0.78n  b  e  a  z  b  e  c  2.94 ? 0.98n ? rating : dc50v 0.3a ? operating force :  a  e  b  z  c  e  b  1.96 ? 0.78n  b  e  a  z  b  e  c  2.94 ? 0.98n
circuit arrangement circuit diagram no. of terminals pos.a pos.b pos.c 20 on on on  c1    1   c2   c3    4   c4   c5    7   c6   c7    10   c8   c1    2   c2   c3    5   c4   c5    8   c6   c7    11   c8   c1    3   c2   c3    6   c4   c5    9   c6   c7    12   c8  circuit arrangement circuit diagram no. of terminals pos.a pos.b pos.c pos.c 24 on on on on  c1    1   c2   c3    5   c4   c5    9   c6   c7    13   c8   c1    2   c2   c3    6   c4   c5    10   c6   c7    14   c8   c1    3   c2   c3    7   c4   c5    11   c6   c7    15   c8   c1    4   c2   c3    8   c4   c5    12   c6   c7    16   c8  ? rating : dc30v 0.3a ? operating force :  a  e  b  z  c  e  b  1.76 ? 0.78n  b  e  a  z  b  e  c  2.25 ? 0.98n mcs circuit arrangement circuit diagram no. of terminals pos.a pos.b 18 on on  c1    1   c2    3   c3    5   c4    7   c5    9   c6    11   c1    2   c2    4   c3    6   c4    7   c5    10   c6    12   pc hole layouts yy  top view   pc hole layouts yy  top view   pc hole layouts yy  top view  ? rating : dc30v 0.3a ? operating force : 2.45 ? 0.98n ? rating : dc50v 0.3a ? operating force : 3.92 ? 0.98n non-shorting non-shorting non-shorting  mcs622n-2011  mcs431pa-2010  mcs442nn-1016  made to order products.


▲Up To Search▲   

 
Price & Availability of MCS432P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X