Part Number Hot Search : 
36825 M6GZ47 6681Z ALD7556 KA3843 2108M00 2108M00 APE1085P
Product Description
Full Text Search
 

To Download KTN2222S-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1999. 5. 4 1/5 semiconductor technical data ktn2222s/as epitaxial planar npn transistor revision no : 2 general purpose application. switching application. features h low leakage current : i cex =10na(max.) ; v ce =60v, v eb(off) =3v. h low saturation voltage : v ce(sat) =0.3v(max.) ; i c =150ma, i b =15ma. h complementary to the ktn2907s/2907as. dim millimeters sot-23 a b c d e 2.93 0.20 1.30+0.20/-0.15 0.40+0.15/-0.05 2.40+0.30/-0.20 g 1.90 h j k l m n 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 q 0.1 max 0.20 min 1.00+0.20/-0.10 m j k e 1 2 3 h g a n c b d 1.30 max ll pp p7 + _ q 1. emitter 2. base 3. collector maximum rating (ta=25 ? ) characteristic symbol rating unit ktn2222s ktn2222as collector-base voltage v cbo 60 75 v collector-emitter voltage v ceo 30 40 v emitter-base voltage v ebo 5 6 v collector current i c 600 ma collector power dissipation (ta=25 ? ) p c 350 mw junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? note : p c * : package mounted on 99.5% alumina 10 ? 8 ? 0.6mm. mark spec type name marking lot no. zb type name lot no. zg type mark ktn2222s z b ktn2222as z g
1999. 5. 4 2/5 ktn2222s/as revision no : 2 electrical characteristics (ta=25 ? ) * pulse test : pulse width " 300  s, duty cycle " 2%. characteristic symbol test condition min. typ. max. unit collector cut-off current ktn2222as i cex v ce =60v, v eb(off) =3v - - 10 na collector cut-off current ktn2222s i cbo v cb =50v, i e =0 - - 0.01  a ktn2222as v cb =60v, i e =0 - - 0.01 emitter cut-off current ktn2222as i ebo v eb =3v, i c =0 - - 10 na collector-base breakdown voltage ktn2222s v (br)cbo i c =10  a, i e =0 60 - - v ktn2222as 75 - - collector-emitter * breakdown voltage ktn2222s v (br)ceo i e =10ma, i b =0 30 - - v ktn2222as 40 - - emitter-base breakdown voltage ktn2222s v (br)ebo i e =10  a, i c =0 5 - - v ktn2222as 6 - - dc current gain * ktn2222s ktn2222as h fe (1) i c =0.1ma, v ce =10v 35 - - h fe (2) i c =1ma, v ce =10v 50 - - h fe (3) i c =10ma, v ce =10v 75 - - h fe (4) i c =150ma, v ce =10v 100 - 300 ktn2222s h fe (5) i c =500ma, v ce =10v 30 - - ktn2222as 40 - - collector-emitter * saturation voltage ktn2222s v ce(sat) 1 i c =150ma, i b =15ma - - 0.4 v ktn2222as - - 0.3 ktn2222s v ce(sat) 2 i c =500ma, i b =50ma - - 1.6 ktn2222as - - 1 base-emitter * saturation voltage ktn2222s v be(sat) 1 i c =150ma, i b =15ma - - 1.3 v ktn2222as 0.6 - 1.2 ktn2222s v be(sat) 2 i c =500ma, i b =50ma - - 2.6 ktn2222as - - 2.0 transition frequency ktn2222s f t v ce =20v, i c =20ma, f=100mhz 250 - - mhz ktn2222as 300 - - collector output capacitance c ob v cb =10v, i e =0, f=1.0mhz - - 8 pf input capacitance ktn2222s c ib v eb =0.5v, i c =0, f=1.0mhz - - 30 pf ktn2222as - - 25
1999. 5. 4 3/5 ktn2222s/as revision no : 2 electrical characteristics (ta=25 ? ) characteristic symbol test condition min. typ. max. unit input impedance ktn2222as h ie i c =1ma, v ce =10v, f=1khz 2 - 8 k ? i c =10ma, v ce =10v, f=1khz 0.25 - 1.25 voltage feedback ratio ktn2222as h re i c =1ma, v ce =10v, f=1khz - - 8 x10 -4 i c =10ma, v ce =10v, f=1khz - - 4 small-singal current gain ktn2222as h fe i c =1ma, v ce =10v, f=1khz 50 - 300 i c =10ma, v ce =10v, f=1khz 75 - 375 collector output admittance ktn2222as h oe i c =1ma, v ce =10v, f=1khz 5 - 35 i c =10ma, v ce =10v, f=1khz 25 - 200 collector-base time constant ktn2222as c c h rbb? i e =20ma, v cb =20v, f=31.8mhz - - 150 ps noise figure ktn2222as nf i c =100  a, v ce =10v, rg=1k ? , f=1khz - - 4 db switching time delay time t d v cc =30v, v be(off) =0.5v i c =150ma, i b1 =15ma - - 10 ns rise time t r - - 25 storage time t stg v cc =30v, i c =150ma i b1 =-i b2 =15ma - - 225 fall time t f - - 60 ? 
1999. 5. 4 4/5 ktn2222s/as revision no : 2
1999. 5. 4 5/5 ktn2222s/as revision no : 2


▲Up To Search▲   

 
Price & Availability of KTN2222S-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X