Part Number Hot Search : 
1430G5LL STRF6654 2N5555 PAB333 1N5277 UPD70108 KKA6107Q MPC534
Product Description
Full Text Search
 

To Download KTN2222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1999. 5. 4 1/5 semiconductor technical data KTN2222/a epitaxial planar pnp transistor revision no : 1 general purpose application. switching application. features  low leakage current : i cex =10na(max.) ; v ce =60v, v eb(off) =3v.  low saturation voltage : v ce(sat) =0.3v(max.) ; i c =150ma, i b =15ma.  complementary to the ktn2907/2907a.  KTN2222/2222a electrically similar to 2n2222/2222a. to-92 dim millimeters a b c d f g h j k l 4.70 max 4.80 max 3.70 max 0.45 1.00 1.27 0.85 0.45 14.00 0.50 0.55 max 2.30 d 1 2 3 b a j k g h f f l e c e c m n 0.45 max m 1.00 n 1. emitter 3. collector 2. base + _ maximum rating (ta=25 1 ) characteristic symbol rating unit KTN2222 KTN2222a collector-base voltage v cbo 60 75 v collector-emitter voltage v ceo 30 40 v emitter-base voltage v ebo 5 6 v collector current i c 600 ma collector power dissipation (ta=25 1 ) p c 625 mw junction temperature t j 150 1 storage temperature range t stg -55  150 1
1999. 5. 4 2/5 KTN2222/a revision no : 1 characteristic symbol test condition min. typ. max. unit collector cut-off current KTN2222a i cex v ce =60v, v eb(off) =3v - - 10 na collector cut-off current KTN2222 i cbo v cb =50v, i e =0 - - 0.01  a KTN2222a v cb =60v, i e =0 - - 0.01 emitter cut-off current KTN2222a i ebo v eb =3v, i c =0 - - 10 na collector-base breakdown voltage KTN2222 v (br)cbo i c =10  a, i e =0 60 - - v KTN2222a 75 - - collector-emitter * breakdown voltage KTN2222 v (br)ceo i e =10ma, i b =0 30 - - v KTN2222a 40 - - emitter-base breakdown voltage KTN2222 v (br)ebo i e =10  a, i c =0 5 - - v KTN2222a 6 - - dc current gain * KTN2222 KTN2222a h fe (1) i c =0.1ma, v ce =10v 35 - - h fe (2) i c =1ma, v ce =10v 50 - - h fe (3) i c =10ma, v ce =10v 75 - - h fe (4) i c =150ma, v ce =10v 100 - 300 KTN2222 h fe (5) i c =500ma, v ce =10v 30 - - KTN2222a 40 - - collector-emitter * saturation voltage KTN2222 v ce(sat) 1 i c =150ma, i b =15ma - - 0.4 v KTN2222a - - 0.3 KTN2222 v ce(sat) 2 i c =500ma, i b =50ma - - 1.6 KTN2222a - - 1 base-emitter * saturation voltage KTN2222 v be(sat) 1 i c =150ma, i b =15ma - - 1.3 v KTN2222a 0.6 - 1.2 KTN2222 v be(sat) 2 i c =500ma, i b =50ma - - 2.6 KTN2222a - - 2.0 transition frequency KTN2222 f t i c =20ma, v ce =20v, f=100mhz 250 - - mhz KTN2222a 300 - - collector output capacitance c ob v cb =10v, i e =0, f=1.0mhz - - 8 pf input capacitance KTN2222 c ib v eb =0.5v, i c =0, f=1.0mhz - - 30 pf KTN2222a - - 25 electrical characteristics (ta=25 1 ) * pulse test : pulse width # 300  s, duty cycle # 2%.
1999. 5. 4 3/5 KTN2222/a revision no : 1 characteristic symbol test condition min. typ. max. unit input impedance KTN2222a h ie i c =1ma, v ce =10v, f=1khz 2 - 8 k u i c =10ma, v ce =10v, f=1khz 0.25 - 1.25 voltage feedback ratio KTN2222a h re i c =1ma, v ce =10v, f=1khz - - 8 x10 -4 i c =10ma, v ce =10v, f=1khz - - 4 small-singal current gain KTN2222a h fe i c =1ma, v ce =10v, f=1khz 50 - 300 i c =10ma, v ce =10v, f=1khz 75 - 375 collector output admittance KTN2222a h oe i c =1ma, v ce =10v, f=1khz 5 - 35 i c =10ma, v ce =10v, f=1khz 25 - 200 collector-base time constant KTN2222a c c  rbb? i e =20ma, v cb =20v, f=31.8mhz - - 150 ps noise figure KTN2222a nf i c =100  a, v ce =10v, rg=1k u , f=1khz - - 4 db switching time delay time t d v cc =30v, v be(off) =0.5v i c =150ma, i b1 =15ma - - 10 ns rise time t r - - 25 storage time t stg v cc =30v, i c =150ma i b1 =-i b2 =15ma - - 225 fall time t f - - 60 electrical characteristics (ta=25 1 ) u 
1999. 5. 4 4/5 KTN2222/a revision no : 1 c collector current i (ma) 10 dc current gain h fe 1 0.5 collector current i (ma) c 0 collector-emitter voltage v (v) ce ce c i - v h - i transition frequency f (mhz) collector current i (ma) c t f - i 0.4 0.8 1.2 1.6 200 400 600 800 fe c 30 50 100 300 500 1k v =10v ce tc 10 -1 100 -10 -100 -1k -3 k ta=25 c v =10v 1000 ce common emitter ta=25 c 1.8 1000 i =2ma b 3 10 30 100 300 1k ta=-25 c ta=25 c ta=75 c 100 0.5 1 0.6 0.4 0.2 0 collector-emitter saturation ce(sat) 10 330 v - i ce(sat) c 1k 300 i /i =10 c voltage v (v) collector current i (ma) c v ce(sat) common emitter b base-emitter saturation voltage v (v) collector current i (ma) 3 0.2 0.5 be(sat) 1 0 10 30 100 c 1k 300 0.4 i /i =10 common emitter v - i be(sat) c b c 0.6 0.8 1.0 1.2 1.4 1.6 v be(sat) ta=-25 c ta=25 c ta=75 c collector current i (ma) 0.2 0.05 base-emitter voltage v (v) be c 0.3 0.4 0.5 0.6 0.1 0.3 1 3 10 30 100 300 500 0.7 0.8 0.9 1.0 i - v cbe ta=75 c ta =25 c ta=-25 c common emitter v =10v ce 6ma 4ma 8ma 10ma 12ma 14ma 16ma 18ma 20ma v =1v ce v =2v ce ta=25 c 30 300 -3 -30 -300
1999. 5. 4 5/5 KTN2222/a revision no : 1 collector output capacitance cob (pf) collector-base voltage v (v) cb cob - v cb 1.0 -0.1 10 -1.0 -10 -100 -300 common emitter ta=25 c 100 emitter-base voltage v (v) eb collector input capacitance cib (pf) 3.0 30 cib cob f=1mhz, eb cib - v collector power dissipation 0 c 0 ambient temperature ta ( c) pc - ta p (mw) 25 50 75 100 125 150 175 100 200 300 400 500 600 700


▲Up To Search▲   

 
Price & Availability of KTN2222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X