Part Number Hot Search : 
SZTMC 390115 1544F B0520 016000 RFZ44 DL5250B BZX55C12
Product Description
Full Text Search
 

To Download KIA339PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2002. 3. 7 1/4 semiconductor technical data kia339p/f bipolar linear integrated circuit revision no : 3 quad voltage comparators this device consist of for independent voltage comparators that designed to operated from a single power supply over a wide range of voltage. normal operation from dual supplies are also to be guaranteed on voltage range from 2v to 36v. v cc is necessary at least more 1.5 volts than the input common mode voltage. the output can be connected to other open collector outputs to achieve wired-or relationship. ? single supply voltage range or dual supplies. : 2v dc to 36v dc or ?? 18v dc ? low supply current : 0.8ma (typ.) ? low input offset voltage : ?? 2mv (typ.) ? wide input common mode voltage range . : 0v dc to v cc -1.5v dc ? output compatible with ttl, dtl, mos and cmos logic system. ? the output can be connected to achieve wired-or. 14 8 1 7 q dip-14 a b d p d h l w t g dim millimeters a b d t p d g h l 4.0 0.4 3 - 11 1.46 0.2 w 19.2 0.3 6.35 0.3 0.46 0.1 3.3 0.3 2.54 0.25+0.11/1-0.05 q + _ + _ 0.6 0.3 + _ + _ + _ + _ + _ 7.9 0.4 + _ flp-14 l 1 7 8 14 b1 p d h a g t b2 0.20+0.1/-0.05 p t 1.27 millimeters 0.4 0.1 0.15+0.1/-0.05 8.66 0.2 b2 g h l d a b1 dim 6.00 0.3 1.63 0.2 0.65 0.2 3.94 0.2 + _ + _ + _ + _ + _ + _ 1 2 3 4 5 6 7 14 13 12 11 10 9 8 pin connection (top view) out b out a +in a -in b +in b -in c +in c -in d gnd out d out c v cc -in a +in d + - a b - + + - c d - +
2002. 3. 7 2/4 kia339p/f revision no : 3 maximum ratings (ta=25 ? ) characteristic symbol rating unit supply voltage v cc ?? 18, 36 v differential input voltage dv in ?? 18, 36 v common mode input voltage cmv in -0.3 ?- v cc v power dissipation kia339p p d 625 mw kia339f 280 operating temperature t opr -40 ?- 85 ? storage temperature t stg -55 ?- 125 ? equivalent circuit v cc 100 a +in q2 q3 q4 q5 q6 q7 q8 out -in q1 3.5 a 3.5 a 100 a
2002. 3. 7 3/4 kia339p/f revision no : 3 v cc v cc v cc v cc v cc v cc (1) i cc m (2) i i , i io i i(-) i i(+) 1 vdc (3) i leak (4)v io , cmv in v out v out r g r g v ref r f r f r l (5) i sink , v ol (6) t rsp 5.1k ? c l v in i o = i i(+) - i i(-) - + - + - + - + - + - + m vi electrical characteristics (v cc =5v, v ee =gnd, ta=25 ? ) characteristic symbol test circuit test condition min. typ. max. unit input offset voltage v io 4 v o =1.4v - 2 5 mv input offset current i io 2 - - 5 50 na input bias current i i 2 - - 25 250 na common mode input voltage cmv in 4 - 0 - v cc -1.5 v voltage gain g v - r l =15k ? - 200 - v/mv supply current i cc 1 no load - 0.8 2 ma sink current i sink 5 +in=0v, -in=1v, v ol =1.5v 6 16 - ma output voltage ("l" level) v ol 5 +in=0v, -in=1v, i sink =3ma - 0.2 0.4 v output leak current i leak 3 +in=1v, -in=0v, v o =5v - 0.1 - na response time t rsp 6 r l =5.1k ? , c l =15pf - 1.3 - s test circuit
2002. 3. 7 4/4 kia339p/f revision no : 3 0.6 1 cc v - i supply voltage v (v) 20 30 40 response time t ( s) input voltage -100 -50 10 100 0.01 output voltage v (v) ol 0.01 0.001 0.1 0.1 1 v , v - t in i input bias current i (na) 0 supply voltage v (v) v - i cc 0 1 10 v - i 0 00.51.01 .5 2.0 0.8 1.0 1.2 10 20 40 60 80 10 20 30 40 0 cc i ol sink current i (ma) rsp in 4.0 out cc cc cc supply current i (ma) ta=-40 c 0 c 25 c 85 c ta=-40 c 0 c 25 c 85 c sink sink t a= 85 c 25 c 0 c -40 c v (mv) out 0 2.0 6.0 input over drive=5.0mv 20mv 100m v 5v dc 5.1k ? v out in v - + + - v in 5.1k ? 5v dc input over drive=100mv 6.0 2.0 0 4.0 rsp 2.0 1.5 1.0 0.5 0 0 50 100 response time t ( s) 5mv 20mv output voltage v (v) v (v) output voltage v (mv) input voltage out in out v rsp rsp out in v , v - t ambient temperature ta ( c) allowable power dissipation p (mw) 25 0 0 100 d d p - ta 50 75 100 125 150 175 200 300 400 500 600 700


▲Up To Search▲   

 
Price & Availability of KIA339PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X