Part Number Hot Search : 
OBH3101 RMH1W TC322 ST14DD00 P2500SL 824UOL UHE0J472 0603A
Product Description
Full Text Search
 

To Download IRLML2060TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  03/09/12 IRLML2060TRPBF hexfet   power mosfet www.irf.com 1 ordering information:see detailed ordering and shipping information on the last page of this data sheet. notes   through  are on page 10 application(s) micro3 tm (sot-23) IRLML2060TRPBF      ?? load/ system switch features and benefits absolute maximum ratings symbol parameter units v ds drain-source voltage v i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v i dm pulsed drain current p d @t a = 25c maximum power dissipation p d @t a = 70c maximum power dissipation linear derating factor w/c v gs gate-to-source voltage v t j, t stg junction and storage temperature range c thermal resistance symbol parameter typ. max. units r ? ja junction-to-ambient CCC 100 r ? ja junction-to-ambient (t<10s)  CCC 99 0.80 4.8 w c/w a max. 1.2 0.93 -55 to + 150 16 0.01 60 1.25 features benefits industry-standard pinout multi-vendor compatibility compatible with existing surface mount techniques results in easier manufacturing rohs compliant containing no lead, no bromide and no halogen ? environmentally friendly msl1 increased reliability v ds 60 v v gs max 16 v r ds(on) max (@v gs = 10v) 480 m ? r ds(on) max (@v gs = 4.5v) 640 m ? pd - 97448a downloaded from: http:///
 
2 www.irf.com electric characteristics @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 60 CCC CCC v ? v (br)dss / ? t j breakdown voltage temp. coefficient CCC 0.06 CCC v/c CCC 356 480 CCC 475 640 v gs(th) gate threshold voltage 1.0 CCC 2.5 v i dss CCC CCC 20 CCC CCC 150 i gss gate-to-source forward leakage CCC CCC 100 gate-to-source reverse leakage CCC CCC -100 r g internal gate resistance CCC 7.5 CCC ? gfs forward transconductance 1.6 CCC CCC s q g total gate charge CCC 0.67 CCC q gs gate-to-source charge CCC 0.18 CCC q gd gate-to-drain ("miller") charge CCC 0.40 CCC t d(on) turn-on delay time CCC 4.9 CCC t r rise time CCC 3.8 CCC t d(off) turn-off delay time CCC 3.7 CCC t f fall time CCC 2.8 CCC c iss input capacitance CCC 64 CCC c oss output capacitance CCC 13 CCC c rss reverse transfer capacitance CCC 6.6 CCC source - drain ratings and characteristics symbol parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage CCC CCC 1.2 v t rr reverse recovery time CCC 14 21 ns q rr reverse recovery charge CCC 8.3 12 nc di/dt = 100a/ s  v gs = 16v v gs = -16v t j = 25c, i s = 1.2a, v gs = 0v  integral reverse p-n junction diode. v ds = 25v, i d = 1.2a i d = 1.2a i d = 1.2a t j = 25c, v r = 30v, i f =1.3a mosfet symbol showing the v ds = 30v conditions v gs = 4.5v v gs = 0v v ds = 25v ? = 1.0mhz r g = 6.8 ? v gs = 4.5v  conditions v gs = 0v, i d = 250 a reference to 25c, i d = 5.0ma v gs = 10v, i d = 1.2a  v ds = v gs , i d = 25 a v ds = 60v, v gs = 0v v ds = 60v, v gs = 0v, t j = 125c r ds(on) v gs = 4.5v, i d = 0.96a  static drain-to-source on-resistance drain-to-source leakage current a m ? v dd = 30v  na nc ns pf a 1.2 4.8 CCC CCC CCC CCC downloaded from: http:///
 
www.irf.com 3 fig 3. typical transfer characteristics fig 2. typical output characteristics fig 1. typical output characteristics fig 4. normalized on-resistance vs. temperature 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 8.0v 4.5v 4.0v 3.8v 3.5v 3.3v bottom 3.0v ? 60 s pulse width tj = 25c 3.0v 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 3.0v ? 60 s pulse width tj = 150c vgs top 10v 8.0v 4.5v 4.0v 3.8v 3.5v 3.3v bottom 3.0v 2 3 4 5 6 v gs , gate-to-source voltage (v) 0.1 1 10 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = 25v ? 60 s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.5 1.0 1.5 2.0 2.5 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 1.2a v gs = 10v downloaded from: http:///
 
4 www.irf.com fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 8. maximum safe operating area fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0.0 0.5 1.0 1.5 2.0 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 48v v ds = 30v v ds = 12v i d = 1.2a 0.5 0.6 0.7 0.8 0.9 1.0 1.1 v sd , source-to-drain voltage (v) 0.1 1 10 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v 0 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) t a = 25c tj = 150c single pulse 100 sec 1msec 10msec downloaded from: http:///
 
www.irf.com 5 fig 11. typical effective transient thermal impedance, junction-to-ambient fig 9. maximum drain current vs. ambient temperature v ds 90%10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms fig 10a. switching time test circuit   
 ????      ???????          + -   25 50 75 100 125 150 t a , ambient temperature (c) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i d , d r a i n c u r r e n t ( a ) 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 t 1 , rectangular pulse duration (sec) 0.01 0.1 1 10 100 1000 t h e r m a l r e s p o n s e ( z t h j a ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthja + t a downloaded from: http:///
 
6 www.irf.com fig 13. typical on-resistance vs. drain current fig 12. typical on-resistance vs. gate voltage fig 14b. gate charge test circuit fig 14a. basic gate charge waveform q g q gs q gd v g charge   d.u.t. v ds i d i g 3ma v gs .3 ? f 50k ? .2 ? f 12v current regulator same type as d.u.t. current sampling resistors + - 4 5 6 7 8 9 10 v gs, gate -to -source voltage (v) 200 400 600 800 1000 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) i d = 1.2a t j = 25c t j = 125c 0 1 2 3 4 5 i d , drain current (a) 0 500 1000 1500 2000 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) vgs = 10v vgs = 4.5v downloaded from: http:///
 
www.irf.com 7 fig 15. typical threshold voltage vs. junction temperature   typical power vs. time -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 25 a i d = 250 a 1 10 100 1000 10000 100000 time (sec) 0 20 40 60 80 100 p o w e r ( w ) downloaded from: http:///
 
8 www.irf.com micro3 (sot-23/to-236ab) part marking information 
   
  
    

 
     
       
 !  e e1 e d a b 0.15 [0.006] e1 1 2 3 m cba 5 6 6 5 notes: b a1 3x a a2 abc m 0.20 [0.008] 0.10 [0.004] c c 1. dimensioning & tolerancing per ansi y14.5m-1994 2. dimensions are shown in millimeters [inches]. 3. controlling dimension: millimeter. 4. datum plane h is located at the mold parting line. 5. datum a and b to be determined at datum plane h. 6. dimensions d and e1 are measured at datum plane h. dimensions does not include mold protrusions or interlead flash. mold protrusions or interlead flash shall not exceed 0.25 mm [0.010 inch] per side. 7. dimension l is the lead length for soldering to a substrate. 8. outline conforms to jedec outline to-236 ab. 0.89 1.12 symbol max min a1 b 0.01 0.10 c 0.30 0.50 d 0.08 0.20 e 2.80 3.04 e1 2.10 2.64 e 1.20 1.40 a 0.95 bsc l 0.40 0.60 08 millimeters a2 0.88 1.02 e1 1.90 bsc ref 0.54 l1 bsc 0.25 l2  bsc  ref  
 
inches 8 0     
          0.0004 min max  
dimensions 0.972 1.900 recommended footprint 0.802 0.950 2.742 3x l c l2 h 4 l1 7 
  

  
 

     
                            !   "   "  #          !      date code marking instructions  
 $

# %      #                               
                             
                                      
           
           
          
           
           
        
                        
      
                          


         

        


        


        


         

         
         
  !  "                                   "          #                                  $           %         &            downloaded from: http:///
 
www.irf.com 9  ??   
  
    2.05 ( .080 ) 1.95 ( .077 ) tr feed direction 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 ) 1.85 ( .072 ) 1.65 ( .065 ) 3.55 ( .139 ) 3.45 ( .136 ) 1.1 ( .043 ) 0.9 ( .036 ) 4.1 ( .161 ) 3.9 ( .154 ) 0.35 ( .013 ) 0.25 ( .010 ) 8.3 ( .326 ) 7.9 ( .312 ) 1.32 ( .051 ) 1.12 ( .045 ) 9.90 ( .390 ) 8.40 ( .331 ) 178.00 ( 7.008 ) max. notes: 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541.  
          
     downloaded from: http:///
 
10 www.irf.com data and specifications subject to change without notice. ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 03/12  qualification standards can be found at international rectifiers web site http://www.irf.com/product-info/reliability  higher qualification ratings may be available should the user have such requirements. please contact your international rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/  applicable version of jedec standard at the time of product release.    repetitive rating; pulse width limited by max. junction temperature.   pulse width ? 400 s; duty cycle ? 2%.   surface mounted on 1 in square cu board.  refer to application note #an-994. note form quantity IRLML2060TRPBF micro3 (sot-23) tape and reel 3000 orderable part number package type standard pack ms l 1 (per ip c/je de c j-s t d-020d ??? ) rohs compliant yes micro3 (sot-23) qualification information ? moisture sensitivity level qualification level cons umer ?? (per je de c je s d47f ??? guidelines ) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRLML2060TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X