Part Number Hot Search : 
SFP81 RG205 E2UEA LPT41 SK203 TOP244Y IDT713 74HCT16
Product Description
Full Text Search
 

To Download HUSMM8040ASS201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  800gb, 400gb and 200gb | mlc 2.5-inch sff | sas 12gb/s data sheet ultrastar ? ssd800mm enterprise solid-state drives highlights ? mlc nand flash for ultra-high performance and endurance ? endurance: 10 drive writes per day (dw/d) for five years ? best iops/watt for reduced tco ? 12gb/s sas interface for maximum throughput ? advanced power loss data management technology ? self-encrypting models conform to tcgs enterprise specification applications/environments ? ultra-high performance tier-0 enterprise storage ? enterprise-class servers and high performance computing ? space and/or power constrained environments ? online transaction processing (oltp) ? video pre/post-production ? financial and e-commerce ? database analytics hgst enterprise storage experience hgst leverages decades of proven enterprise storage expertise in serial attached scsi (sas) design reliability, firmware, customer qualification and system integration to the ultrastar? ssd800mm solid-state drive (ssd) family. the synergistic relationship between hgsts throughput- enhancing ssds and traditional hdds provides cost efective, end-to-end enterprise-class storage solutions, delivering reliability, compatibility, capacity, cost and system performance. this combination makes hgst a leading ssd/ hdd provider with the experience and technology needed to meet escalating reliability, endurance and performance in the most demanding enterprise environments. maximum performance, reliability and endurance the ultrastar ssd800mm delivers high sequential throughput, up to 1200mb/s read and 700mb/s write (12gb/s sas). the ultrastar ssd800mm also delivers up to 145,000 read and 70,000 write iops, reaching speeds >100 times faster than hdds and double the speed of current 6gb/s ssds, allowing rapid access to hot enterprise data for improved productivity and operational eficiency. the ultrastar ssd800mm family ofers significant value in terms of iops per watt, while reducing total cost of ownership (tco) through low power consumption, eficient cooling and reduced space requirements. the ultrastar ssd800mm family combines enterprise-grade mlc nand flash memory, advanced endurance management firmware and power loss data management techniques to extend reliability, endurance, and sustained performance over the life of the ssd. the ultrastar ssd800mm family achieves an extraordinary 0.44% annual failure rate (afr) or two million hour mean-time-between-failure (mtbf). the 800gb capacity model endures up to 14.6 petabytes (pb) of random writes over the life of the drivethe equivalent of writing 8 terabytes (tb) per day for five years. for complete end-to-end data protection and reliability, the ultrastar ssd800mm family incorporates the t10 data integrity field (dif) standard, extended error correction code (ecc), exclusive-or (xor) parity to protect against flash die failure, parity-checked internal data paths without an external write cache, and an exclusive power loss data management feature that does not require supercapacitors. the ultrastar ssd800mm family is backed by a five year limited warranty, or the maximum petabytes (pb) written (based on capacity). hgst quality and service hgsts ultrastar ssd800mm family extends the companys long-standing tradition of performance and reliability leadership. a balanced combination of new and proven technologies enables high reliability and availability to customer data. hgst drives are backed by an array of technical support and services, which may include customer and integration assistance. hgst is dedicated to providing a complete portfolio of ssd/hdd solutions to satisfy todays monumental computing needs . features & benefits performance power capacity reliability integration feature/function ? sas 12gb/s ? mlc nand flash memory ? 1150mb/s / 700mb/s sequential r/w ? 145k / 70k iops random r/w ? 110k iops on 70/30 mix r/w 9.0 and 11.0 watt options ? 800gb ? 400gb ? 200gb ? 0.44% afr (2m hours mtbf) ? 1e-17 bit error rate ? t10 end-to-end data protection ? exclusive-or (xor) nand ? power loss data management ? unlimited reads, up to 14.6pb random writes (800gb) ? hdd architecture commonality ? systems integration and test lab benefit ? 6gb/s active-active dual port or 12gb/s single/ dual port for enhanced reliability ? highest write performance and endurance ? maximum throughput and iops for ultra-fast access to data; >100x faster than typical hdd improved performance with higher power option more capacity for less space and power ? reduced field replacement efort ? enhanced error detection and correction for optimal data integrity ? protection against flash die failure ? assures data integrity during power failure ? maximum endurance over the life of ssd ? compatibility with ultrastar sas hdds ? extensive interoperability and compliance testing
specifications ultrastar ? ssd800mm data sheet enterprise solid-state drives model / part no. husmm8080ass200 / 0b28589 husmm8040ass200 / 0b28588 husmm8020ass200 / 0b28587 husmm8080ass201 / 0b28592 HUSMM8040ASS201 / 0b28591 husmm8020ass201 / 0b28590 husmm8080ass204 / 0b30108 husmm8040ass204 / 0b30107 husmm8020ass204 / 0b30106 husmm8080ass205 / 0b30228 husmm8040ass205 / 0b30227 husmm8020ass205 / 0b30226 configuration interface sas 12gb/s capacity (gb 1 ) at 512 bytes/sector 800 / 400 / 200 form factor 2.5-inch flash memory technology multi level cell (mlc) performance read throughput (max mb/s, sequential 64k) 1150 write throughput (max mb/s, sequential 64k) 700 read iops (max iops, random 4k) 145,000 write iops (max iops, random 4k) 70,000 reliability error rate (non-recoverable, bits read) 1 in 10 17 mtbf 2 (m hours) 2.0 availability (hrs/day x days/wk) 24x7 endurance (max pb 1 , random write) 14.6 / 7.3 / 3.7 power requirement +5 vdc (+/-5%) +12vdc (+/-5%) operating (w) 9.0 and 11.0 idle (w) 2.2 / 2.1 / 2.1 physical z-height (mm, max) 15.0 dimensions (width x depth, mm) 70.1 x 100.6 weight (g, typical) 164 environmental (operating) ambient temperature 0 o to 60 o c shock (half-sine wave) 1000g (0.5ms) 500g (2ms) vibration, random (g rms) 2.16, all axes (5 to 700 hz) how to read the ultrastar model number husmm8080ass200 = 800gb, sas 12gb/s h = hgst u = ultrastar s = standard mm = multi level cell, mainstream endurance (10dw/d) 80 = full capacity (800gb) 80 = capacity of this model (80 = 800gb, 40 = 400gb, 20 = 200gb) a = generation code s = small form factor (vs. l for large ff) s2 = interface, sas 12gb/s 0 = reserved 0 = crypto sanitize (1 = tcg encryption, 4 = no encryption, 5 = tcg + fips certified encryption) 1 one gigabyte (gb) is equal to one billion bytes, one terabyte (tb) is equal to 1,000gb (one trillion bytes), and one petabyte (pb) is equal to 1,000tb (one quadrillion bytes) when referring to solid-state drive or hard drive capacity. accessible capacity will vary from the stated capacity due to formatting and partitioning of the drive, the computers operating system, and other factors. 2 mtbf target is based on a sample population and is estimated by statistical measurements and acceleration algorithms under nominal operating conditions. mtbf ratings are not intended to predict an individual drives reliability. mtbf does not constitute a warranty. ? 2014-2015 hgst, a western digital company, 3403 yerba buena road, san jose, ca 95135 usa. produced in the united states 8/14, revised 8/15. all rights reserved. ultrastar is a registered trademark of hgst, inc. and its afiliates in the united states and/or other countries. hgst trademarks are intended and authorized for use only in countries and jurisdictions in which hgst has obtained the rights to use, market and advertise the brand. contact hgst for additional information. hgst shall not be liable to third parties for unauthorized use of this document or unauthorized use of its trademarks. references in this publication to hgsts products, programs or services do not imply that hgst intends to make these available in all countries in which it operates. product specifications provided are sample specifications and do not constitute a warranty. information is true as of the date of publication and is subject to change. actual specifications for unique part numbers may vary. please visit the support section of our website www.hgst.com/support for additional information on product specifications. photographs may show design models. information & technical support www.hgst.com www.hgst.com/support partners first program channelpartners@hgst.com www.hgst.com/partners ds28-en-us-0815-05 product name


▲Up To Search▲   

 
Price & Availability of HUSMM8040ASS201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X