Part Number Hot Search : 
00A33 1903X2XX 1N5233B CY7C680 0000X18 1N5233B NJM25 N452000
Product Description
Full Text Search
 

To Download HLC108N12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0''?0/ 0/?y0/ 5fsnjobmtuzmf k n a d 1 pole 1 pole/ 3 poles 2 poles 8a 12 a 2 poles 3 poles series code current series code number of poles switching function actuator shape /vncfspgqpmft 1 2 3 hla hlc hls 08 12 'jh 'jh note: for the overseas standards, see page 325. $pef switching function $vssfou 5fsnjobmtuzmft none 12 'jh 4pmefs5fsnjobm 5"# u hla y 1 y 12 y a y 12 hla ~ hlc ~ hls miniature rocker switches  features economical prices are achieved through out-and-out va and silver-saving design. contact stab ility and high reliability are ensured thanks to the adoption of the seesaw type sliding switch are usable for a wide ra nge of current capacity from 1 ma to 12 a. in addition, the self-extinguishing phenol resin ( ul94v-0 ) is used for the housing material, thereby ensuring excellent insulation and surge resistance. all models (excluding hls308a) are ul and csa approved for high reliability. ? on page 632.  seesaw type sliding mechanism (patented) the movable contact m oves from (a) to (b) as it wipes the contact surface and, at (b) and (c), the switching feel can be obtained due to the seesaw ef fect on the common terminal (2). then, the movable contact moves from (c) to (d) as it wipes the contact surface and, at the point (d), the common terminal (2) and the terminal (3) are turned on. rohs compliant csa ul  terminal styles 1 pole 2 poles tab  187 style :  solder terminal style : 12 tab  187 style :  solder terminal style : 12  part numbering
5"#    placing an order the button color of the hla type is brown only. replacement of button is not possible. some products in the list of ul- and csa-approved products are not registered yet. before placing the order, check with our sales department. hla  made to order products. hla112 1 pole hla208 2 poles switching function part no. viewed from part no. marking side hla112a  off on connecting terminals  2  1 hla112d  on on connecting terminals 2  32  1 hla208k  off on connecting terminals  2  1 5  4 hla208n  on on connecting terminals 2  3 5  6 2  1 5  4 terminal numbers are shown on the bottom of the switch. terminal numbers are shown on the bottom of the switch.  dimension l terminal style part no. tab:#187 solder terminal hla112a  22 18.5 hla112d  22 18.5  rating initial contact resistance dielectric strength insulation resistance electrical life hla112a hla112d ac125v 12a max. ac250v 6a max. 20m 
max.  dc2 ? 4v 1a  ac1500v 1 minute 100m 
min.  dc500v  15,000 cycles ac ~ dc6v 1ma min.  rating initial contact resistance dielectric strength insulation resistance electrical life hla208k hla208n ac125v 8a max. ac250v 5a max. 20m 
max.  dc2 ? 4v 1a  ac1500v 1 minute 100m 
min.  dc500v  15,000 cycles ac ~ dc6v 1ma min. the switching function type l a z is without terminal number  3  . to check the part no. marked with the  , refer to the list of part numbers shown below.  panel cut-out dimension  table of part numbers series switching function tab terminals  187  solder terminals 1  pole 2  pole 1  pole 2  pole 3  pole hla off  on  hla112a  hla208k  hla112a12 y hla208k12  on  on  hla112d  hla208n  hla112d12  hla208n12  hlc off  on y hlc112a y hlc208k  hlc112a12 ? hlc208k12  on  on  hlc112d  hlc208n  hlc112d12  hlc208n12  hls off  on y hls112a y hls208k ? hls112a12 y hls208k12 hls308a12 on  on y hls112d y hls208n  hls112d12 ? hls208n12  ? semi-standard products.  ul recognized  the switching function type l k z is without terminal numbers  3  and  6  . tab:#187 terminal
 mounting the hlc type button the button can be replaced by pressing the button in the direction of the arrow. hlc hlc112 1 pole hlc208 2 poles switching function part no. viewed from part no. marking side hlc112a  off on connecting terminals  2  1 hlc112d  on on connecting terminals 2  32  1 hlc208k  off on connecting terminals  2  1 5  4 hlc208n  on on connecting terminals 2  3 5  6 2  1 5  4 terminal numbers are shown on the bottom of the switch. terminal numbers are shown on the bottom of the switch.  dimension l terminal style part no. tab:#187 solder terminal hlc112a  22 18.5 hlc112d  22 18.5  rating initial contact resistance dielectric strength insulation resistance electrical life hlc112a hlc112d ac125v 12a max. ac250v 6a max. 20m 
max.  dc2 ? 4v 1a  ac1500v 1 minute 100m 
min.  dc500v  15,000 cycles ac ~ dc6v 1ma min.  rating initial contact resistance dielectric strength insulation resistance electrical life hlc208k hlc208n ac125v 8a max. ac250v 5a max. 20m 
max.  dc2 ? 4v 1a  ac1500v 1 minute 100m 
min.  dc500v  15,000 cycles ac ~ dc6v 1ma min. the switching function type l a z is without terminal number  3  . the switching function type l k z is without terminal numbers  3  and  6  . to check the part no. marked with the  , refer to list of part numbers on page 325. solder terminal  panel cut-out dimensions  placing an order the button of the hlc type comes as an accessory. choose one from the table on page 328 and specify the color in part number when placing an order. tab:#187 terminal
 mounting the hlc type button to mount the button, insert the lower-rocker side first, and press in the other side while pressing the the button is not replaceable once it is mounted. hls hls112 1 pole hls208 2 poles switching function part no. viewed from part no. marking side hls112a  off on connecting terminals  2  1 hls112d  on on connecting terminals 2  32  1 hls208k  off on connecting terminals  2  1 5  4 hls208n  on on connecting terminals 2  3 5  6 2  1 5  4  dimension l terminal style part no. tab:#187 solder terminal hls112a  29.5 26 hls112d  29.5 26  rating initial contact resistance dielectric strength insulation resistance electrical life hls112a hls112d ac125v 12a max. ac250v 6a max. 20m 
max.  dc2 ? 4v 1a  ac1500v 1 minute 100m 
min.  dc500v  15,000 cycles ac ~ dc6v 1ma min.  rating initial contact resistance dielectric strength insulation resistance electrical life hls208k hls208n ac125v 8a max. ac250v 5a max. 20m 
max.  dc2 ? 4v 1a  ac1500v 1 minute 100m 
min.  dc500v  15,000 cycles ac ~ dc6v 1ma min. panel thickness : 1 ? 3mm to check the part no. marked with the  , refer to list of part numbers on page 325. solder terminal  panel cut-out dimension  placing an order the button of the hls type comes as an accessory. choose one from the table on page 328 and specify the color by part number when placing an order. terminal numbers are shown on the bottom of the switch. terminal numbers are shown on the bottom of the switch. the switching function type l a z is without terminal number  3  . the switching function type l k z is without terminal numbers  3  and  6  . tab:#187 terminal
hls308 hls308 y 3  poles part no. hls308a12 on off connecting terminals 1  2 3  4 5  6  terminal numbers are shown on the bottom of the switch.  rating initial contact resistance dielectric strength insulation resistance electrical life operating temperature range maximum rating ac125v 8a ac250v 5a 100m 
max.  dc2 ? 4v 1a  ac2000v 1 minute 100m 
min.  dc500v  5,000 cycles  15 ? 85 ? minimum rating ac ~ dc6v 1ma the button is not replaceable (color: white).  solder terminals  panel thickness : 1 ? 2mm  panel cut-out dimensions  device : soldering iron 420 ? , max.; 3 seconds, max.  accessories  for hlc ~ hls : without hls308  ? supplied separately - accessories standard accessories optional accessories part name button button dimensions button color part number button color dot marking part number button color dot marking part number white 140000480738 white  140000480739 white red 140000480874 red 140000480628 red  140000480686 white black 140000481081 black 140000480621 black  140000480685 red white 140000480711 gray 140000480629 gray  140000480687 red black 140000480896 green 140000480631 green  140000480689 black white 140000480710 blue 140000480632 blue  140000480688 black red 140000480650 yellow 140000480630 yellow  140000480690 gray white 140000480741 brown 140000480633 yellow white 140000481511 gray red 140000480800  brown  140000480691 gray black 140000480865  w ?v  ??s` xjuidpodbwf ??? %punbsljoh  optional accessories.
 miniature poewr switches poles type switching function t 1  t 2  1 pole hla112d on  on  hla112d12  hlc112d  hlc112d12  hls112d  hls112d12  ste115d10  z   a series poles part number switching function t 1  1 pole ale1d  2m4  10  z on  off  on  ale1d  5m4  10  z  ale1e  2m4  10  z on  off  on  ale1e  5m4  10  z  ale1f  2m4  10  z on  on   ale1f  5m4  10  z  ale1g  2m4  10  z  on  off  on   ale1g  5m4  10  z  ale1h  2m4  10  z on  off  on   ale1h  5m4  10  z  2 poles ale2d  2m4  10  z on  on  ale2d  5m4  10  z  ale2n  2m4  10  z  ale2e  2m4  10  z on  off  on  ale2e  5m4  10  z  ale2p  2m4  10  z  ale2f  2m4  10  z on  on   ale2f  5m4  10  z  ale2r  2m4  10  z  ale2g  2m4  10  z  on  off  on   ale2g  5m4  10  z  ale2s  2m4  10  z  ale2h  2m4  10  z on  off  on   ale2h  5m4  10  z  ale2t  2m4  10  z   miniature rocker switches poles part number switching function t 1  t 2  1 pole hla112a on  off  hla112a12  hlc112a  hlc112a12  hls112a  hls112a12  ste115a10  z  ste115a12  z  2 poles hla208k  hla208k12  hlc208k  hlc208k12  hls208k  hls208k12   miniature rocker switches poles part number switching function t 1  t 2  t 4  t 5  poles part number switching function t 1  t 2  t 4  t 5  1  pole sle6a on  off  1  pole sle10a on  off  sle6a-5  sle10a-5  sle6a-6  sle10a-6  sle6a-7  sle10a-7  sle6a-8  sle10a-8  sle6a2  sle10a2  sle6a2-5  sle10a2-5  sle6a2-6  sle10a2-6  sle6a2-7  sle10a2-7  sle6a2-8  sle10a2-8  sle6a4  sle10a4  sle6a4-5  sle10a4-5  sle6a4-6  sle10a4-6  sle6a4-7  sle10a4-7  sle6a4-8  sle10a4-8  sle6a5  sle10a5  sle6a5-5  sle10a5-5  sle6a5-6  sle10a5-6  sle6a5-7  sle10a5-7  sle6a5-8  sle10a5-8  sle6d on  on  sle10d on  on  sle6d-5  sle10d-5  sle6d-6  sle10d-6  sle6d-7  sle10d-7  sle6d-8  sle10d-8  sle6d2  sle10d2  sle6d2-5  sle10d2-5  sle6d2-6  sle10d2-6  sle6d2-7  sle10d2-7  sle6d2-8  sle10d2-8  sle6d4  sle10d4  sle6d4-5  sle10d4-5  sle6d4-6  sle10d4-6  sle6d4-7  sle10d4-7  sle6d4-8  sle10d4-8  sle6d5  sle10d5  sle6d5-5  sle10d5-5  sle6d5-6  sle10d5-6  sle6d5-7  sle10d5-7  sle6d5-8  sle10d5-8  t 1  ul file no. e43275 t 2  csa file no. lr38341 t 4  vde file no. 120752 t 5  semko file no. 614385 poles type switching function t 1  t 2  2 poles hla208n on  on  hla208n12  hlc208n  hlc208n12  hls208n  hls208n12 


▲Up To Search▲   

 
Price & Availability of HLC108N12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X