Part Number Hot Search : 
OP598B UPG2214 00MHZ 05WS2 43223 NKD160AS KA78L24A TM9486
Product Description
Full Text Search
 

To Download FMMT312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2014. 1. 09 1/3 semiconductor technical data FMMT312 revision no : 0 150v/400a 2-pack mosfet module (half - bridge) h low r ds(on) h high frequency operation h dv/dt ruggedness h fast switching application h motor control h electric vehicle, automotive etc. internal circuit outline drawing unit : mm 22 0.3 90 0.3 9 0.3 17 0.3 17 0.3 28 0.2 28 0.2 5 0.3 24 0.2 54 0.3 62 0.3 72 0.3 24 0.2 5 0.5 9 0.5 15 0.5 9 0.3 4 0.3 2 0.2 2 0.2 72 0.3 80 0.3 m6 x 3 m4 x 4 2 5-1 5-2 5-3 5-4 5-5 5-6 4.2 6.4 ?? 2 ?? 2 ?? 2 1 2 3 maximum rating (@ta=25 ? per leg) characteristic symbol rating unit drain-to source breakdown voltage v dss 150 v gate threshold voltage v th ? 15 v continuous drain current @t c =25 ? i c 450 a @t c =100 ? 300 isolation voltage ac @ 1 minute v iso 2500 v junction temperature t j -40 ~ 150 ? storage temperature t stg -40 ~ 125 ? weight of module weight 98 ? 5 g terminal connection torque(m4) m 6 n.m 1 2 3 s-6 s-2 ntc s-3 s-5 s-4 s-1 outline drawing unit : mm
2014. 1. 09 2/3 FMMT312 revision no : 0 electrical characteristics (@ta=25 ? per leg, unless otherwise noted) characteristic symbol test condition min. typ. max. unit static drain-source breakdown voltage bv dss i d =250 u , v gs =0v 150 - - v breakdown voltage temperature coefficient  bv dss /  t j i d =5ma, referenced to 25 ? - 0.17 - v/ ? gate threshold voltage v th v ds =v gs , i d =250 u 3.0 - 5.0 v drain to source leakage current i dss v ds =150v, v gs =0v - - 20  a v ds =150v, v gs =0v, t j =125 ? - - 250 gate to source leakage current i gss v gs =15v, with protection circuit - - 10 ma v gs =-15v, with protection circuit - - -10 ma drain to source on resistance r ds(on) v gs =10v, i d =400a - 2.0 3.0 m ? dynamic forward transconductance gfs v ds =50v, i d =400a - tbd - s total gate charge q g i d =400a, v ds =75v, v gs =10v - tbd - nc gate to source charge q gs - tbd - gate to source charge q gd - tbd - turn on delay time t d(on) - tbd - ns rise time t r - tbd - turn off delay tine t d(off) - tbd - fall time t r - tbd - input capacitance c iss - tbd - output capacitance c oss - tbd - reverse transfer capacitance c rss - tbd - pf source-drain diode ratings continuous source current i s - - 450 a pulsed source current i sp - - 2500 diode forward voltage v sd i d =400a, v gs =0v - - 1.3 v reverse recovery time t rr - tbd - ns reverse recovery charge q rr - tbd - nc
2014. 1. 09 3/3 FMMT312 revision no : 0 v ds [v] v ds [v] i d [a] 200 100 10,000 1,000 100 10 1 0 0 300 400 0 0.1 1 10 100 1,000 0.5 1 1.5 2 2.5 fig 2. saturation voltage characteristics fig 5. safe operation area 6 r ds(on) [ ? ] 4 2 0 8 10 0 50 75 100 125 150 fig 4.r ds(on) characteristics i d = 400a operation in this area limited by r ds(on) 100us 1ms 10ms tc = 25 ? tj = 125 ? single pulse dc common source v gs = 10v common source v gs = 10v i f [a] i d [a] 200 v f [v] v ds [v] 100 0 300 400 0 0.5 1 1.5 2 fig 3. forward characteristics of inverse diode tc = 125 ? tc = 25 ? tc = 25 ? tc = 125 ? v ds [v] i d [a] fig 1. saturation voltage characteristics 200 100 0 300 400 0 0.5 1 1.5 2 common source tc = 25 ? v gs = 15v v gs = 10v


▲Up To Search▲   

 
Price & Availability of FMMT312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X