Part Number Hot Search : 
AM29F016 C2610E HIP701 SY10E MAXQ614 2SC33 16M0U T89C51
Product Description
Full Text Search
 

To Download FM1200-MH1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 fm140-mh1 thru FM1200-MH1 formosa ms 1 2 2 2 2 3 4 4 4 5 6 6 7 list list................................................................................................. package outline............................................................................... features.......................................................................................... maximum ratings ............................................................................. rating and characteristic curves........................................................ pinning information........................................................................... marking........................................................................................... suggested solder pad layout............................................................. packing information.......................................................................... reel packing.................................................................................... suggested thermal profiles for soldering processes............................. high reliability test capabilities........................................................... mechanical data............................................................................... chip schottky barrier rectifier http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 document id issued date revised date revision page. ds-121614 2013/12/17 - a 7
batch process design, excellent power dissipation offers better reverse leakage current and thermal resistance. low profile surface mounted application in order to optimize board space. low power loss, high efficiency. high current capability, l ultra high-speed switching. silicon epitaxial planar chip, metal silicon junction. lead-free parts meet environmental standards of mil-std-19500 /228 features ow forward voltage drop. high surge capability. guardring for overvoltage protection. ? suffix "-h" indicates halogen free parts, ex. fm140-mh1-h. ? ? ? ? ? ? ? ? ? page 2 1.0a surface mount schottky barrier rectifiers - 40v-200v chip schottky barrier rectifiers formosa ms http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 document id issued date revised date revision page. fm140-mh1 thru FM1200-MH1 mechanical data epoxy : ul94-v0 rated flame retardant case : molded plastic, terminals :plated terminals, solderable per mil-std-750, method 2026 polarity : indicated by cathode band mounting position : any ? ? ? ? ? ? sod-123h1 weight : approximated 0.0103 gram units volts volts volts volts amps amps c w / c w / ma pf c c FM1200-MH1 maximum ratings and electrical characteristics (at t =25 a o c unless otherwise noted) 0.92 200 140 200 fm1150-mh1 150 105 150 0.90 fm1100-mh1 -+ 55 to 150 -+ 55 to 150 100 1 0 . 30 0.5 10 120 80 70 100 0.85 40 fm160-mh1 60 42 60 0.70 fm140-mh1 -+ 55 to 125 0.50 notes 1: measured at 1 0 mhz and applied reverse voltage of 4.0 volts . 40 28 40 symbols t stg i o v f i r c j r ja t j v dc r jc v rrm i fsm v rms peak forward surge current 8 3ms single half sine wave .- c c maximum instantaneous forward voltage at i 1 0a =. f =100 =25 t j t j typical thermal resistance junction to ambient maximum average forward rectified current typical thermal resistance junction to case maximum repetitive peak reverse voltage operating junction temperature range typical junction capacitance note 1 () maximum dc reverse current maximum dc blocking voltage at rated dc blocking voltage storage temperature range parameter maximum rms voltage () jedec method ds-121614 2013/12/17 - a 7 package outline dimensions in inches and (millimeters) sod-123h1 0.031(0.8) typ. 0.146(3.7) 0.130(3.3) 0.004(0.1) typ. 0.031(0.8) typ. 0.012(0.3) typ. 0.071(1.8) 0.056(1.4) 0.040(1.0) 0.024(0.6)
page 3 0.1 1.0 .01 10 50 rating and characteristic curves (fm140-mh1 thru FM1200-MH1) fig.1-typical forward current derating curve average for ward current ,(a) fig.4-typical junction capacitance reverse voltage,(v) junction cap acitance,(pf) instantaneous for ward current ,(a) forward voltage,(v) pulse width 300us 1% duty cycle 0.2 0.4 0.6 0.8 1.0 1.2 350 300 250 200 150 100 50 0 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 fig.5 - typical reverse characteristics fm140-mh1 fm160-mh1~FM1200-MH1 40v t =25 c j lead temperature,( c) 0 0 20 40 60 80 100 120 140 160 180 200 fig.2-typical forward characteristics http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 document id issued date revised date revision page. fig.3-maximum non-repetitive forward surge current number of cycles at 60hz peak for ward surge current ,(a) t =25 c j 8.3ms single half sine wave jedec method 60v 150~200v 100v reverse leakage current , (ma) 0.001 0.01 0.1 1.0 100 10 0 percent of rated peak reverse voltage,(%) 20 40 60 80 100 40v 60v~200v t25c j = t 100 c j = ds-121614 2013/12/17 - a 7
pinning information 1 2 2 1 pin1 cathode pin2 anode pin simplified outline symbol marking type number marking code fm140-mh1 14 fm160-mh1 16 fm1100-mh1 10 fm1150-mh1 115 FM1200-MH1 120 suggested solder pad layout dimensions in inches and (millimeters) a c b page 4 formosa ms chip schottky barrier rectifier http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 b 0.051 (1.30) a 0.071 (1.80) c 0.067 (1.70) package sod-123h1 document id issued date revised date revision page. fm140-mh1 thru FM1200-MH1 ds-121614 2013/12/17 - a 7
packing information p 0 p 1 e b d f w p a d d 1 d 2 w 1 c t page 5 formosa ms chip schottky barrier rectifier http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 unit:mm note:devices are packed in accor dance with eia standar rs-481-a and specifications listed above. item tolerance sod-123h1 carrier width carrier length carrier depth sprocket hole 13" reel outside diameter 7" reel outside diameter 13" reel inner diameter 7" reel inner diameter feed hole diameter sprocket hole position punch hole position punch hole pitch sprocket hole pitch embossment center reel width overall tape thickness tape width p 0 p 1 e b c d f t w p a d d d 1 d 1 d 2 w 1 symbol 0.1 0.1 0.1 min min 0.5 0.1 0.3 1.0 0.1 0.1 0.1 0.1 0.1 0.1 2.0 2.0 1.50 - 178.00 - 62.00 13.00 1.75 3.50 4.00 4.00 2.00 0.23 8.00 11.40 2.00 3.85 1.10 document id issued date revised date revision page. fm140-mh1 thru FM1200-MH1 ds-121614 2013/12/17 - a 7
page 6 formosa ms chip schottky barrier rectifier http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 reel packing sod-123h1 7" 3,000 4.0 30,000 183*183*123 178 382*262*387 240,000 8.5 package reel size reel component spacing box inner box reel dia, carton size carton approx. gross weight (kg) (pcs) (m/m) (m/m) (m/m) (pcs) (m/m) (pcs) document id issued date revised date revision page. profile feature soldering condition average ramp-up rate(t to t ) <3 /sec preheat -temperature min(tsmin) 150 -temperature max(tsmax) 200 -time(min to max)(t ) 60~120sec tsmax to t -ramp-uprate <3 /sec time maintained above: -temperature(t ) 217 -time(t ) 60~260sec peak temperature(t ) 255 0/ 5 time within 5 of actual peak temperature(t ) ramp-down rate <6 /sec time 25 to peak temperature <6minutes lp s l l l p p o o o o o oo o o o c c c c c c- + c c c c 3.reflow soldering 10~30sec 1.storage environment: temperature=5 ~40 humidity=55%25% 2.reflow soldering of surface-mount devices oo cc suggested thermal profiles for soldering processes critical zone tl to tp critical zone tl to tp tl tsmax tsmin ramp-up tp ts preheat t25 c to peak o time 25 tl tp ramp-down temperature fm140-mh1 thru FM1200-MH1 ds-121614 2013/12/17 - a 7
page 7 formosa ms chip schottky barrier rectifier http://www.formosams.com/ tel:886-2-22696661 fax:886-2-22696141 document id issued date revised date revision page. fm140-mh1 thru FM1200-MH1 ds-121614 2013/12/17 - a 7 1. solder resistance 2. solderability 3. high temperature reverse bias 4. forward operation life 5. intermittent operation life 6. pressure cooker 7. temperature cycling 8. forward surge 9. humidity 10. high temperature storage life at 260 5 for 10 2sec. immerse body into solder 1/16" 1/32" at 245 5 for 5 sec. v =80% rate at t =125 for 168 hrs. rated average rectifier current at t =25 for 500hrs. t = 25 c, i = i on state: power on for 5 min. off state: power off for 5 min. on and off for 500 cycles. 15p at t =121 for 4 hrs. -55 to +125 dwelled for 30 min. and transferred for 5min. total 10 cycles. 8.3ms single half sine-wave , one surge. at t =85 , rh=85% for 1000hrs. at 175 for 1000 hrs. c c c c c cc c c o o o o o oo o o rj a afo sig a a o mil-std-750d method-2031 mil-std-202f method-208 mil-std-750d method-1038 mil-std-750d method-1027 mil-std-750d method-1036 mil-std-750d method-1051 mil-std-750d method-4066-2 mil-std-750d method-1021 mil-std-750d method-1031 jesd22-a102 item test conditions reference high reliability test capabilities


▲Up To Search▲   

 
Price & Availability of FM1200-MH1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X