Part Number Hot Search : 
APM4542K E005264 20020 ZC0805P KSL0M911 SBU10G 2SK531 C431PC
Product Description
Full Text Search
 

To Download ENA1839 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sma5101 no. a1839-1/7 features ? wide band : up to ku band ? high conversion gain : --0.5db (@450mhz) ? low distortion : iip3=20dbm (@i cc > 11ma) ? low voltage available : 1.2v and above ? smt, ultra small package : 2.02.10.85mm ? halogen free compliance speci cations absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit collector-to-base voltage v cbo 8v collector-to-emitter voltage v ceo 6v emitter-to-base voltage v ebo 2v collector current i cc 50 ma max power dissipation p c 280 mw operating temperature topr --40 to +85 c storage temperature tstg --55 to +150 c package dimensions unit : mm (typ) 7022a-020 ordering number : ENA1839a 90512 tkim/o0610am tkim tc-00002495 sanyo semiconductors data sheet http://www.sanyosemi.com/en/network/ product & package information ? package : mcph6 ? jeita, jedec : sc-88, sc-70-6, sot-363 ? minimum packing quantity : 3,000 pcs./reel packing type : tl marking equivalent circuit tl 1 : base2 2 : collector1 3 : collector2 4 : emitter2 5 : emitter1 6 : base1 sanyo : mcph6 2.0 0.25 1.6 2.1 0.25 0.85 0.3 0.65 0.15 0 to 0.02 0.07 654 123 654 123 sma5101-tl-h ld lot no. lot no. sma5101 silicon monolithic linear ic rf double balanced mixer ic 1 6 2 3 4 5 it15506
sma5101 no. a1839-2/7 recommended operating condition at ta=25 c parameter symbol conditions ratings unit min typ max supply voltage v c1e1 1.236v v c2e1 1.236v v c1e2 1.236v v c2e2 1.236v electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i c1b1o v c1b1 =5v 1 a i c2b1o v c2b1 =5v 1 a i c1b2o v c1b2 =5v 1 a i c2b2o v c2b2 =5v 1 a emitter cutoff current i e1b1o v e1b1 =1v 1 a i e2b1o v e2b1 =1v 1 a i e1b2o v e1b2 =1v 1 a i e2b2o v e2b2 =1v 1 a dc current gain h fe 1v c1e1 =1v, i c1e1 =3ma 20 120 h fe 2v c2e1 =1v, i c2e1 =3ma 20 120 h fe 3v c1e2 =1v, i c1e2 =3ma 20 120 h fe 4v c2e2 =1v, i c2e2 =3ma 20 120 conversion gain *1 gc v cc =5v, i cc =6ma, f(rf)=450mhz, f(lo)=500mhz, p(rf)=--15dbm, p(lo)=--6dbm --0.5 db input intercept point *1 iip3 v cc =5v, i cc =6ma, f(rf1)=450mhz, f(rf2)=451mhz, f(lo)=500mhz, p(rf1)=p(rf2)=--15dbm, p(lo)=--6dbm 15 dbm * 1 : on evaluation board ordering information device package shipping memo sma5101-tl-h mcph6 3,000pcs./reel pb free and halogen free measurement circuit 0.1 f 0.1 f 0.1 f 0.1 f 10k balun balun balun if sma5101 vb v cc lo rf ld it15507
sma5101 no. a1839-3/7 evaluation board circuit example (self bias) lo vb v cc if rf it15508 t1 t2 t3 c1 c2 c3 c4 r1 r2 ic ic : sma5101 t1 to t3 : balun c1 to c4 : 0.1 f r1 : 10k r2 : 0 (short) 0.1 f 0.1 f 0.1 f 0.1 f balun balun balun if sma5101 v cc rbias lo rf ld it15509
sma5101 no. a1839-4/7 p1db -- i cc p1db -- dbm collector current, i cc -- ma iip3 -- i cc iip3 -- dbm collector current, i cc -- ma gc -- i cc gc -- db collector current, i cc -- ma it15978 0 5 10 15 25 20 25 15 10 5 20 0 --3dbm p(lo)= --6dbm 0dbm v cc =5v f(rf1)=450mhz f(rf2)=451mhz f(lo)=500mhz p(rf)= --15dbm 0 5 10 15 25 20 it15976 10 0 -- 5 5 -- 10 --6dbm v cc =5v f(rf)=450mhz f(lo)=500mhz p(lo)= --3dbm 0dbm 0 5 10 15 25 20 it15977 10 0 -- 5 5 -- 10 --6dbm v cc =5v f(rf)=450mhz f(lo)=500mhz p(rf)= --15dbm p(lo)= --3dbm 0dbm
sma5101 no. a1839-5/7 embossed taping speci cation sma5101-tl-h
sma5101 no. a1839-6/7 outline drawing land pattern example sma5101-tl-h mass (g) unit 0.008 * for reference mm unit: mm 0.65 0.65 0.4 2.1 0.6
sma5101 ps no. a1839-7/7 this catalog provides information as of september, 2012. speci cations and information herein are subject to change without notice. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. regarding monolithic semiconductors, if you should intend to use this ic continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. please contact us for a confirmation. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of ENA1839

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X