Part Number Hot Search : 
13005 2N4093 TMV1215D PG1250 A2011 MWA0211L ES25P80 OP268FPS
Product Description
Full Text Search
 

To Download D10SC6MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
 

 

 
    


    

!"#  $ 
$
% &'&
(  )
*+
"
,% !%  *-- *! ". !/0 - 11
(
%  2%
 
 2*!1    !" #$%  
                      !    !  !  "#$  %$  &!   '  ! ! ( %$ 
 )! *  * 
+$ *   ) , - ! )! *  * 
, . / $01  %2#$ + * )!     3!. ! !!  & $45   . )1 " 1    !  /   21 %$  %$  , - ! 3!. ! !!  3
$45   . )1 6"!  ) %   - ) 1 (%  %$$    ) , - ! )! ,.! , 
, . / %$  1     !  1 (   77$ 8 9 !  !/ *  !     1  %   %0 -*
  !: &  !:  $076; $0 6;  <!   / ! !               3!. ! *  * 3  3 1 ,  !1     !  
$0= * )! !!   *  * 
1 ,  !1     !  
#0  '       ( %
451 *  %$*1     !    $$ 3 /!      ( (    
707  28  ( (   /  - ! ) 
#0=
forward voltage 0.1 1 10 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 D10SC6MR tc=150 c [max] tc=25 c [max] pulse measurement per diode tc=150 c [typ] tc=25 c [typ] forward voltage v f [v] forward current i f [a]
100 1000 D10SC6MR 0.1 1 10 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 reverse voltage v r [v] junction capacitance cj [pf] f=1mhz tc=25 c typ per diode junction capacitance
reverse current 0.01 0.1 1 10 100 1000 0 10 20 30 40 50 60 D10SC6MR tc=150 c [max] tc=150 c [typ] pulse measurement per diode tc=125 c [typ] tc=100 c [typ] tc=75 c [typ] reverse voltage v r [v] reverse current i r [ma]
0 5 10 15 20 25 30 0 10 20 30 40 50 60 70 D10SC6MR 0.3 reverse power dissipation tj = 150 c sin 0.2 0.5 d=0.05 dc 0.1 0.8 reverse voltage v r [v] reverse power dissipation p r [w] 0 t p v r t d=t p /t
0 t p i o t d=t p /t 0 2 4 6 8 10 0 2 4 6 8 10 12 14 16 D10SC6MR 0.3 forward power dissipation tj = 150 c sin 0.2 0.1 d=0.8 dc 0.5 0.05 average rectified forward current i o [a] forward power dissipation p f [w]
0 t p i o t d=t p /t 0 5 10 15 20 0 20 40 60 80 100 120 140 160 D10SC6MR 0.3 derating curve v r = 30v sin 0.2 0.1 d=0.8 dc 0.5 0.05 0 v r case temperature tc [ c] average rectified forward current i o [a]
peak surge forward capability 0 50 100 150 200 1 10 100 D10SC6MR 2 5 20 50 i fsm 10ms 10ms 1 cycle number of cycles [cycles] peak surge forward current i fsm [a] non-repetitive, sine wave, tj=125 c before surge current is applied
t p i rp 0 v r 0.5i rp v rp i r p rrsm = i rp v rp 0 20 40 60 80 100 120 0 50 100 150 sbd repetitive surge reverse power derating curve junction temperature tj [ c] p rrsm derating [%]
0.1 1 10 1 10 100 sbd repetitive surge reverse power capability pulse width t p [ m s] p rrsm (t p ) / p rrsm (t p =10 m s) ratio t p i rp 0 v r 0.5i rp v rp i r p rrsm = i rp v rp


▲Up To Search▲   

 
Price & Availability of D10SC6MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X