Part Number Hot Search : 
101MC OH49F BDT8212 PNZ147 019071 B2000 MOC3081 E914IT
Product Description
Full Text Search
 

To Download CY7C1315KV18-333BZC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 18-mbit qdr ? ii sram four-word burst architecture cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document number: 001-58904 rev. *g revised may 9, 2014 18-mbit qdr ? ii sram four-word burst architecture features separate independent read and write data ports ? supports concurrent transactions 333-mhz clock for high bandwidth four-word burst for reducing address bus frequency double data rate (ddr) interfaces on both read and write ports (data transferred at 666 mhz) at 333 mhz two input clocks (k and k ) for precise ddr timing ? sram uses rising edges only two input clocks for output data (c and c ) to minimize clock skew and flight ti me mismatches echo clocks (cq and cq ) simplify data capture in high speed systems single multiplexed address input bus latches address inputs for read and write ports separate port selects for depth expansion synchronous internally self-timed writes qdr ? ii operates with 1. 5 cycle read latency when doff is asserted high operates similar to qdr i devi ce with 1 cycle read latency when doff is asserted low available in 8, 9, 18, and 36 configurations full data coherency, providing most current data core v dd = 1.8 v (0.1 v); i/o v ddq = 1.4 v to v dd ? supports both 1.5 v and 1.8 v i/o supply available in 165-ball fbga package (13 15 1.4 mm) offered in both pb-free and non pb-free packages variable drive hstl output buffers jtag 1149.1 compatible test access port pll for accurate data placement configurations cy7c1311kv18 ? 2 m 8 cy7c1911kv18 ? 2 m 9 cy7c1313kv18 ? 1 m 18 cy7c1315kv18 ? 512 k 36 functional description the cy7c1311kv18, cy7c1911kv18, cy7c1313kv18, and cy7c1315kv18 are 1.8 v sync hronous pipelined srams, equipped with qdr ii architecture . qdr ii architecture consists of two separate ports: the read port and the write port to access the memory array. the read port has dedicated data outputs to support read operations and the write port has dedicated data inputs to support write operati ons. qdr ii architecture has separate data inputs and data outputs to completely eliminate the need to ?turnaround? the data bus that exists with common i/o devices. each port can be accessed through a common address bus. addresses for read and write addresses are latched on alternate rising edges of the input (k) clock. accesses to the qdr ii read and write ports are independent of one another. to maximize data throughput, both read and write ports are equipped with ddr interfaces. each address location is associated with four 8-bit words (cy7c1311kv18), 9-bit words (cy7c1911kv18), 18-bit words (cy7c1313kv18), or 36-bit words (cy7c1315kv18) that burst se quentially into or out of the device. because data can be transferred into and out of the device on every rising edge of both input clocks (k and k and c and c ), memory bandwidth is maximized while simplifying system design by eliminating bus ?turnarounds?. depth expansion is accomplished with port selects, which e nables each port to operate independently. all synchronous inputs pass through input registers controlled by th e k or k input clocks. all data outputs pass through output registers controlled by the c or c (or k or k in a single clock domain) input clocks. writes are conducted with on-chip synchronous self-timed write circuitry. selection guide description 333 mhz 300 mhz 250 mhz unit maximum operating frequency 333 300 250 mhz maximum operating current 8 not offered not offered 430 ma 9 520 490 430 18 530 500 440 36 730 670 590
logic block diagram ? cy7c1311kv18 512 k x 8 array clk a (18:0) gen. k k control logic address register d [7:0] read add. decode read data reg. rps wps control logic address register reg. reg. reg. 16 19 32 8 nws [1:0] v ref write add. decode write reg 16 a (18:0) 19 8 cq cq doff q [7:0] 8 8 8 write reg write reg write reg c c 512 k x 8 array 512 k x 8 array 512 k x 8 array 8 logic block diagram ? cy7c1911kv18 clk a (18:0) gen. k k control logic address register d [8:0] read add. decode read data reg. rps wps control logic address register reg. reg. reg. 18 19 36 9 bws [0] v ref write add. decode write reg 18 a (18:0) 19 9 cq cq doff q [8:0] 9 9 9 write reg write reg write reg c c 512 k x 9 array 512 k x 9 array 512 k x 9 array 512 k x 9 array 9 cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 2 of 32
logic block diagram ? cy7c1313kv18 clk a (17:0) gen. k k control logic address register d [17:0] read add. decode read data reg. rps wps control logic address register reg. reg. reg. 36 18 72 18 bws [1:0] v ref write add. decode write reg 36 a (17:0) 18 18 cq cq doff q [17:0] 18 18 18 write reg write reg write reg c c 256 k x 18 array 256 k x 18 array 256 k x 18 array 256 k x 18 array 18 logic block diagram ? cy7c1315kv18 128 k x 36 array clk a (16:0) gen. k k control logic address register d [35:0] read add. decode read data reg. rps wps control logic address register reg. reg. reg. 72 17 144 36 bws [3:0] v ref write add. decode write reg 72 a (16:0) 17 128 k x 36 array 128 k x 36 array 128 k x 36 array 36 cq cq doff q [35:0] 36 36 36 write reg write reg write reg c c 36 cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 3 of 32
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 4 of 32 contents pin configurations ........................................................... 5 pin definitions .................................................................. 7 functional overview ........................................................ 8 read operations ......................................................... 9 write operations ......................................................... 9 byte write operations ................................................. 9 single clock mode .............. ........................................ 9 concurrent transactions ..... ........................................ 9 depth expansion ......................................................... 9 programmable impedance ........ .............. ........... ......... 9 echo clocks .......... .............. .............. .............. ............ 9 pll ............................................................................ 10 application example ...................................................... 10 truth table ...................................................................... 11 write cycle descriptions ............................................... 11 write cycle descriptions ............................................... 12 write cycle descriptions ............................................... 12 ieee 1149.1 serial boundary sc an (jtag) ... ........... .... 13 disabling the jtag feature ...................................... 13 test access port ....................................................... 13 performing a tap re set ........................................... 13 tap registers ........................................................... 13 tap instruction set ................................................... 13 tap controller state diagram ....................................... 15 tap controller block diagram ...................................... 16 tap electrical characteristics ...................................... 16 tap ac switching characteristics ............................... 17 tap timing and test conditions .................................. 18 identification register definitions ................................ 19 scan register sizes ....................................................... 19 instruction codes ........................................................... 19 boundary scan order .................................................... 20 power up sequence in qdr ii sram ........................... 21 power up sequence ................................................. 21 pll constraints ......................................................... 21 maximum ratings ........................................................... 22 operating range ............................................................. 22 neutron soft error immunity ......................................... 22 electrical characteristics ............................................... 22 dc electrical characteristics ..................................... 22 ac electrical characteristics ..................................... 24 capacitance .................................................................... 24 thermal resistance ........................................................ 24 ac test loads and waveforms ..................................... 24 switching characteristics .............................................. 25 switching waveforms .................................................... 27 ordering information ...................................................... 28 ordering code definitions ..... .................................... 28 package diagram ............................................................ 29 acronyms ........................................................................ 30 document conventions ................................................. 30 units of measure ....................................................... 30 document history page ................................................. 31 sales, solutions, and legal information ...................... 32 worldwide sales and design s upport ......... .............. 32 products .................................................................... 32 psoc? solutions ...................................................... 32 cypress developer community ................................. 32 technical support ................. .................................... 32
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 5 of 32 pin configurations the pin configurations for cy7c1311kv18, cy7c191 1kv18, cy7c1313kv18, and cy7c1315kv18 follow. [ 1 ] figure 1. 165-ball fbga (13 15 1.4 mm) pinout cy7c1311kv18 (2 m 8) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/72m a wps nws 1 k nc/144m rps a nc/36m cq b nc nc nc a nc/288m k nws 0 a nc nc q3 c nc nc nc v ss a nc a v ss nc nc d3 d nc d4 nc v ss v ss v ss v ss v ss nc nc nc e nc nc q4 v ddq v ss v ss v ss v ddq nc d2 q2 f nc nc nc v ddq v dd v ss v dd v ddq nc nc nc g nc d5 q5 v ddq v dd v ss v dd v ddq nc nc nc h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc nc v ddq v dd v ss v dd v ddq nc q1 d1 k nc nc nc v ddq v dd v ss v dd v ddq nc nc nc l nc q6 d6 v ddq v ss v ss v ss v ddq nc nc q0 m nc nc nc v ss v ss v ss v ss v ss nc nc d0 n nc d7 nc v ss a a a v ss nc nc nc p nc nc q7 a a c a a nc nc nc r tdo tck a a a c a a a tms tdi cy7c1911kv18 (2 m 9) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/72m a wps nc k nc/144m rps a nc/36m cq b nc nc nc a nc/288m k bws 0 a nc nc q4 c nc nc nc v ss a nc a v ss nc nc d4 d nc d5 nc v ss v ss v ss v ss v ss nc nc nc e nc nc q5 v ddq v ss v ss v ss v ddq nc d3 q3 f nc nc nc v ddq v dd v ss v dd v ddq nc nc nc g nc d6 q6 v ddq v dd v ss v dd v ddq nc nc nc h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc nc v ddq v dd v ss v dd v ddq nc q2 d2 k nc nc nc v ddq v dd v ss v dd v ddq nc nc nc l nc q7 d7 v ddq v ss v ss v ss v ddq nc nc q1 m nc nc nc v ss v ss v ss v ss v ss nc nc d1 n nc d8 nc v ss a a a v ss nc nc nc p nc nc q8 a a c a a nc d0 q0 r tdo tck a a a c a a a tms tdi note 1. nc/36m, nc/72m, nc/144m, and nc/288m are not connected to the die and can be tied to any voltage level.
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 6 of 32 cy7c1313kv18 (1 m 18) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/144m nc/36m wps bws 1 k nc/288m rps a nc/72m cq b nc q9 d9 a nc k bws 0 a nc nc q8 c nc nc d10 v ss a nc a v ss nc q7 d8 d nc d11 q10 v ss v ss v ss v ss v ss nc nc d7 e nc nc q11 v ddq v ss v ss v ss v ddq nc d6 q6 f nc q12 d12 v ddq v dd v ss v dd v ddq nc nc q5 g nc d13 q13 v ddq v dd v ss v dd v ddq nc nc d5 h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc d14 v ddq v dd v ss v dd v ddq nc q4 d4 k nc nc q14 v ddq v dd v ss v dd v ddq nc d3 q3 l nc q15 d15 v ddq v ss v ss v ss v ddq nc nc q2 m nc nc d16 v ss v ss v ss v ss v ss nc q1 d2 n nc d17 q16 v ss a a a v ss nc nc d1 p nc nc q17 a a c a a nc d0 q0 r tdo tck a a a c a a a tms tdi cy7c1315kv18 (512 k 36) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/288m nc/72m wps bws 2 k bws 1 rps nc/36m nc/144m cq b q27 q18 d18 a bws 3 k bws 0 a d17 q17 q8 c d27 q28 d19 v ss a nc a v ss d16 q7 d8 d d28 d20 q19 v ss v ss v ss v ss v ss q16 d15 d7 e q29 d29 q20 v ddq v ss v ss v ss v ddq q15 d6 q6 f q30 q21 d21 v ddq v dd v ss v dd v ddq d14 q14 q5 g d30 d22 q22 v ddq v dd v ss v dd v ddq q13 d13 d5 h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j d31 q31 d23 v ddq v dd v ss v dd v ddq d12 q4 d4 k q32 d32 q23 v ddq v dd v ss v dd v ddq q12 d3 q3 l q33 q24 d24 v ddq v ss v ss v ss v ddq d11 q11 q2 m d33 q34 d25 v ss v ss v ss v ss v ss d10 q1 d2 n d34 d26 q25 v ss a a a v ss q10 d9 d1 p q35 d35 q26 a a c a a q9 d0 q0 r tdo tck a a a c a a a tms tdi pin configurations (continued) the pin configurations for cy7c1311kv18, cy7c191 1kv18, cy7c1313kv18, and cy7c1315kv18 follow. [1] figure 1. 165-ball fbga (13 15 1.4 mm) pinout
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 7 of 32 pin definitions pin name i/o pin description d [x:0] input- synchronous data input signals . sampled on the rising edge of k and k clocks when valid write operations are active. cy7c1311kv18 ? ? ? ? ? ? ? ?? ? ? ? ? ? ? ?
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 8 of 32 functional overview the cy7c1311kv18, cy7c1911kv18, cy7c1313kv18, cy7c1315kv18 are synchronous pipelined burst srams with a read port and a write port. the read port is dedicated to read operations and the write port is dedicated to write operations. data flows into the sram through the write port and flows out through the read port. these devices multiplex the address inputs to minimize the number of address pins required. by having separate read and write ports, the qdr ii completely eliminates the need to turn around the data bus and avoids any possible data contention, ther eby simplifying system design. each access consists of four 8-bi t data transfers in the case of cy7c1311kv18, four 9-bit data transfers in the case of cy7c1911kv18, four 18-bit data transfers in the case of cy7c1313kv18, and four 36-bit data transfers in the case of cy7c1315kv18 in two clock cycles. this device operates with a read latency of one and half cycles when doff pin is tied high. when doff pin is set low or connected to v ss then device behaves in qdr i mode with a read latency of one clock cycle. accesses for both ports are initiated on the positive input clock (k). all synchronous input timing is referenced from the rising edge of the input clocks (k and k ) and all output timing is referenced to the output clocks (c and c , or k and k when in single clock mode). all synchronous data inputs (d [x:0] ) pass through input registers controlled by the i nput clocks (k and k ). all synchronous data outputs (q [x:0] ) pass through output registers controlled by the rising edge of the output clocks (c and c , or k and k when in single clock mode). all synchronous control ( rps , wps , bws [x:0] ) inputs pass through input registers controlled by the rising edge of the input clocks (k and k ). cq echo clock cq referenced with respect to c . this is a free running clock and is synchronized to the input clock for output data (c) of the qdr ii. in the single clo ck mode, cq is generated with respect to k. the timings for the echo clocks are shown in the switching characteristics on page 25 . cq echo clock cq referenced with respect to c . this is a free running clock and is synchronized to the input clock for output data ( c ) of the qdr ii. in the single clock mode, cq is generated with respect to k . the timings for the echo clocks are shown in the switching characteristics on page 25 . zq input output impedance matching input . this input is used to tune the device outputs to the system data bus impedance. cq, cq , and q [x:0] output impedance are set to 0.2 rq, where rq is a resistor connected between zq and ground. alternatively, this pin can be connected directly to v ddq , which enables the minimum impedance mode. this pin ca nnot be connected directly to gnd or left unconnected. doff input pll turn off ? ?
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 9 of 32 cy7c1313kv18 is described in the following sections. the same basic descriptions apply to cy7c1311kv18, cy7c1911kv18 and cy7c1315kv18. read operations the cy7c1313kv18 is organized internally as four arrays of 256 k 18. accesses are completed in a burst of four sequential 18-bit data words. read operat ions are initiated by asserting rps active at the rising edge of the positive input clock (k). the address presented to the address inputs is stored in the read address register. following the next k clock rise, the corresponding lowest order 18-bit word of data is driven onto the q [17:0] using c as the output timing reference. on the subsequent rising edge of c, the next 18-bit data word is driven onto the q [17:0] . this process continues unt il all four 18-bit data words are driven out onto q [17:0] . the requested data is valid 0.45 ns from the rising edge of the output clock (c or c , or k or k when in single clock mode). to maintain the internal logic, each read access must be enabled to complete. each read access consists of four 18-bit data words and takes two clock cycles to complete. therefore, read accesses to the device cannot be initiated on two consecutive k clock rises. the internal logic of the device ignores the second read request. read accesses can be initiated on every other k clock rise. doing so pipelines the data flow such that data is tran sferred out of the device on every rising edge of the output clocks (c and c , or k and k when in single clock mode). when the read port is dese lected, the cy7c1313kv18 first completes the pending read transactions. synchronous internal circuitry automatically tristate s the outputs following the next rising edge of the positive output clock (c). this enables a seamless transition between devices without the insertion of wait states in a depth expanded memory. write operations write operations are initiated by asserting wps active at the rising edge of the positive input clock (k). on the following k clock rise the data presented to d [17:0] is latched and stored into the lower 18-bit write data register, provided bws [1:0] are both asserted active. on the subsequent rising edge of the negative input clock ( k ) the information presented to d [17:0] is also stored into the write data register, provided bws [1:0] are both asserted active. this process continues for one more cycle until four 18-bit words (a total of 72 bits) of data are stored in the sram. the 72 bits of data are then written into the memory array at the specified location. therefore, write accesses to the device cannot be initiated on two consecutive k clock rises. the internal logic of the device ignores the second write request. write accesses can be initiated on every other rising edge of the positive input clock (k). doing so pipelines the data flow such that 18 bits of data can be transferred into the device on every rising edge of the input clocks (k and k ). when deselected, the write port ignores all inputs after the pending write operations are completed. byte write operations byte write operations are supported by the cy7c1313kv18. a write operation is initiated as described in the write operations section. the bytes that ar e written are determined by bws 0 and bws 1 , which are sampled with each set of 18-bit data words. asserting the appropriate byte wr ite select input during the data portion of a write latches the dat a being presented and writes it into the device. deasserting the byte write select input during the data portion of a write enab les the data stored in the device for that byte to remain unaltered. this feature is used to simplify read, modify, or write operatio ns to a byte write operation. single clock mode the cy7c1313kv18 is used with a single clock that controls both the input and output regist ers. in this mode the device recognizes only a single pair of input clocks (k and k ) that control both the input and output registers. this operation is identical to the operation if the device had zero skew between the k/ k and c/ c clocks. all timing parameters remain the same in this mode. to use this mode of operatio n, the user must tie c and c high at power on. this function is a strap option and not alterable during device operation. concurrent transactions the read and write ports on the cy7c1313kv18 operate independently of one another. as each port latches the address inputs on different clock edges, the user can read or write to any location, regardless of the transaction on the other port. if the ports access the same location when a read follows a write in successive clock cycles, the sr am delivers the most recent information associated with the specified address location. this includes forwarding data from a write cycle that was initiated on the previous k clock rise. read access and write access must be scheduled such that one transaction is initia ted on any clock cycle. if both ports are selected on the same k clock ri se, the arbitration depends on the previous state of the sram. if both ports are deselected, the read port takes priority. if a read was initiated on the previous cycle, the write port takes priori ty (as read opera tions cannot be initiated on consecutive cycles). if a write was initiated on the previous cycle, the read port takes priority (as write operations cannot be initiate d on consecutive cycles). therefore, asserting both port selects active from a deselected state results in alternating read or writ e operations being initiated, with the first access being a read. depth expansion the cy7c1313kv18 has a port select input for each port. this enables for easy depth expansion. both port selects are sampled on the rising edge of the positive input clock only (k). each port select input can deselect the s pecified port. deselecting a port does not affect the other port. all pending transactions (read and write) are completed before the device is deselected. programmable impedance an external resistor, rq, must be connected between the zq pin on the sram and v ss to allow the sram to adjust its output driver impedance. the value of rq must be 5 the value of the intended line impedance driven by the sram, the allowable range of rq to guarantee impedanc e matching with a tolerance of 15% is between 175 ? ?
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 10 of 32 qdr ii. cq is referenced with respect to c and cq is referenced with respect to c . these are free running clocks and are synchronized to the output clock of the qdr ii. in the single clock mode, cq is generated with respect to k and cq is generated with respect to k . the timing for the echo clocks is shown in the switching characteristics on page 25 . pll these chips use a pll that is designed to function between 120 mhz and the specified maximum clock frequency. during po wer up, when the doff is tied high, the pll is locked after 20 ? s of stable clock. the pll can also be reset by slowing or stopping the input clocks k and k for a minimum of 30 ns. however, it is not necessary to reset the pll to lock to the desired frequency. the p ll automatically locks 20 ? s after a stable clock is presented. the pll may be disabled by applying ground to the doff pin. when the pll is turned off, the device behaves in qdr i mode (with one cycle latency and a longer access time). application example figure 2 shows four qdr ii used in an application. figure 2. application example (width expansion) d[x:0] arps wps bws kk q[x:0] zq sram#1 cq/cq d[x:0] arps wps bws kk q[x:0] zq sram#2 cq/cq data in[2x:0] data out [2x:0] address rps wps bws clkin1/clkin1 clkin2/clkin2 source k source k fpga / asic rq rq cc cc delayed k delayed k
truth table the truth table for cy7c1311kv18, cy7c1911kv18, cy7c1313kv18, and cy7c1315kv18 follow. [ 2 , 3 , 4 , 5 , 6 , 7 ] operation k rps wps dq dq dq dq write cycle: load address on the rising edge of k; input write data on two consecutive k and k rising edges. l?h h [ 8 ] l [ 9 ] d(a) at k(t + 1) ? d(a + 1) at k (t + 1) ? d(a + 2) at k(t + 2) ? d(a + 3) at k (t + 2) ? read cycle: load address on the rising edge of k; wait one and a half cycle; read data on two consecutive c and c rising edges. l?h l [ 9 ] x q(a) at c (t + 1) ? q(a + 1) at c(t + 2) ? q(a + 2) at c (t + 2) ? q(a + 3) at c(t + 3) ? nop: no operation l?h h h d = x q = high z d = x q = high z d = x q = high z d = x q = high z standby: clock stopped stopped x x previous state previous state previous state previous state write cycle descriptions the write cycle description table for cy7c13 11kv18 and cy7c1313kv18 are as follows. [ 2 , 10 ] bws 0 / nws 0 bws 1 / nws 1 k k comments l l l?h ? during the data portion of a write sequence ? cy7c1311kv18 ?? bo th nibbles (d [7:0] ) are written into the device. cy7c1313kv18 ?? both byt es (d [17:0] ) are written into the device. l l ? l?h during the data portion of a write sequence: cy7c1311kv18 ?? bo th nibbles (d [7:0] ) are written into the device. cy7c1313kv18 ?? both byt es (d [17:0] ) are written into the device. l h l?h ? during the data portion of a write sequence: cy7c1311kv18 ?? o nly the lower nibble (d [3:0] ) is written into the device, d [7:4] remains unaltered. cy7c1313kv18 ?? o nly the lower byte (d [8:0] ) is written into the device, d [17:9] remains unaltered. l h ? l?h during the data portion of a write sequence ? cy7c1311kv18 ?? o nly the lower nibble (d [3:0] ) is written into the device, d [7:4] remains unaltered. cy7c1313kv18 ?? o nly the lower byte (d [8:0] ) is written into the device, d [17:9] remains unaltered. h l l?h ? during the data portion of a write sequence ? cy7c1311kv18 ?? o nly the upper nibble (d [7:4] ) is written into the device, d [3:0] remains unaltered. cy7c1313kv18 ?? o nly the upper byte (d [17:9] ) is written into the device, d [8:0] remains unaltered. h l ? l?h during the data portion of a write sequence ? cy7c1311kv18 ?? o nly the upper nibble (d [7:4] ) is written into the device, d [3:0] remains unaltered. cy7c1313kv18 ?? o nly the upper byte (d [17:9] ) is written into the device, d [8:0] remains unaltered. h h l?h ? no data is written into the devices du ring this portion of a write operation. h h ? l?h no data is written into the devices du ring this portion of a write operation. notes 2. x = ?don't care?, h = logic high, l = logic low, ? represents rising edge. 3. device powers up deselected with the outputs in a tristate condition. 4. ?a? represents address location latched by the devices when transaction was initiated. a + 1, a + 2, and a + 3 represents the address sequence in the burst. 5. ?t? represents the cycle at which a read/write operation is star ted. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the ?t? clock cycle. 6. data inputs are registered at k and k rising edges. data outputs are delivered on c and c rising edges, except when in single clock mode. 7. ensure that when the clock is stopped k = k and c = c = high. th is is not essential, but permits most rapid restart by overco ming transmission line charging symmetrically. 8. if this signal was low to initiate the previous cycl e, this signal becomes a ?don?t care? for this operation. 9. this signal was high on previous k clock rise. initiating c onsecutive read or write operations on consecutive k clock rises i s not permitted. the device ignores the second read or write request. 10. is based on a write cycle that was initiated in accordance with the truth table . nws 0 , nws 1 , bws 0 , bws 1 , bws 2 , and bws 3 can be altered on different portions of a write cycle, as long as the se tup and hold requirements are achieved. cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 11 of 32
write cycle descriptions the write cycle description table for cy7c1911kv18 is as follows. [ 11 , 12 ] bws 0 k k comments l l?h ? during the data portion of a wr ite sequ ence, the single byte (d [8:0] ) is written into the device. l ? l?h during the data portion of a wr ite sequ ence, the single byte (d [8:0] ) is written into the device. h l?h ? no data is written into the device durin g this portion of a write operation. h ? l?h no data is written into the device durin g this portion of a write operation. write cycle descriptions the write cycle description ta ble for cy7c1315kv18 follows. [ 11 , 12 ] bws 0 bws 1 bws 2 bws 3 k k comments l l l l l?h ? during the data portion of a write sequence, all four bytes (d [35:0] ) are written into the device. l l l l ? l?h during the data portion of a write sequence, all four bytes (d [35:0] ) are written into the device. l h h h l?h ? during the data portion of a writ e seq uence, only the lower byte (d [8:0] ) is written into the device. d [35:9] remains unaltered. l h h h ? l?h during the data portion of a writ e seq uence, only the lower byte (d [8:0] ) is written into the device. d [35:9] remains unaltered. h l h h l?h ? during the data portion of a wr ite sequence, only the byte (d [17:9] ) is written into the device. d [8:0] and d [35:18] remains unaltered. h l h h ? l?h during the data portion of a wr ite sequence, only the byte (d [17:9] ) is written into the device. d [8:0] and d [35:18] remains unaltered. h h l h l?h ? during the data portion of a write sequence, only the byte (d [26:18] ) is written into the device. d [17:0] and d [35:27] remains unaltered. h h l h ? l?h during the data portion of a write sequence, only the byte (d [26:18] ) is written into the device. d [17:0] and d [35:27] remains unaltered. h h h l l?h ? during the data portion of a write sequence, only the byte (d [35:27] ) is written into the device. d [26:0] remains unaltered. h h h l ? l?h during the data portion of a write sequence, only the byte (d [35:27] ) is written into the device. d [26:0] remains unaltered. h h h h l?h ? no data is written into the device dur in g this portion of a write operation. h h h h ? l?h no data is written into the device dur in g this portion of a write operation. notes 11. x = ?don't care?, h = logic high, l = logic low, ? represents rising edge. 12. is based on a write cycle that was initiated in accordance with the truth table on page 11 table. nws 0 , nws 1 , bws 0 , bws 1 , bws 2 , and bws 3 can be altered on different portions of a write cycle, as long as the setup and hold requirements are achieved. cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 12 of 32
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 13 of 32 ieee 1149.1 serial boundary scan (jtag) these srams incorporate a serial boundary scan test access port (tap) in the fbga package. this part is fully compliant with ieee standard #1149. 1-2001. the tap operates using jedec standard 1.8 v i/o logic levels. disabling the jtag feature it is possible to operate the sram without using the jtag feature. to disable the tap co ntroller, tck must be tied low (v ss ) to prevent clocking of the device. tdi and tms are internally pulled up and may be unconnected. they may alternatively be connected to v dd through a pull up resistor. tdo must be left unconnected. upon power up, the device comes up in a reset state, which does not interfere with the operation of the device. test access port test clock the test clock is used only with the tap controller. all inputs are captured on the rising edge of tc k. all outputs are driven from the falling edge of tck. test mode select (tms) the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. this pin may be left unconnected if the tap is not used. the pin is pulled up internally, resulting in a logic high level. test data-in (tdi) the tdi pin is used to serially input information into the registers and can be connected to the input of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. for information about loading the instruction register, see the tap controller state diagram on page 15 . tdi is internally pulled up and can be unconnected if the tap is unused in an application. tdi is connected to the most signific ant bit (msb) on any register. test data-out (tdo) the tdo output pin is used to serially clock data out from the registers. the output is active, depending upon the current state of the tap state machine (see instruction codes on page 19 ). the output changes on the falling edge of tck. tdo is connected to the least significant bit (lsb) of any register. performing a tap reset a reset is performed by forcing tms high (v dd ) for five rising edges of tck. this reset does not affect the operation of the sram and can be performed when the sram is operating. at power up, the tap is reset intern ally to ensure that tdo comes up in a high z state. tap registers registers are connected between the tdi and tdo pins to scan the data in and out of the sram te st circuitry. only one register can be selected at a time through the instruction registers. data is serially loaded into the tdi pin on the rising edge of tck. data is output on the tdo pin on the falling edge of tck. instruction register three-bit instructions are serial ly loaded into the instruction register. this register is loaded when it is placed between the tdi and tdo pins, as shown in tap controller block diagram on page 16 . upon power up, the instruction register is loaded with the idcode instruction. it is also loaded with the idcode instruction if the controller is pl aced in a reset state, as described in the previous section. when the tap controller is in th e capture-ir state, the two least significant bits are loaded with a binary ?01? pattern to allow for fault isolation of the board level serial test path. bypass register to save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. the bypass register is a single-bit register that is placed between tdi and tdo pins. this enables shifting of data through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruction is executed. boundary scan register the boundary scan register is connected to all of the input and output pins on the sram. several no connect (nc) pins are also included in the scan register to reserve pins for higher density devices. the boundary scan register is loaded with the contents of the ram input and output ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo pins when the controller is moved to the shift-dr state. the extest, sample/preload, and sample z instructions are used to capture the contents of the input and output ring. the boundary scan order on page 20 shows the order in which the bits are connected. each bit corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi, and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor-specific, 32-bit code during the capture-dr state when the idcode command is loaded in the instruction register . the idcode is hardwired into the sram and can be shifted out when the tap controller is in the shift-dr state. the id regist er has a vendor code and other information described in identification register definitions on page 19 . tap instruction set eight different instructions ar e possible with the three-bit instruction register. all co mbinations are listed in instruction codes on page 19 . three of these instru ctions are listed as reserved and must not be used. the other five instructions are described in this section in detail. instructions are loaded into the tap controller during the shift-ir state when the instruction register is placed between tdi and tdo. during this state, instructions are shifted through the instruction register through the tdi and tdo pins. to execute the instruction after it is shift ed in, the tap controller must be moved into the update-ir state.
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 14 of 32 idcode the idcode instruction loads a ve ndor-specific, 32-bit code into the instruction register. it also places the instruction register between the tdi and tdo pins and shifts the idcode out of the device when the tap controller enters the shift-dr state. the idcode instruction is loaded into the instruction register at power up or whenever the tap controller is supplied a test-logic-reset state. sample z the sample z instruction connects the boundary scan register between the tdi and tdo pins when the tap controller is in a shift-dr state. the sample z command puts the output bus into a high z state until the next command is supplied during the update ir state. sample/preload sample/preload is a 1149.1 mandatory instruction. when the sample/preload instructi ons are loaded into the instruction register and the tap controller is in the capture-dr state, a snapshot of data on the input and output pins is captured in the boundary scan register. the tap controller clock can only operate at a frequency up to 20 mhz, while the sram clock operates more than an order of magnitude faster. because there is a large difference in the clock frequencies, it is possible that during the capture-dr state, an input or output undergoes a transi tion. the tap may then try to capture a signal while in transition (metastable state). this does not harm the device, but there is no guarantee as to the value that is captured. repeatable results may not be possible. to guarantee that the boundary scan register captures the correct value of a signal, the sram signal must be stabilized long enough to meet the tap contro ller?s capture setup plus hold times (t cs and t ch ). the sram clock input might not be captured correctly if there is no way in a de sign to stop (or slow) the clock during a sample/preload instruction. if this is an issue, it is still possible to capture all other signals and simply ignore the value of the ck and ck captured in the boundary scan register. after the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the boundary scan register between the tdi and tdo pins. preload places an initial data pattern at the latched parallel outputs of the boundary scan regi ster cells before the selection of another boundary scan test operation. the shifting of data for the sample and preload phases can occur concurrently when requir ed, that is, while the data captured is shifted out, the pr eloaded data can be shifted in. bypass when the bypass instruction is loaded in the instruction register and the tap is placed in a shift- dr state, the bypass register is placed between the tdi and tdo pins. the advantage of the bypass instruction is that it s hortens the boundary scan path when multiple devices are connected together on a board. extest the extest instruction drives the preloaded data out through the system output pins. this instruction also connects the boundary scan register for serial access between the tdi and tdo in the shift-dr controller state. extest output bus tristate ieee standard 1149.1 mandates that the tap controller be able to put the output bus into a tristate mode. the boundary scan register has a special bit located at bit #47. when this scan cell, called the ?extest output bus tristate?, is latched into the preload register during the update-dr state in the tap controller, it directly c ontrols the state of the output (q-bus) pins, when the extest is entered as the current instruction. when high, it enables the output buffers to drive the output bus. when low, this bi t places the output bus into a high z condition. this bit is set by entering the sample/preload or extest command, and then shifting the desir ed bit into that cell, during the shift-dr state. during update- dr, the value loaded into that shift-register cell latches into the preload register. when the extest instruction is entered, this bit directly controls the output q-bus pins. note that this bit is preset high to enable the output when the device is powered up, and also when the tap controller is in the test-logic-reset state. reserved these instructions are not im plemented but are reserved for future use. do not use these instructions.
tap controller state diagram the state diagram for the tap controller follows. [ 13 ] test-logic reset test-logic/ idle select dr-scan capture-dr shift-dr exit1-dr pause-dr exit2-dr update-dr 1 0 1 1 0 1 0 1 0 0 0 1 1 1 0 1 0 1 0 0 0 1 0 1 1 0 1 0 0 1 1 0 select ir-scan capture-ir shift-ir exit1-ir pause-ir exit2-ir update-ir note 13. the 0/1 next to each state represents the value at tms at the rising edge of tck. cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 15 of 32
tap controller block diagram 0 0 1 2 . . 29 30 31 boundary scan register identification register 0 1 2 . . . . 106 0 1 2 instruction register bypass register selection circuitry selection circuitry tap controller tdi tdo tck tms tap electrical characteristics over the operating range parameter [ 14 , 15 , 16 ] description test conditions min max unit v oh1 output high voltage i oh = ?? 2.0 ma 1.4 ? v v oh2 output high voltage i oh = ?? 100 ? a 1.6 ? v v ol1 output low voltage i ol = 2.0 ma ? 0.4 v v ol2 output low voltage i ol = 100 ? a ? 0.2 v v ih input high voltage ? 0.65 v dd v dd + 0.3 v v il input low voltage ? ?0.3 0.35 v dd v i x input and output load current gnd ? v i ? v dd ?5 5 ? a notes 14. these characteristics pertain to the tap inputs (tms, tck, tdi and tdo). parallel load levels are specified in the electrical characteristics on page 22 . 15. overshoot: v ih(ac) < v ddq + 0.85 v (pulse width less than t cyc /2), undershoot: v il(ac) > ? 1.5 v (pulse width less than t cyc /2). 16. all voltage referenced to ground. cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 16 of 32
tap ac switchi ng characteristics over the operating range parameter [ 17 , 18 ] description min max unit t tcyc tck clock cycle time 50 ? ns t tf tck clock frequency ? 20 mhz t th tck clock high 20 ? ns t tl tck clock low 20 ? ns setup times t tmss tms setup to tck clock rise 5 ? ns t tdis tdi setup to tck clock rise 5 ? ns t cs capture setup to tck rise 5 ? ns hold times t tmsh tms hold after tck clock rise 5 ? ns t tdih tdi hold after clock rise 5 ? ns t ch capture hold after clock rise 5 ? ns output times t tdov tck clock low to tdo valid ? 10 ns t tdox tck clock low to tdo invalid 0 ? ns notes 17. t cs and t ch refer to the setup and hold time requirements of latching data from the boundary scan register. 18. test conditions are specified using the load in tap ac test conditions. t r /t f = 1 ns. cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 17 of 32
tap timing and test conditions figure 3 shows the tap timing and test conditions. [ 19 ] figure 3. tap timing and test conditions t tl t th (a) tdo c l = 20 pf z 0 = 50 ? gnd 0.9 v 50 ? 1.8 v 0 v all input pulses 0.9 v test clock test mode select tck tms test data in tdi test data out t tcyc t tmsh t tmss t tdis t tdih t tdov t tdox tdo note 19. test conditions are specified using the load in tap ac test conditions. t r /t f = 1 ns. cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 18 of 32
identification regi ster definitions instruction field value description cy7c1311kv18 cy7c1911kv18 cy7c1313kv18 cy7c1315kv18 revision number (3 1:29) 000 000 000 000 version number. cypress device id (2 8:12) 11010011011000101 11010011011001101 11010011011010101 11010011011100101 defines the type of sram. cypress jedec id (1 1:1) 00000110100 00000110100 00000110100 00000110100 allows unique i dentification of sram vendor. id register presen ce (0) 1 1 1 1 indicates the p resence of an id register. scan register sizes register name bit size instruction 3 bypass 1 id 32 boundary scan 107 instruction codes instruction code description extest 000 captures the input and output ring contents. idcode 001 loads the id register with the vendor id code and pl aces the register between tdi and tdo. this operation does not affect sram operation. sample z 010 captures the input and output contents. plac es the b oundary scan register between tdi and tdo. forces all sram output drivers to a high z state. reserved 011 do not use: this instruction is reserved for future use. sample/preload 100 captures the input and output ring contents. pl a ces the boundary scan register between tdi and tdo. does not affect the sram operation. reserved 101 do not use: this instruction is reserved for future use. reserved 110 do not use: this instruction is reserved for future use. bypass 111 places the bypass register between tdi and t do. this operation does not affect sram operation. cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 19 of 32
boundary scan order bit # bump id bit # bump id bit # bump id bit # bump id 0 6r 28 10g 56 6a 84 2j 1 6p 29 9g 57 5b 85 3k 2 6n 30 11f 58 5a 86 3j 3 7p 31 11g 59 4a 87 2k 4 7n 32 9f 60 5c 88 1k 5 7r 33 10f 61 4b 89 2l 6 8r 34 11e 62 3a 90 3l 7 8p 35 10e 63 1h 91 1m 8 9r 36 10d 64 1a 92 1l 9 11p 37 9e 65 2b 93 3n 10 10p 38 10c 66 3b 94 3m 11 10n 39 11d 67 1c 95 1n 12 9p 40 9c 68 1b 96 2m 13 10m 41 9d 69 3d 97 3p 14 11n 42 11b 70 3c 98 2n 15 9m 43 11c 71 1d 99 2p 16 9n 44 9b 72 2c 100 1p 17 11l 45 10b 73 3e 101 3r 18 11m 46 11a 74 2d 102 4r 19 9l 47 internal 75 2e 103 4p 20 10l 48 9a 76 1e 104 5p 21 11k 49 8b 77 2f 105 5n 22 10k 50 7c 78 3f 106 5r 23 9j 51 6c 79 1g 24 9k 52 8a 80 1f 25 10j 53 7a 81 3g 26 11j 54 7b 82 2g 27 11h 55 6b 83 1j cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 20 of 32
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 21 of 32 power up sequence in qdr ii sram qdr ii srams must be powered up and initialized in a predefined manner to prevent undefined operations. power up sequence apply power and drive doff either high or low (all other inputs can be high or low). ? apply v dd before v ddq . ? apply v ddq before v ref or at the same time as v ref . ? drive doff high. provide stable doff (high), power and clock (k, k ) for 20 ? s to lock the pll. pll constraints pll uses k clock as its synchronizing input. the input must have low phase jitter, which is specified as t kc var . the pll functions at frequencies down to 120 mhz. if the input clock is unstable and the pll is enabled, then the pll may lock onto an incorrect frequency, causing unstable sram behavior. to avoid this, provide 20 ? s of stable clock to relock to the desired clock frequency. figure 4. power up waveforms > 20s stable clock start normal operation doff stable (< +/- 0.1v dc per 50ns ) fix high (or tie to v ddq ) k k ddq dd v v / ddq dd v v / clock start (clock starts after stable ) ddq dd v v / ~ ~ ~ ~ unstable clock
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 22 of 32 maximum ratings exceeding maximum ratings may im pair the useful life of the device. these user guidelines are not tested. storage temperature ..... ............ ............... ?65 ? c to +150 ?c ambient temperature ? with power applied ........ ............ ............... ?55 ? c to +125 ?c supply voltage on v dd relative to gnd .......?0.5 v to +2.9 v supply voltage on v ddq relative to gnd ...... ?0.5 v to +v dd dc applied to outputs in high z ........ ?0.5 v to v ddq + 0.3 v dc input voltage [ 20] ........................... ?0.5 v to v dd + 0.3 v current into outputs (low) ........................................ 20 ma static discharge voltage ? (mil-std-883, m. 3015) ......................................... > 2001 v latch up current ..................................................... > 200 ma operating range range ambient temperature (t a ) v dd [ 21 ] v ddq [ 21 ] commercial 0 ?c to +70 ?c 1.8 0.1 v 1.4 v to v dd industrial ?40 c to +85 c neutron soft error immunity parameter description test conditions typ max* unit lsbu logical sing le-bit upsets 25 c 197 216 fit/ mb lmbu logical mu lti-bit upsets 25 c 0 0.01 fit/ mb sel single event la tch up 85 c 0 0.1 fit/ dev * no lmbu or sel events occurred during testing ; this column represents a statistical ? 2 , 95% confidence limit calculation. for more details refer to application note accelerated neutron ser testing and calculation of terrestrial failure rates - an54908 electrical characteristics over the operating range dc electrical characteristics over the operating range parameter [ 22 ] description test conditions min typ max unit v dd power supply voltage ? 1.7 1.8 1.9 v v ddq i/o supply voltage ? 1.4 1.5 v dd v v oh output high voltage note 23 v ddq /2 ? 0.12 ? v ddq /2 + 0.12 v v ol output low voltage note 24 v ddq /2 ? 0.12 ? v ddq /2 + 0.12 v v oh(low) output high voltage i oh = ?? 0.1 ma, nominal impedance v ddq ? 0.2 ? v ddq v v ol(low) output low voltage i ol = 0.1 ma, nominal impedance v ss ? 0.2 v v ih input high voltage ? v ref + 0.1 ? v ddq + 0.3 v v il input low voltage ? ?0.3 ? v ref ? 0.1 v i x input leakage current gnd ? v i ? v ddq ? 5 ? 5 ? a i oz output leakage current gnd ? v i ? v ddq, output disabled ? 5 ? 5 ? a v ref input reference voltage [ 25 ] typical value = 0.75 v 0.68 0.75 0.95 v notes 20. overshoot: v ih(ac) < v ddq + 0.85 v (pulse width less than t cyc /2), undershoot: v il(ac) > ? 1.5 v (pulse width less than t cyc /2). 21. power up: assumes a linear ramp from 0 v to v dd(min) within 200 ms. during this time v ih < v dd and v ddq < v dd . 22. all voltage referenced to ground. 23. output are impedance controlled. i oh = ? (v ddq /2)/(rq/5) for values of 175 ohms < rq < 350 ? . 24. output are impedance controlled. i ol = (v ddq /2)/(rq/5) for values of 175 ohms < rq < 350 ohms. 25. v ref(min) = 0.68 v or 0.46 v ddq , whichever is larger, v ref(max) = 0.95 v or 0.54 v ddq , whichever is smaller.
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 23 of 32 i dd [ 26 ] v dd operating supply v dd = max, i out = 0 ma, ? f = f max = 1/t cyc 333 mhz ( 9) ? ? 520 ma ( 18) ? ? 530 ( 36) ? ? 730 300 mhz ( 9) ? ? 490 ma ( 18) ? ? 500 ( 36) ? ? 670 250 mhz ( 8) ? ? 430 ma ( 9) ? ? 430 ( 18) ? ? 440 ( 36) ? ? 590 i sb1 automatic power down current max v dd , ? both ports deselected, ? v in ? v ih or v in ? v il ? f = f max = 1/t cyc , ? inputs static 333 mhz ( 9) ? ? 270 ma ( 18) ? ? 270 ( 36) ? ? 270 300 mhz ( 9) ? ? 260 ma ( 18) ? ? 260 ( 36) ? ? 260 250 mhz ( 8) ? ? 250 ma ( 9) ? ? 250 ( 18) ? ? 250 ( 36) ? ? 250 note 26. the operation current is calculated with 50% read cycle and 50% write cycle. electrical characteristics (continued) over the operating range dc electrical characteristics (continued) over the operating range parameter [22] description test conditions min typ max unit
ac electrical characteristics over the operating range parameter [ 27 ] description test conditions min typ max unit v ih input high voltage ? v ref + 0.2 ? ? v v il input low voltage ? ? ? v ref ? 0.2 v capacitance parameter [ 28 ] description test conditions max unit c in input capacitance t a = 25 ? c, f = 1 mhz, v dd = 1.8 v, v ddq = 1.5 v 4 pf c o output capacitance 4 pf thermal resistance parameter [ 28 ] description test conditions 165-ball fbga package unit ? ja (0 m/s) thermal resistance ? (junction to ambient) socketed on a 170 220 2.35 mm, eight-layer printed circui t board 18.96 c/w ? ja (1 m/s) 17.89 c/w ? ja (3 m/s) 17.12 c/w ? jb thermal resistance ? (junction to board) 15.94 c/w ? jc thermal resistance ? (junction to case) 5.79 c/w ac test loads and waveforms figure 5. ac test loads and waveforms 1.25 v 0.25 v r = 50 ? 5pf including jig and scope all input pulses device r l = 50 ? z 0 = 50 ? v ref = 0.75 v v ref = 0.75 v [29] 0.75 v under te s t 0.75 v device under te s t output 0.75 v v ref v ref output zq zq (a) slew rate = 2 v/ns rq = 250 ? (b) rq = 250 ? notes 27. overshoot: v ih(ac) < v ddq + 0.85 v (pulse width less than t cyc /2), undershoot: v il(ac) > ? 1.5 v (pulse width less than t cyc /2). 28. tested initially and after any design or process change that may affect these parameters. 29. unless otherwise noted, test conditions are based on signal tran sition time of 2 v/ns, timing reference levels of 0.75 v, v ref = 0.75 v, rq = 250 ? , v ddq = 1.5 v, input pulse levels of 0.25 v to 1.25 v, and output loading of the specified i ol /i oh and load capacitance shown in (a) of figure 5 . cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 24 of 32
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 25 of 32 switching characteristics over the operating range parameters [ 30 , 31 ] description 333 mhz 300 mhz 250 mhz unit cypress parameter consortium parameter min max min max min max t power v dd (typical) to the first access [ 32] 1 ? 1 ? 1 ? ms t cyc t khkh k clock and c clock cycle time 3.0 8.4 3.3 8.4 4.0 8.4 ns t kh t khkl input clock (k/ k ; c/ c ) high 1.20 ? 1.32 ? 1.6 ? ns t kl t klkh input clock (k/ k ; c/ c ) low 1.20 ? 1.32 ? 1.6 ? ns t kh k h t kh k h k clock rise to k clock rise and c to c rise (rising edge to rising edge) 1.35 ? 1.49 ? 1.8 ? ns t khch t khch k/ k clock rise to c/ c clock rise (rising edge to rising edge) 0 1.30 0 1.45 0 1.8 ns setup times t sa t avkh address setup to k clock rise 0.4 ? 0.4 ? 0.5 ? ns t sc t ivkh control setup to k clock rise ( rps , wps ) 0.4 ? 0.4 ? 0.5 ? ns t scddr t ivkh double data rate control setup to clock (k/ k ) rise ( bws 0 , bws 1 , bws 2 , bws 3 ) 0.3 ? 0.3 ? 0.35 ? ns t sd t dvkh d [x:0] setup to clock (k/ k ) rise 0.3 ? 0.3 ? 0.35 ? ns hold times t ha t khax address hold after k clock rise 0.4 ? 0.4 ? 0.5 ? ns t hc t khix control hold after k clock rise ( rps , wps ) 0.4 ? 0.4 ? 0.5 ? ns t hcddr t khix double data rate control hold after clock (k/ k ) rise ( bws 0 , bws 1 , bws 2 , bws 3 ) 0.3 ? 0.3 ? 0.35 ? ns t hd t khdx d [x:0] hold after clock (k/ k ) rise 0.3 ? 0.3 ? 0.35 ? ns notes 30. unless otherwise noted, test conditions are based on signal trans ition time of 2 v/ns, timing reference levels of 0.75 v, v ref = 0.75 v, rq = 250 ? , v ddq = 1.5 v, input pulse levels of 0.25 v to 1.25 v, and output loading of the specified i ol /i oh and load capacitance shown in (a) of figure 5 on page 24 . 31. when a part with a maximum frequency above 250 mhz is operating at a lower clock frequency, it requires the input timings of the frequency range in which it is operated and outputs data with the output timings of that frequency range. 32. this part has a voltage regulator internally; t power is the time that the power must be supplied above v dd(minimum) initially before a read or write operation is initiated.
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 26 of 32 output times t co t chqv c/ c clock rise (or k/ k in single clock mode) to data valid ? 0.45 ? 0.45 ? 0.45 ns t doh t chqx data output hold after output c/ c clock rise (active to active) ?0.45 ? ?0.45 ? ?0.45 ? ns t ccqo t chcqv c/ c clock rise to echo clock valid ? 0.45 ? 0.45 ? 0.45 ns t cqoh t chcqx echo clock hold after c/ c clock rise ?0.45 ? ?0.45 ? ?0.45 ? ns t cqd t cqhqv echo clock high to data valid ? 0.25 ? 0.27 ? 0.30 ns t cqdoh t cqhqx echo clock high to data invalid ?0.25 ? ?0.27 ? ?0.30 ? ns t cqh t cqhcql output clock (cq/ cq ) high [ 33 ] 1.25 ? 1.4 ? 1.75 ? ns t cqh cq h t cqh cq h cq clock rise to cq clock rise (rising edge to rising edge) [ 33 ] 1.25 ? 1.4 ? 1.75 ? ns t chz t chqz clock (c/ c ) rise to high z (active to high z) [ 34 , 35 ] ? 0.45 ? 0.45 ? 0.45 ns t clz t chqx1 clock (c/ c ) rise to low z [ 34 , 35 ] ?0.45 ? ?0.45 ? ?0.45 ? ns pll timing t kc var t kc var clock phase jitter ? 0.20 ? 0.20 ? 0.20 ns t kc lock t kc lock pll lock time (k, c) [ 36 ] 20 ? 20 ? 20 ? ? s t kc reset t kc reset k static to pll reset 30 ? 30 ? 30 ? ns notes 33. these parameters are extrapolated from the input timing parameters (t cyc /2 ? 250 ps, where 250 ps is the internal jitter). these parameters are only guaranteed by design and are not tested in production. 34. t chz , t clz , are specified with a load capacitance of 5 pf as in (b) of figure 5 on page 24 . transition is measured 100 mv from steady-state voltage. 35. at any voltage and temperature t chz is less than t clz and t chz less than t co . 36. for frequencies 300 mhz or below, the cypress qdr ii devices surpass the qdr consortium specification for pll lock time (t kc lock) of 20 s (min. spec.) and will lock after 1024 clock cycles (min. spec.), after a stable clock is presented, per the previous 90 nm version. switching characteristics (continued) over the operating range parameters [30, 31] description 333 mhz 300 mhz 250 mhz unit cypress parameter consortium parameter min max min max min max
switching waveforms figure 6. read/write/deselect sequence [ 37 , 38 , 39 ] k 1 2 345 6 7 rps wps a q d c c read read write write nop nop dont care undefined cq cq k a0 a1 t kh t khkh t kl t cyc t t hc t sa t ha a2 sc tt hcsc a3 t khch t khch t cqd t clz doh t chz t t t kl t cyc t ccqo t ccqo t cqoh t cqoh khkh kh q00 q03 q01 q02 q20 q23 q21 q22 t co t cqdoh t t cqh t cqhcqh d10 d11 d12 d13 t sd t hd t sd t hd d30 d31 d32 d33 notes 37. q00 refers to output from address a0. q01 refers to output from the next internal burst address following a0, that is, a0 + 1. 38. outputs are disabled (high z) one clock cycle after a nop. 39. in this example, if address a2 = a1, then data q20 = d10, q21 = d11, q22 = d12, and q23 = d13. write data is forwarded immed iately as read results. this note applies to the whole diagram. cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 27 of 32
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 28 of 32 ordering information the following table contains only the parts that are currently av ailable. if you do not see what you are looking for, contact y our local sales representative. for more inform ation, visit the cypress website at www.cypress.com and refer to the product summary page at http://www.cypre ss.com/pr oducts cypress maintains a worldwide network of offices, solution cent e rs, manufacturer?s representativ es and distributors. to find th e office closest to you, visit us at http://www.cypress.com/ g o/datasheet/offices. speed (mhz) ordering code package diagram package type operating range 333 cy7c1911kv18-333bzc 51-85180 165-ball fbga (13 15 1.4 mm) commercial cy7c1313kv18-333bzc CY7C1315KV18-333BZC 300 cy7c1911kv18-300bzc 51-85180 165-ball fbga (13 15 1.4 mm) commercial cy7c1911kv18-300bzxc 165-ball fbga (13 15 1.4 mm) pb-free cy7c1315kv18-300bzxc 250 cy7c1311kv18-250bzc 51-85180 165-ball fbga (13 15 1.4 mm) commercial cy7c1911kv18-250bzc cy7c1313kv18-250bzc cy7c1315kv18-250bzc cy7c1911kv18-250bzxc 165-ball fbga (13 15 1.4 mm) pb-free cy7c1313kv18-250bzxc cy7c1315kv18-250bzxc cy7c1313kv18-250bzi 165-ball fbga (13 15 1.4 mm) industrial cy7c1315kv18-250bzi cy7c1313kv18-250bzxi 165-ball fbga (13 15 1.4 mm) pb-free cy7c1315kv18-250bzxi ordering code definitions temperature range: x = c or i ? c = commercial = 0 ? c to +70 ? c; i = industrial = ?40 ?c to 85 ?c x = pb-free; x absent = leaded package type: ? bz = 165-ball fbga speed grade: xxx = 333 mhz or 300 mhz or 250 mhz v18 = 1.8 v v dd process technology: k = 65 nm part identifier: xxxx = 1311 or 1911 or 1313 or 1315 technology code: c = cmos marketing code: 7 = sram company id: cy = cypress cy xxxx k - xxx bz x v18 x c 7
package diagram figure 7. 165-ball fbga (13 15 1.4 mm) bb165d/bw 165d (0.5 ball diameter) package outline, 51-85180 51-85180 *f cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 29 of 32
cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 30 of 32 acronyms acronym description ddr double data rate fbga fine-pitch ball grid array hstl high-speed transceiver logic i/o input/output jtag joint test action group lmbu logical multiple bit upset lsb least significant bit lsbu logical single bit upset msb most significant bit pll phase locked loop qdr quad data rate sel single event latch-up sram static random access memory tap test access port tck test clock tms test mode select tdi test data-in tdo te s t d a ta - o u t document conventions units of measure symbol unit of measure c degree celsius k? kilohm mhz megahertz a microampere s microsecond ma milliampere mm millimeter ms millisecond ns nanosecond ? ohm pf picofarad v volt w watt
document history page document title: cy7c1311kv18/cy7c1911kv18/cy7c1313kv18/cy7c1315kv18, 18-mbit qdr ? ii sram four-word burst architecture document number: 001-58904 rev. ecn no. orig. of change submission da te description of change ** 2860800 vkn 01/20/2010 new data sheet. *a 2897083 aju 03/22/10 updated ordering information (removed inactive parts). *b 3076901 njy 11/03/2010 changed status from preliminary to final. updated ordering information (updated part numbers) and added ordering code definitions . added acronyms and units of measure . *c 3167511 njy 02/09/2011 updated switching characteristics (added note 36 and referred the same note in the description of t kc lock parameter). updated ordering information (updated part numbers). *d 3549641 njy 03/22/2012 updated selection guide (removed 167 mhz and 200 mhz frequency related information, also updated the value of maximum operating current for 8 as ?not of fered? for 300 mhz and 330 mhz frequencies). updated electrical characteristics (updated dc electrical characteristics (removed 167 mhz and 200 mhz frequency related information), also removed the valu es of i dd and i sb1 parameters for 8 for 300 mhz and 330 mhz frequencies). updated switching characteristics (removed 167 mhz and 200 mhz frequency related information). updated ordering information (updated part numbers). updated package diagram . *e 3819971 prit 11/23/2012 updated ordering information (updated part numbers). updated package diagram (spec 51-85180 (changed revision from *e to *f)). *f 3860026 njy 01/10/2013 updated ordering information (updated part numbers). *g 4374845 prit 05/09/2014 updated application example : updated figure 2 . updated thermal resistance : updated values of ? ja parameter. included ? jb parameter and its details. updated in new template. cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 document number: 001-58904 rev. *g page 31 of 32
document number: 001-58904 rev. *g revised may 9, 2014 page 32 of 32 qdr rams and quad data rate rams comprise a new family of products developed by cypress, idt, nec, renesas, and samsung. all pr oduct and company names mentioned in this document are the trademarks of their respective holders. cy7c1311kv18/cy7c1911kv18 cy7c1313kv18/cy7c1315kv18 ? cypress semiconductor corporation, 2010-2014. the information contained herein is subject to change without notice. cypress s emiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or other rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement wi th cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. any source code (software and/or firmware) is owned by cypress semiconductor corporation (cypress) and is protected by and subj ect to worldwide patent protection (united states and foreign), united states copyright laws and internatio nal treaty provisions. cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the cypress source code and derivative works for the sole purpose of creating custom software and or firmware in su pport of licensee product to be used only in conjunction with a cypress integrated circuit as specified in the applicable agreement. any reproduction, modification, translation, compilation, or repre sentation of this source code except as specified above is prohibited without the express written permission of cypress. disclaimer: cypress makes no warranty of any kind, express or implied, with regard to this material, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose. cypress reserves the right to make changes without further notice to t he materials described herein. cypress does not assume any liability arising out of the application or use of any product or circuit described herein. cypress does not authori ze its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress? prod uct in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. use may be limited by and subject to the applicable cypress software license agreement. sales, solutions, and legal information worldwide sales and design support cypress maintains a worldwide network of offices, solution center s, manufacturer?s representatives, and distributors. to find t he office closest to you, visit us at cypress locations . products automotive cypress.com/go/ automotive clocks & buffers cypress.com/go/clocks interface cypress.com/go/ interface lighting & power control cypress.com/go/ powerpsoc cypress.com/ go/plc memory cypress.com/go/ memory psoc cypress.com/go/psoc touch sensing cypress.com/go/ touch usb controllers cypress.com/go/ usb wireless/rf cypress.com/go/ wireless psoc ? solutio ns psoc.c ypress.com/solution s psoc 1 | psoc 3 | psoc 4 | psoc 5lp cypress developer community community | forums | blogs | video | training technical support cypress.com/go/support


▲Up To Search▲   

 
Price & Availability of CY7C1315KV18-333BZC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X