Part Number Hot Search : 
MBR20200 23C6V8 HB3140V LTC2165 170M4218 14LPD70 CF547 PIC18F4
Product Description
Full Text Search
 

To Download C12485-210-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thermoelectrically cooled type easy-to-use detector modules with built-in preamps infrared detector modules with preamp www.hamamatsu.com 1 infrared detector modules operate just by connecting to dc power supplies. the detector element is selectable from among ingaas, pbs, pbse, and insb, which are all combined with a thermoelectric cooler. we welcome requests for custom devices that suit your application. infrared detection applications cable (for dc power supply): 2 m (connector installed at one end) a4372-03: p4638, p4639, p4631-03 a4372-07: c12485-210, c12486-210, c12483-250 instruction manual accessories high s/n compact size features easy to use operates just by connecting to dc power supply circuit design optimized for detector characteristics built-in thermoelectric cooling control circuit (fixed control temperature) structure / absolute maximum ratings type no. detector element window material photosensitive area supply voltage absolute maximum ratings incident light level max. supply voltage operating temperature * 1 topr storage temperature * 1 tstg (mm) v+, v- (v) vp (v) v+, v- (v) vp (v) (w) (c) (c) c12485-210 ingaas ( g12182-210k) borosilicate glass ?1 15 0.5 +2.5 +0.5 -0.1 0.06 18 +5 0 to +40 -20 to +50 c12486-210 ingaas (g12183-210k) ?1 0.07 c12483-250 ingaas (g12180-250a) ar coated (1.55 m peak) borosilicate glass ?5 0.2 p4638 pbs (p2682-01) sapphire glass 4 5 +2.5 +1 -0.05 0.25 p4639 pbse (p9696-203) 3 3 100 p4631-03 insb (p6606-310) 1 1 +4.5 0.25 67 +7 * 1: no dew condensation when there is a temper ature dif ference between a product and the surrounding area in high humidity environment, dew condensation may occur on the product surface. dew condensation on the product may cause deterioration in characteristics and reliability. note: exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. always be sure to use the product within the absolute maximum ratings.
infrared detector modules with preamp thermoelectrically cooled type 2 electrical and optical characteristics (typ. ta=25 c, unless otherwise noted) type no. element temper- ature at rated input voltage td peak sensitivity wavelength p cutoff wave- length c photosensitivity s =p * 2 noise equivalent power nep =p frequency response -3 db (hz) output impe- dance maximum output voltage r l =1 k current consumption * 3 v+, v- vp min. typ. typ. max. fcl fch typ. max. typ. max. (c) ( m) ( m) (v/w) (v/w) (w/hz 1/2 ) (w/hz 1/2 ) typ. max. min. typ. ( ) (v) (ma) (ma) (ma) (ma) c12485-210 -15 1.95 2.05 1.1 10 8 1.7 10 8 1 10 -12 3 10 -12 dc - 1.5 k 2.2 k 50 +10 +30, -10 +60, -30 +500 +1100 c12486-210 2.3 2.56 1.0 10 8 1.5 10 8 6 10 -13 6 10 -12 dc - 2.1 k 3 k +30, -10 +60, -30 c12483-250 1.55 1.66 3.3 10 7 5.0 10 7 7 10 -14 7 10 -13 dc - 900 1.2 k +35, -15 +50, -30 p4638 2.4 3.1 4.0 10 7 8.0 10 7 1 10 -12 2 10 -12 0.2 0.4 150 300 13 +25, -15 +50, -20 p4639 4.1 5.0 1.3 10 5 2.0 10 5 1 10 -10 2 10 -10 0.2 0.4 8 k 10 k +25, -15 +50, -20 p4631-03 -58 5.5 6.1 1.2 10 5 1.5 10 5 1.5 10 -11 6 10 -11 dc - 80 k 100 k +10 +75, -20 +90, -30 +950 * 2: f=100 hz (c12485-210, c12486-210, c12483-250, p4638), f=600 hz (p4639), f=1.2 khz (p4631-03) * 3: v+=15 v, v-=-15 v, vp=2.5 v (c12485-210, c12486-210, c12483-250, p4638, p4639), v+=15 v, v-=-15 v, vp=4.5 v (p4631-03) recommended dc power supply (analog power supply): e3630a (agilent technologies) current capacity: more than 1.5 times the maximum current consumption ripple noise: 5 mvp-p or less (15 v power supply) 5 mvp-p or less (+2.5 v, +4.5 v power supply) spectral response * (, 600, 1) wavelength (m) d* (, 1200, 1) (cm hz 1/2 /w) 16 (typ.) 10 8 10 11 10 13 10 9 10 12 10 10 2345 7 p4639* p4631-03 p4638* c12483-250 c12485-210 c12486-210 kirdb0188ei
infrared detector modules with preamp thermoelectrically cooled type 3 kirda0009eh dimensional outlines (unit: mm) c12485-210, c12486-210, c12483-250, p4638, p4639 45 40 20 26 0.3 26 0.3 photosensitive area (4 ) m3 depth 5 (threaded hole) tolerance unless otherwise noted: 1 6-pin connector (voltage input) 50 2 26.5 12 0.8 46 0.3 20 0.3 bnc connector (signal output) 75.2 3.3 0.2 photosensitive surface cooling fin (front side) 45 45 (4 ) m3 depth 5 (threaded hole) bnc connector (signal output) 6-pin connector (voltage input) 34 0.3 31 0.3 77 photosensitive area 20 3 8 66.5 4.6 0.5 photosensitive surface 66 132.5 12 26.5 64.5 62 0.3 2 20 0.3 offset adjustment screw 20 0.3 tolerance unless otherwise noted: 1 0.2 0.4 cooling fin (front side) kirda0137ee p4631-03 note: the cooling fin (front side) is removable.
infrared detector modules with preamp thermoelectrically cooled type 4 cable (for dc power supply) a4372-03 cable (for dc power supply) a4372-07 2000 100 27 90 10 10 3 solder processing ?1 ?11 ?4.8 connector: hr10-7p-6p (made by hirose electric) pin connection pin no. +2.5 v (or +4.5 v) power supply for cooling controller gnd power supply for cooling controller output for temperatures monitor +15 v -15 v gnd lead color red blue light green yellow white black stranded wire tolerance unless otherwise noted: 1 connector kirda0197ed kirda0241eb 1900 10 90 10 36 10 2 solder processing 4.8 12.3 connector: lf07wbp-6p (made by hirose electric) connector pin connection pin no. +2.5 v or +4.5 v power supply for cooling controller gnd power supply for cooling controller output for temperature monitor +15 v -15 v gnd lead color red blue light green yellow white black tolerance unless otherwise noted: 1
cat. no. kird1036e20 mar. 2015 dn www.hamamatsu.com hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184 u.s.a.: hamamatsu corporation: 360 foothill road, bridgewater, n.j. 08807, u.s.a., telephone: (1) 908-231-0960, fax: (1) 908-23 1-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 8152-375-0, fax: (49) 8152-265-8 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, telephone: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, united kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: torshamnsgatan 35 16440 kista, sweden, telephone: (46) 8-509-031-00, fax: (46) 8-5 09-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1 int. 6, 20020 arese (milano), italy, telephone: (39) 02-93581733 , fax: (39) 02-93581741 china: hamamatsu photonics (china) co., ltd.: b1201, jiaming center, no.27 dongsanhuan beilu, chaoyang district, beijing 100020 , china, telephone: (86) 10-6586-6006, fax: (86) 10-6586-2866 product specifications are subject to change without prior notice due to improvements or other reasons. this document has been carefully prepared and the information contained is believed to be accurate. in rare cases, however, there may be inaccuracies such as text errors. before using these products, always contact us for the delivery specification sheet to check the latest specifications. t ype numbers of products listed in the delivery specification sheets or supplied as samples may have a suffix "(x)" which means preliminary specifications or a suffix "(z)" which means developmental specifications. t he product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that one year period. however, even if within the warranty period we accept absolutely no liability for any loss caused by natural d isasters or improper product use. copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission. information described in this material is current as of march, 2015. infrared detector modules with preamp thermoelectrically cooled type 5 precautions always use a dual-polarity (15 v) power supply to operate this detector. never use a single-polarity (+15 v or -15 v only) pow er supply. using a single-polarity power supply may cause the ampli er in the detector module to break down. always supply +2.5 v or +4.5 v to cool the detector element. be careful not to apply excessive force to the detector surface. applying excessive force may damage the light input window. do not directly touch the light input window with bare hands. if dust or dirt gets on the window, wipe it gently using ethyl alcohol. do not drop this product or do not apply excessive shock to it. related information ? disclaimer technical information ? infrared detectors precautions http://www.hamamatsu.com/sp/ssd/doc_en.html


▲Up To Search▲   

 
Price & Availability of C12485-210-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X