Part Number Hot Search : 
MMSZ5226 3NBSP 3N120 MAZD039 B1426 4N32XX 7406PC S541A
Product Description
Full Text Search
 

To Download B65847A0000R087 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a~~=p a~~=p  epcos ag 2016. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos? prior express consent is prohibited.   epcos ag is a tdk group company. ferrites and accessories ep 20  core and accessories series/type: b65847, b65848 date: february 2016
2 02/16 please read cautions and warnings and  important notes at the end of this document. to iec 61596 for transformers featuring high inductance  and low overall height for power applications delivery mode: sets magnetic characteristics (per set) 6 l / a = 0.51 mm ?1  l e = 40 mm  a e = 78 mm 2  a min = 60 mm 2  v e = 3120 mm 3 approx. weight 27.5 g/set       gapped ungapped material a l value   nh s  approx.  mm p e ordering code n87 200 r 3% 0.47 82 b65847a0200a087 material a l value   nh p e p v   w/set ordering code n30 6700 +30/?20% 2730 b65847a0000r030 t65 10200 +30/?20% 4160 b65847a0000r065 t38 18700 +40/?30% 7630 b65847a0000y038 n87 4000 +30/?20% 1630 < 1.2 (200 mt, 100 khz, 100 c) B65847A0000R087 b65847 core ep 20
3 02/16 please read cautions and warnings and  important notes at the end of this document. coil former material: gfr thermosetting plastic (ul 94 v-0, insulation class to iec 60085:  f max. operating temperature 155 c), color code green  vyncolit/x611 ? > e167521 (m) @ , vyncolit nv solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 235 c, 2 s resistance to soldering heat: to iec 60068-2-20, test tb, method 1b: 350 c, 3.5 s winding: see data book 2013, chapter ?processing notes, 2.1? squared pins. sections a n  mm 2 l n  mm a r value  p: terminals ordering code 1 35.4 40.6 39.5 10 b65848d1010d001 b65848 accessories ep 20
4 02/16 please read cautions and warnings and  important notes at the end of this document. mounting assembly the set comprises a yoke and a clamp yoke made of nickel bronze (0.4 mm) with gr ound terminal (tinned) clamp spring clamp, made of stainless spring steel (0.4 mm) ordering code complete mounting assembly b65848s2000x000 yoke clamp b65848 accessories ep 20
5 02/16 please read cautions and warnings and  important notes at the end of this document. mechanical stress and mounting ferrite cores have to meet mechanical requirements during assembling and for a growing number of applications. since ferrites are ceramic materials one has to be aware of the special behavior under mechanical load. as valid for any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or tensile load. especially high cooling rates under ultrasonic cleaning and high static or cyclic loads can cause cracks or failure of the ferrite cores. for detailed information see chapter ?definitions? , section 8.1. effects of core combination on a l value stresses in the core affect not only the mechanical but also the magnetic properties. it is apparent that the initial permeability is dependent on the stress state of the core. the higher the stresses are in the core, the lower is the value for the initial permeability. thus the embedding medium should have the greatest possible elasticity. for detailed information see chapter ?definitions? , section 8.2. heating up ferrites can run hot during operation at higher flux densities and higher frequencies. nizn-materials the magnetic properties of nizn-materials can change irreversible in high magnetic fields. processing notes ? the start of the winding process should be soft. else the flanges may be destroyed. ? too strong winding forces may blast the flanges or squeeze the tube that the cores can not be mounted any more. ? too long soldering time at high temperature (>300 c) may effect coplanarity or pin arrange- ment. ? not following the processing notes for soldering of the j-leg terminals may cause solderability problems at the transformer because of pollution with sn oxyd of the tin bath or burned insulation of the wire. for detailed information see chapter ?processing notes? , section 8.2. ? the dimensions of the hole arrangement have fixed values and should be understood as  a recommendation for drilling the printed circuit board. for dimensioning the pins, the group  of holes can only be seen under certain conditions, as they fit into the given hole arrangement.  to avoid problems when mounting the transformer, the manufacturing tolerances for positioning the customers? drilling process must be considered by increasing the hole diameter. display of ordering codes for epcos products the ordering code for one and the same product can be represented differently in data sheets,  data books, other publications and the website of epcos, or in order-related documents such as shipping notes, order confirmations and product labels. the varying representations of the  ordering codes are due to different processes employed and do not affect the  specifications of the respective products . detailed information can be found on the internet  under www.epcos.com/orderingcodes. cautions and warnings ferrites and accessories cautions and warnings
symbol meaning unit a  a e  a l  a l1  a min  a n  a r  b  ' b  b ?  ' b ?  b dc  b r  b s  c 0  cdf  df  d  e a  f  f cutoff  f max  f min  f r  f cu  g  h  h ?  h dc  h c  h  h/ p i 2  i  i dc  i ?  j  k  k 3  k 3c  l cross section of coil  effective magnetic cross section  inductance factor; a l = l/n 2  minimum inductance at defined high saturation ( p a )  minimum core cross section  winding cross section  resistance factor; a r = r cu /n 2  rms value of magnetic flux density  flux density deviation  peak value of magnetic flux density  peak value of flux density deviation  dc magnetic flux density  remanent flux density  saturation magnetization  winding capacitance  core distortion factor  relative disaccommodation coefficient df = d/ p i  disaccommodation coefficient  activation energy  frequency  cut-off frequency  upper frequency limit  lower frequency limit  resonance frequency  copper filling factor  air gap  rms value of magnetic field strength  peak value of magnetic field strength  dc field strength  coercive field strength  hysteresis coefficient of material  relative hysteresis coefficient  rms value of current  direct current  peak value of current  polarization  boltzmann constant  third harmonic distortion  circuit third harmonic distortion  inductance mm 2  mm 2  nh  nh  mm 2  mm 2  p: = 10 ?6 : vs/m 2 , mt  vs/m 2 , mt  vs/m 2 , mt  vs/m 2 , mt  vs/m 2 , mt  vs/m 2 , mt  vs/m 2 , mt  f = as/v  mm ?4.5    j  s ?1 , hz  s ?1 , hz  s ?1 , hz  s ?1 , hz  s ?1 , hz   mm  a/m  a/m  a/m  a/m  10 ?6 cm/a  10 ?6 cm/a  a  a  a  vs/m 2  j/k    h = vs/a 6 02/16 please read cautions and warnings and  important notes at the end of this document. symbols and terms ferrites and accessories symbols and terms
symbol meaning unit ' l/l  l 0  l h  l p  l rev  l s  l e  l n  n  p cu  p trans  p v  pf  q  r  r cu  r h  ' r h  r i  r p  r s  r th  r v  s  t  ' t  t c  t  t v  tan g tan g l  tan g r  tan g e  tan g h  tan g / p i  u  ?  v e  z  z n relative inductance change  inductance of coil without core  main inductance  parallel inductance  reversible inductance  series inductance  effective magnetic path length  average length of turn  number of turns  copper (winding) losses  transferrable power  relative core losses  performance factor  quality factor (q = z l/ r s = 1/tan g l )  resistance  copper (winding) resistance (f = 0)  hysteresis loss resistance of a core  r h change  internal resistance  parallel loss resistance of a core  series loss resistance of a core  thermal resistance  effective loss resistance of a core  total air gap  temperature  temperature difference  curie temperature  time  pulse duty factor  loss factor  loss factor of coil  (residual) loss factor at h o 0  relative loss factor  hysteresis loss factor  relative loss factor of material at h o 0  rms value of voltage  peak value of voltage  effective magnetic volume  complex impedance  normalized impedance |z| n = |z| /n 2 u h (l e /a e ) h  h  h  h  h  h  mm  mm   w  w  mw/g    : : : : : : : k/w  : mm  c  k  c  s         v  v  mm 3  : : /mm 7 02/16 please read cautions and warnings and  important notes at the end of this document. symbols and terms ferrites and accessories
symbol meaning unit d d f  d e  h r  ) k k b  k i  o s  p p 0  p a  p app  p e  p i  p p '  p p "  p r  p rev  p s '  p s "  p tot   u 6 l/a  w cu  z temperature coefficient (tk)  relative temperature coefficient of material  temperature coefficient of effective permeability  relative permittivity  magnetic flux  efficiency of a transformer  hysteresis material constant  hysteresis core constant  magnetostriction at saturation magnetization  relative complex permeability  magnetic field constant  relative amplitude permeability  relative apparent permeability  relative effective permeability  relative initial permeability  relative real (inductive) component of p (for parallel components)  relative imaginary (loss) component of p (for parallel components)  relative permeability  relative reversible permeability  relative real (inductive) component of p (for series components)  relative imaginary (loss) component of p (for series components)  relative total permeability  derived from the static magnetization curve  resistivity  magnetic form factor  dc time constant w cu = l/r cu = a l /a r  angular frequency; z = 2 3 f 1/k  1/k  1/k   vs   mt -1  a ?1 h ?1/2    vs/am              : m ?1  mm ?1  s  s ?1 8 02/16 please read cautions and warnings and  important notes at the end of this document. all dimensions are given in mm. surface-mount device symbols and terms ferrites and accessories
9 02/16 important notes the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed . 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, alu-x, ceradiode, ceralink, cerapad, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, exocore, filtercap, formfit, leaxield, miniblue, minicell, mkd, mkk, motorcap, pcc, phasecap, phasecube, phasemod, phicap, pqsine, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, tfap, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes


▲Up To Search▲   

 
Price & Availability of B65847A0000R087

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X