Part Number Hot Search : 
CDB89712 RLZ13B HMC462 RK45B GBU808 2203161 HT95AXXX DTA124E
Product Description
Full Text Search
 

To Download AE0707D08DF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 benefts ? l arge generated force of 3,500 n/cm 2 ? h igh-speed response: driving up to about 1/3 of self-resonant frequency (in several ten khz) ? l ow power consumption: can be retained at the leakage current state of 100 a or less ? v ery small size: 1/10 or smaller than conventional multilayer actuators ? r ohs/reach compliant overview multilayer piezoelectric actuators are ceramic elements used to convert electrical energy into mechanical energy such as displacement or force by utilizing the piezoelectric longitudinal effect. kemets multilayer piezoelectric actuators are produced based on our unique element structure design and piezoelectric ceramic materials with high electrostrictive factors. compared to conventional piezoelectric actuators, they are smaller in size but can generate higher displacement and force at low voltages. the resin coated ae series actuators feature compact size and a wide variety of shapes for applications such as ultra-fne positioning mechanism and drive sources. multilayer piezoelectric actuators ae series resin coated applications typical applications include positioning, auto focusing of optical systems, pumps, mass-fow valves, vibration source, vibration controls, sensors, image stabilization of dsc, mirror/prism positioning, manipulators, motors and printers. ordering information ae 0505 d44 h40 d f series ceramic cross section (mm) nominal displacement (m) overall length (mm) coating type environmental compliance ae = resin coated type 0505 = 5 mm x 5 mm (coating area is not included) the last two digits specify the displacement values. example: d44 = 44 m blank = standard overall lengths of 5, 10 or 20 h40 = 40 d = thin coating type f = rohs/reach compliant (see environmental compliance below) one world. one kemet
2 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 outer dimensions in mm all specifcations in this catalog and production status of products are subject to change without notice. prior to the purchase, please contact nec tokin for updated product data. please request for a specifcation sheet for detailed product data prior to the purchase. before using the product in this catalog, please read "precautions" and other safety precautions listed in the printed version catalog. 2015.02.06 9470mpavol08e1501h1 outer dimensions note: factory-shipped polarization : red lead wire , white lead wire above drawings do not include dimension of wire connection area and diameter of the wire. please contact us for details. w 1 w 2 t 1 t 2 w 3 h direction of displacement h w 1 w 2 t 1 t 2 w 3 direction of displacement unitmm model h t1 w1 t2 w2 w3 l ae0203d04df 5 0.1 2 0.1 3 0.1 2.4max 3.4max 5.5max 100 ae0203d08h09df 9 0.1 ae0203d08df 10 0.1 ae0203d18h18df 18 0.1 ae0203d16df 20 0.1 ae0203d44h40df 40 0.1 ae0505d08h09df 9 0.1 5 0.1 5 0.1 5.4max 5.4max 7.5max ae0505d08df 10 0.1 ae0505d18h18df 18 0.1 ae0505d16df 20 0.1 ae0505d44h40df 40 0.1 ae0707d08h09df 9 0.1 7 0.1 7 0.1 7.4max 7.4max 9.5max AE0707D08DF 10 0.1 ae0707d18h18df 18 0.1 ae0707d16df 20 0.1 ae0707d44h40df 40 0.1 ae1010d08h09df 9 0.1 10 0.1 10 0.1 10.4max 10.4max 12.5max ae1010d18h18df 18 0.1 ae1010d16df 20 0.1 ae1010d44h40df 40 0.1 ae1414d16df 20 0.1 14.2 0.1 14.2 0.1 14.6max 14.6max 16.7max ae2525d15df 20 0.1 25.1 0.1 25.1 0.1 25.5max 25.5max 27.6max *l length of lead wire overall length 10,20mm products overall length 5,9,18 and 40mm products 8 multilayer piezoelectric actuators vol.08 part number ae0203d04df 5 0.1 2 0.1 3 0.1 2.4 maximum 3.4 maximum 5.5 maximum 100 ae0203d08df 10 0.1 ae0203d16df 20 0.1 ae0203d44h40df 40 0.1 ae0505d08df 10 0.1 5 0.1 5 0.1 5.4 maximum 5.4 maximum 7.5 maximum ae0505d16df 20 0.1 ae0505d44h40df 40 0.1 ae1010d16df 20 0.1 10 0.1 10 0.1 10.4 maximum 10.4 maximum 12.5 maximum ae1010d44h40df 40 0.1 wire diameter all specifcations in this catalog and production status of products are subject to change without notice. prior to the purchase, please contact nec tokin for updated product data. please request for a specifcation sheet for detailed product data prior to the purchase. before using the product in this catalog, please read "precautions" and other safety precautions listed in the printed version catalog. 2015.02.06 9470mpavol08e1501h1 lead wire: copper wire with tin plating coating: ptfe polytetra? uoroethylene unitmm model number awg d d l ul number ae0203d04df 30 0.3 0.5 100 1993 ae0203d08h09df ae0203d08df ae0203d18h18df ae0203d16df ae0203d44h40df ae0505d08h09df ae0505d08df ae0505d18h18df 26 0.5 0.8 ae0505d16df ae0505d44h40df ae0707d08h09df 30 0.3 0.5 AE0707D08DF ae0707d18h18df 26 0.5 0.8 ae0707d16df ae0707d44h40df ae1010d08h09df 30 0.3 0.5 ae1010d18h18df 26 0.5 0.8 ae1010d16df ae1010d44h40df ae1414d16df ae2525d15df l d d wire diameter special design parts non-standard parts are available per order basis. please use the guideline below as reference regarding generated displacement and generated force. displacement: roughly proportional to the element length generated force : roughly proportional to the sectional area of the element shape: product cross-section: 1mm 1mm square or larger product length: 1mm or longer can be provided in cylindrical ring or other shapes. please contact us for further details. example of special design parts al1.65 1.65 5df ae1.65 1.65 5df condition ceramic dimension 1.65 1.65 5mm 1.65 1.65 5mm maximum operating voltage v 10v 150vdc displacement 300nm p-p 4m at maximum operating voltage capacitance nf 90 43 f=1khz, v=1vrms operating temperature 25 +85 small size piezo actuator multilayer piezoelectric actuators vol.08 9 part number ?d ul number ae0203d04df 30 0.3 0.5 100 1993 ae0203d08df ae0203d16df ae0203d44h40df ae0505d08df ae0505d16df 26 0.5 0.8 ae0505d44h40df ae1010d16df 26 0.5 0.8 ae1010d44h40df multilayer piezoelectric actuators C ae series resin coated
3 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 resin coated type multilayer piezoelectric actuators item performance characteristics conditions operating temperature range -25 to +85c when applied with a dc voltage at ambient temperature. when driven by an ac voltage at ambient temperature plus temperature rise due to heat generation. recommended storage condition -5 to +40c / less than 40% r.h no condensation. recommended storage to be at room temperature. maximum driving voltage 150 vdc displacement see table 1 - ratings & part number reference at 150 vdc generated force (compression resistance) see table 1 - ratings & part number reference the force required for restricting the displacement to zero when the maximum driving voltage is applied. capacitance see table 1 - ratings & part number reference f = 1 khz, v = 1 v rms (< 10 f) f = 120 hz, v = 1 v rms (> 10 f) capacitance tolerance 20% dissipation factor 5% or less insulation resistance see table 1 - ratings & part number reference value obtained in one minute at 150 vdc. resonance frequency see table 1 - ratings & part number reference both ends of the element are in free state. typical values of the element under our test conditions. tensile strength 1/10 of generated force typical values of the element under our test conditions. young's modulus 4.4 x 10 10 n/m 2 typical values of the element under our test conditions. temperature cycle test displacement: initial value 20% capacitance: initial value 30% tan : less than initial rated value insulation resistance: 1 m or more room temperature (3 minutes) at -25c for 30 minutes room temperature (3 minutes) at +85c for 30 minutes repetition of 10 cycles of the above environmental compliance all kemet multilayer piezoelectric actuators are rohs and reach compliant. article 33(1) of the reach regulation states that manufacturers and importers of articles (products) are required to notify their customers of the presence of any substances of very high concern (svhc) in their products exceeding 0.1% by weight and provide instructions on safe use of the product. kemet corporation reports regarding the article 33(1) of reach regulation as follows: 1. applicable product: multilayer piezoelectric actuators (ae series and asb series) 2. report for content of reach svhc list: the product(s) above contain a substance that is listed in the 8th update of the reach svhc 54 substances (december 19, 2012) which is included in the 14th update of the reach svhc 161 substances (december 17, 2015) by more than 0.1wt% per product weight. 3. regarding safety of the multilayer piezoelectric actuators (piezoceramic products): the piezoceramic that is used in this product becomes ceramic by sintering powder containing pzt as a main ingredient. it is chemically stable, with minimum risks toward the human body or environment within the intended use of the product. please note that risks could occur in the case of inhalation or accidental oral uptake of powder ceramics. 4. technical product information on the multilayer piezoelectric actuators (piezoceramic products): the manufacturing technique of the piezoceramic products whose main ingredient is lead titanium zirconium oxide (pzt) has been established, and there is no alternative material that can exhibit superior performance than pzt at this moment. please note that the piezoceramic is listed as an exempt on rohs (2011/65/eu) annexiii (7c.1). 5. responsibility of piezoceramic manufacturers: piezoceramic manufacturers report information regarding pzt containment in their products to the customers to obey the article 33 of the reach regulation multilayer piezoelectric actuators C ae series resin coated
4 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 electrical characteristics  all speci?cations in this catalog and production status of pro ducts are subject to change without notice. prior to the purcha se, please contact nec tokin for updated product data.  please request for a speci?cation sheet for detailed product d ata prior to the purchase.  before using the product in this catalog, please read "precaut ions" and other safety precautions listed in the printed versio n catalog. 2015.02.06 9470mpavol08e1501h1 ch aracteri st ic data 0 0 50 100 150 10 20 30 40 50 voltage v fig-1 voltage vs. displacement fig-2 generated force vs. displacement of ae0505d16f in driving voltage displacement  m 0 10 20 30 40 50 displacement  m n displacement  m 150v 100v 50v generated force 1000 800 600 400 200 0 generated force n 0 10 20 30 40 50 displacement  m 20000 10000 0 generated force n fig-3 generated force vs. displacement-1 fig-4 generated force vs. displacement-2 fig-5 temperature vs. displacement ae0505d44h40 a e0505d16 ae0505d08 ae0203d44h40 ? ae 0203d04 ? ae 0203d08 ? ae 0203d16 driv ing volt age: 150 vdc driv ing v olt age: 150 vdc ae1010d44h40 ? ae1010d16 0 40 20 0 20 40 60 80 100 10 20 30 40 50 60 temperature  ? ae0505d44h40 ae0505d16 ae0505d08 ae0203d04 driv ing volt age: 150 vdc tnemecalpsid .sv egatlov emas eht swohs seires ozeip fo htgnel emas eht ,citsiretcarahc tnemecalpsid .sv egatlov eht rof .seulav ecnerefer era atad detsil * characteristic. * de? nition of generated force for fig-2, fig-3 and fig-4; force is the force required for restricting the displacement to 0 when the maximum driving voltage is applied. 10 multilayer piezoelectric actuators vol.08 multilayer piezoelectric actuators C ae series resin coated
5 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 electrical characteristics contd all specifcations in this catalog and production status of products are subject to change without notice. prior to the purchase, please contact nec tokin for updated product data. please request for a specifcation sheet for detailed product data prior to the purchase. before using the product in this catalog, please read "precautions" and other safety precautions listed in the printed version catalog. 2015.02.06 9470mpavol08e1501h1 fig-7 voltage vs. displacement in time fig-8 heat generation vs. drive frequency-1 0 10 20 30 displacement m ambient temperature 23 voltage model ae0505d16f 20 20 0 20 40 60 80 100 0 20 40 60 80 100 120 140 160 time sec voltage driving signal waveform: sine wave (150vp-p) model ae0505d16 80 70 60 1 khz 500 hz 100 hz 50 hz 200 hz 50 40 30 20 10 0 100 200 300 heat generation t t timesec 100 80 60 40 20 10 100 1000 model: ae0505d16 temperature measurement 5 minutes later from operation 40 v 100 v 150 v 20 v 50 v 75 v driving frequency hz fig-9 heat generation vs. drive frequency-2 peak voltage dc bias symbol fig-6 temperature vs. displacement 40 20 0 20 40 60 80 100 temperature 20 10 0 10 20 30 40 50 displacement ?? Sl 0 Sl 150 Sl 150 Sl 0 voltage v displacement m Sl 0 Sl 150 Sl 150 Sl 0 ae0505d16 5520 mm 5 0 5 10 15 20 75 0 150 multilayer piezoelectric actuators vol.08 11 multilayer piezoelectric actuators C ae series resin coated
6 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 table 1 C ratings & part number reference part number electrical energy/power physical capacitance (f) resonance frequency (khz) insulation resistance (m) generated force (n) cross section (mm) overall length (mm) displacement (m) at maximum voltage of 150 vdc stiffness (n/m) ae0203d04df 0.09 261 100 200 2x3 5 4.6 +/- 1.5 43.5 ae0203d08df 0.18 138 100 200 2x3 10 9.1 +/- 1.5 22 ae0203d16df 0.35 69 50 200 2x3 20 17.4 +/- 2.0 11.5 ae0203d44h40df 0.82 34 20 200 2x3 40 42.0 +/- 6.6 4.8 ae0505d08df 0.75 138 50 850 5x5 10 9.1 +/- 1.5 93.4 ae0505d16df 1.4 69 10 850 5x5 20 17.4 +/- 2.0 48.9 ae0505d44h40df 3.4 34 5 850 5x5 40 42.0 +/- 6.6 20.2 ae1010d16df 5.4 69 5 3,500 10x10 20 18.4 +/- 3.5 190.2 ae1010d44h40df 13.6 34 2 3,500 10x10 40 42.0 +/- 6.6 83.3 multilayer piezoelectric actuators C ae series resin coated
7 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 reliability the majority of failure modes on multilayer piezoelectric actuators are short-circuits due to degraded insulation. although the cause of degradation of insulation has not been clarifed, it has been found that the failure rate varies greatly between static uses (dc voltage application) and dynamic uses (pulse voltage application). like other electrical components, piezoelectric actuators can be affected by humidity as well as applied voltage and ambient temperature. kemet has added the metal sealed piezoelectric actuators featuring high reliability by eliminating the effects of the ambient atmosphere. this section describes reliability guidelines for static and dynamic usage of the resin coated type actuators. reliability of our multilayer piezoelectric actuators is represented by mttf (mean time to failure) in case of static usage. dc voltage application the acceleration factors have been obtained empirically for each of the drive voltage, ambient temperature and relative humidity based on many experimental results. the mttfr in actual applications is estimated using equation (1) below with mttfs observed under accelerated conditions as the reference value. ( 1) mttfr = mttfs a v a h a t m ttfr : estimated value m ttfs : reference value (= 500 hours) a v : acceleration factor for drive voltage = (150/v r ) 3.2 v r : actual voltage (v) a h : acceleration factor for relative humidity = (90/h r ) 4.9 h r : actual relative humidity (rh%) a t : acceleration factor for ambient temperature = 1.5 (40 -tr)/10 t r actual ambient temperature (oc) t he following calculation is made for the case of use at 25c, 60% rh and 100 v. m ttfr = 500 x (150/100) 3.2 x (90/60) 4.9 x 1.5 (40-25)/10 = 5 00 x 3.66 x 7.29 x 1.84 2 4,500 hours (2.8 years) pulse voltage application in driving dynamic applications, temperature rises as a result of self-heating allowing the component not to be affected by the humidity, thus extending the operational lifetime. this phenomenon is explained as a result of the humidity factor elimination caused by the self- heating. since the self-heating value is affected by multiple factors such as the elements shape, pulse waveform and frequency, it is diffcult to estimate the actual rising value. therefore, the life of the actuator cannot be determined by using an equation, unlike the case of dc voltage applications. when testing the ae0203d08df part, there was no failure confrmed after 500 hours end of the pulse driving test. (500 hz, 0 C 150 v rectangular pulse). users should be careful about the infuence of physical damage which can be caused by the fxing method of the element and/or the driving conditions. multilayer piezoelectric actuators C ae series resin coated
8 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 users guide fixing method ? ca refully prevent the piezoelectric actuators from being bent, twisted or applied tensile force. reference: twisting and tension tolerance reference value remarks all specifcations in this catalog and production status of products are subject to change without notice. prior to the purchase, please contact nec tokin for updated product data. please request for a specifcation sheet for detailed product data prior to the purchase. before using the product in this catalog, please read "precautions" and other safety precautions listed in the printed version catalog. 2015.02.06 9470mpavol08e1501h1 fixing method: carefully prevent the piezo actuators from being bent, being twisted, or being applied tensile force. reference: guide for tolerance of twisting and tension reference value remarks twisting force 3 10 1 n?m or less for an actuator which generates a force of 800 n compression resistance tension 50 n or less install the actuator so that the center axis of generated displacement is aligned with the center axis of the load. a. resin-coated type ? epoxy-based adhesives are recommended for bonding. select adhesives that have high rigidity and allow minimum thickness so that the generation force and displacement cannot be deteriorated. also do not form adhesives at the side of actuator. ? when thermosetting resin is used, perform polarizing treatment see the caution section again after the adhesive is settled. ? the resin-coated type is weak to tensile force because of its structure and may be broken when tensile force is applied onto the device. using the device in the state that constantly applies compression is effective against any mechanical damage. the pressure applied to this element should be kept at 20 to 50% of the force generated by this element compression resistance . ? install the element so that the axis of generated displacement is vertical to the mounting surface. b. metal sealed type ? select the mounting bracket female thread type or ? ange type according to the mounting method, and install the element utilizing the bracket. ? fix the element securely so that the generated force and displacement cannot be deteriorated. ? connect the driven item at the displacement generating end after securing the mounting portion so that it avoids unnecessary stress applied at the time of installation. ? though this product is designed to apply a compressive force to the internal element by the metal case, avoid any usages that cause bending, twisting, or tension force when the device is in use example of actuator mounting guide to use driving method: connect the red lead wire to the positive terminal of the power supply. also prevent reverse voltage application. basically the voltage controls the aimed displacement and generated force. in driving, however, it is also necessary to take ringing due to the resonance or hysteresis of the element itself into consideration. in pulse driving, it is further necessary to pay suf? cient attention to heat generation due to dielectric loss, charge/discharge current due to the capacitive component and the power output impedance as well. please refer to the separately printed literature, nec tokin multilayer piezoelectric actuators user s manual spherical surface hing e piezo actuator piezo actuator moving part or load only one side is touching the actuator. (stress is concentrated on one edge and generates share mode stress) the actuator may break. piezo actuator piezo actuator piezo actuator piezo actuator a ) example of wrong mounting imperfect alignment between actuator and load b) example of correct mounting mount the device so that the load is uniformly applied by the spherical surface or the hinge moving part or load 24 multilayer piezoelectric actuators vol.08 driving method ? c onnect the red lead wire to the positive (+) terminal of the power supply. also prevent reverse voltage application. ? i n driving applications, it is necessary to take consideration of hysteresis, ringing, creep, and other similar phenomenons. for pulse driving, it is also necessary to be aware of self-heat generation, charge/discharge current, and the power supplys impedance. multilayer piezoelectric actuators C ae series resin coated
9 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 users guide contd generated force and load relation all specifcations in this catalog and production status of products are subject to change without notice. prior to the purchase, please contact nec tokin for updated product data. please request for a specifcation sheet for detailed product data prior to the purchase. before using the product in this catalog, please read "precautions" and other safety precautions listed in the printed version catalog. 2015.02.06 9470mpavol08e1501h1 generated force and load relation: static load: initial position (0v position) is dropped by spring constant but total displacement has the same value under static load. spring load (fluctuating load): displacement is changed by relation between generated force and spring constant of actuator. static load: no load value change when actuator moves. fluctuating load: load value changes by spring reaction when actuator moves. 10 5 0 5 10 15 20 displacement m 20 15 10 5 0 5 10 15 20 displacement m load ? 0v 150v 400n m m piezo actuator 0 150 1000 800 600 400 200 0 100 50 0 2 4 6 8 10 12 14 16 18 20 displacement m displacement m voltage load ? spring load of 14.3n/ m spring load of 14.3n/m reduction of displacement model: ae0505d16 load-displacement line of actuator displacement loss reduction of displacement 0 2 4 6 8 10 12 14 16 18 20 piezo actuator multilayer piezoelectric actuators vol.08 25 multilayer piezoelectric actuators C ae series resin coated
10 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 precautions ? c onnect the red lead wire to the positive (+) terminal of the power supply. ? a void electric shocks since a high voltage is in use. ? n ever apply excessive tension to a lead wire. ? d o not handle the product by picking up or moving the lead wire. ? m achining of the actuator element and replacement of the lead wire are prohibited. ? d o not handle the resin coated type (ae series) with bare hands. ? d o not wash the resin coated type (ae series) with organic solvents. ? a void excessive physical shock. otherwise, the internal piezoelectric ceramic element may be damaged. ? i f the actuator is exposed to high temperatures above 100c or if used after long storage periods (more than three months), the device should be polarized by using the circuit confguration and conditions shown at right. ? d o not apply voltage exceeding maximum rating voltage, or rapid charging and discharging. ? d o not use the actuator in high concentrations of highly infammable gas. ? a lign the center axis of displacement of the actuator with the center axis of the mechanical load. ? w hen operated, the transient response time of the actuator should be less than 1/3 of the resonant frequency in order to prevent damage by ringing. ? s tore the resin coated type (ae series) preferably in a dry atmosphere (desirably below 40% rh) at ordinary temperatures (-5?c to +40?c). avoid condensation on the products surface. ? s tore actuators where there is no vibration. ? h andle products properly as industrial waste. when disposing, please contact your local waste disposal service and make sure the disposal methods meet all legal requirements. when using our products, the following precautions should be taken: 1. s afety designs allowing for failures of electronic components used in the system. in general, failures will occur in electronic components at a certain probability. kemet makes every effort to improve the quality and reliability of electronic component products. however, it is impossible to completely eliminate the probability of failures. therefore, when using kemets electronic component products, systems should be carefully designed to ensure the prevention of faulty operation and redundancy in the event of an accident which would result in injury or death, fre, or social damage. please refer to precautions when using multilayer piezoelectric actuators for more details of failures. 2. q uality level of various kinds of parts and equipment in which the parts can be utilized as electronic components have a standard quality level unless otherwise specifed. kemet classifes the level of quality of electronic component products into three levels: a standard quality level, a special quality level, and a custom quality level in which a customer individually specifes a quality assurance program. each of the quality levels has recommended applications. if a user wants to use the electronic parts having a standard quality level in applications other than the applications specifed for the standard quality level, they should always consult a kemet representative before using the electronic parts. all specifcations in this catalog and production status of products are subject to change without notice. prior to the purchase, please contact nec tokin for updated product data. please request for a specifcation sheet for detailed product data prior to the purchase. before using the product in this catalog, please read "precautions" and other safety precautions listed in the printed version catalog. 2015.02.06 9470mpavol08e1501h1 connect the red lead wire to the positive terminal of the power supply. carefully avoid electric shock since a high voltage is in use. never apply excessive tension to a lead wire. do not handle the product by picking up or moving the lead wire. do not disassemble the case of the metal sealed type. machining of the actuator element and replacement of the lead wire are prohibited. do not handle the resin-coated type ae series with bare hands. otherwise, the reliability of the element would be degraded. do not wash resin-coated type ae series by organic solvant. avoid excessive physical shock resulting from, for example, dropping. otherwise, the internal piezoelectric ceramic element may be damaged. if the actuator is exposed to high temperature above 100 or if it is used after long storage period more than three months , it should be polarized by using the circuit con? guration and conditions shown below. precautions r1 protective resistor r1 1k protective resistor r2 1k polarizing conditions: dc voltage application 0v150 0.2v (to be retained for 10 seconds) 0 r 2 pa s v do not apply voltage exceeding maximum rating voltage, or do not do rapid charging and discharging. these might lead to degradation of the reliability or mechanical fracture. do not use the actuator in high concentration of highly in? ammable gas. otherwise, ignition may occur. use the actuator so as not to cause bending, twisting or tension. furthermore, align the center axis of displacement of the actuator with the center axis of the mechanical load. drive the actuator so that the rising speed is more than three times as much as the resonance period in order to prevent the device from damaging by ringing. store the resin-coated type ae series preferably in a dry atmosphere desirably below 40% rh at ordinary temperatures 5 to 40?c . avoid condensation on the product surface. store actuators where there is no vibration. these products must be handled properly as industrial waste. when disposing, please contact your local waste disposal service. piezo actuator is industrial wastes, make sure disposal method under the laws. 26 multilayer piezoelectric actuators vol.08 multilayer piezoelectric actuators C ae series resin coated
11 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 precautions contd standard quality level: computers, offce automation equipment, communication equipment, measuring instruments, av equipment, household electrical appliances, machine tools, personal equipment and industrial robots. special quality level: transportation equipment (automobiles, railways, shipping), traffc signals, disaster prevention/crime prevention systems, a variety of safety devices and medical equipment which are not directly intended for life-support purposes. custom quality level: equipment for airplanes, aerospace equipment, nuclear power control systems, medical equipment and apparatus or systems for life-support purposes. unless otherwise specifed, the quality level of kemets electronic component products shown in documents such as catalogs, datasheets or technical books are the standard quality level. precautions to be taken when using multilayer piezoelectric actuators (please read these precautions before using our products) 1. b efore using or designing a system using our products, read the precautions and specifcations (such as level of quality) for the products you intend to use. 2. t he main failures with multilayer piezeoelectric actuators are deterioration of insulation resistance, short-circuit, and open-circuit. before using the products, design systems carefully to ensure redundancy, prevention of the spread of fre, and prevention of faulty operation allowing for the occurrence of failures. 3. u se the products after checking the working conditions and rated performance of each multilayer piezoelectric actuator series. selection of ae series (resin coated type) or asb series (metal sealed type) should be based on the intended working temperature and humidity. 3. t his manual is subject to change without notice. the content of this manual is based on data which is correct as of december, 2014 and they may be changed without notice. if our products are used for mass-production design, please consult with a member of our companys sales staff. 4. r eprinting and copying of this manual without prior written permission from kemet electronics corporation is not permitted. 5. i n the event of any problems associated with industrial property of a third party arising as a result of the use of our products, kemet assumes no responsibility for problems other than directly associated with the constitution and manufacturing methods of the product. 6. shou ld any of these products come under the category of strategic goods or services (according to japans foreign trade and foreign exchange regulations), the sender must obtain an export license from the japanese government before said products can be exported outside japan. multilayer piezoelectric actuators C ae series resin coated
12 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. multilayer piezoelectric actuators C ae series resin coated
13 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com p 0101_ae ? 4/6/2016 disclaimer this product has been made available through a private label agreement and a development and cross-licensing agreement between kemet and nec tokin to expand market and product offerings for both companies and their respective customers. for more information, please visit http://www.kemet.com/nectokin. all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. multilayer piezoelectric actuators C ae series resin coated


▲Up To Search▲   

 
Price & Availability of AE0707D08DF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X