Part Number Hot Search : 
ICS1702 TS512MCF AO4462 1205DH3 2DGES ESD3V SFRU9024 7JTDUR1
Product Description
Full Text Search
 

To Download 3EZ140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. 3ez6.2 thru 3ez200 rectifier specialists r dc components co., ltd. technical specifications of glass passivated junction zener diodes vol tage range - 6.2 to 200 volts current - 3.0 watts dimensions in inches(millimeters) features mechanical data * case: molded plastic * mounting position: any * weight: 0.38 gram approx. * epoxy: ul 94v-0 rate flame retardant * voltage range:6.2v to 200v * build-in strain relief * glass passivated junction * low inductance * excellent clamping capability * low profile package symbol value units zener current see table "characteristics" power dissipation (notes 1) at tamb=50oc ptot 3 w peak forward surge current, 8.3ms single half sine-wave ifsm superimposed on rated load (jedec method) (notes 2) 15 amps maximum forward voltage at i f=500ma vf 1.5 volts operating and storage temperature tj ,tstg -55 to + 150 oc notes: 1. mounted on 5.0mm2 (.013mm thick) land areas. 2. measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. do-15 .300(7.6).230(5.8) 1.0(25.4) min. .140(3.6).104(2.6) dia. dia. .034(0.9).028(0.7) 1.0(25.4) min. www.dccomponents.com 1 rev-1, dec,2015 * lead: mil-std-202e, method 208 guaranteed * polarity: color band denotes cathode end
rating and characteristic curves ( 3ez6.2 thru 3ez200) note: standard zener voltage tolerance 5% 3ez6.2 6.2 121 1.5 700 1.00 5.0 3.0 435 3ez6.8 6.8 110 2.0 700 1.00 50.0 4.0 393 3ez7.5 7.5 100 2.0 700 0.50 50.0 5.0 360 3ez8.2 8.2 91 2.3 700 0.50 50.0 6.0 330 3ez9.1 9.1 82 2.5 700 0.50 50.0 7.0 297 3ez10 10 75 3.5 700 0.25 50.0 7.6 270 3ez11 11 68 4.0 700 0.25 1.0 8.4 225 3ez12 12 63 4.5 700 0.25 1.0 9.1 246 3ez13 13 58 4.5 700 0.25 0.5 9.9 208 3ez14 14 53 5.0 700 0.25 0.5 10.6 193 3ez15 15 50 5.5 700 0.25 0.5 11.4 180 3ez16 16 47 5.5 700 0.25 0.5 12.2 169 3ez17 17 44 6.0 750 0.25 0.5 13.0 159 3ez18 18 42 6.0 750 0.25 0.5 13.7 159 3ez19 19 40 7.0 750 0.25 0.5 14.4 142 3ez20 20 37 7.0 750 0.25 0.5 15.2 135 3ez22 22 34 8.0 750 0.25 0.5 16.7 123 3ez24 24 31 9.0 750 0.25 0.5 18.2 112 3ez27 27 28 10 750 0.25 0.5 20.6 100 3ez30 30 25 16 1000 0.25 0.5 22.5 90 3ez33 33 23 20 1000 0.25 0.5 25.1 82 3ez36 36 21 22 1000 0.25 0.5 27.4 75 3ez39 39 19 28 1000 0.25 0.5 29.7 69 3ez43 43 17 33 1500 0.25 0.5 32.7 63 3ez47 47 16 38 1500 0.25 0.5 35.6 57 3ez51 51 15 45 1500 0.25 0.5 38.8 53 3ez56 56 13 50 2000 0.25 0.5 42.6 48 3ez62 62 12 55 2000 0.25 0.5 47.1 44 3ez68 68 11 70 2000 0.25 0.5 51.7 40 3ez75 75 10 85 2000 0.25 0.5 56.0 36 3ez82 82 9.1 95 3000 0.25 0.5 62.2 33 3ez91 91 8.2 115 3000 0.25 0.5 69.2 30 3ez100 100 7.5 160 3000 0.25 0.5 76.0 27 3ez110 110 6.8 225 4000 0.25 0.5 83.6 25 3ez120 120 6.3 300 4500 0.25 0.5 91.2 22 3ez130 130 5.8 375 5000 0.25 0.5 98.8 21 3EZ140 140 5.3 475 5000 0.25 0.5 106.4 19 3ez150 150 5.0 550 6000 0.25 0.5 114.0 18 3ez160 160 4.7 625 6500 0.25 0.5 121.6 17 3ez170 170 4.4 650 7000 0.25 0.5 130.4 16 3ez180 180 4.2 700 7000 0.25 0.5 136.8 15 3ez190 190 4.0 800 8000 0.25 0.5 144.8 14 3ez200 200 3.7 875 8000 0.25 0.5 152.0 13 nominal zener voltage vz@izt zener test current izt ma maximum zener impedance zzt@izt zzk@izk ohms ohms izk ma maximum reverse leakage current ir @vr ua volts maximum regulator current izm ma type www.dccomponents.com 2 rev-1,dec,2015
r dc components co., ltd. fig. 1 changes in the power dissipation due to the ambient temperature. fig. 2 vz=3.9 thru 10 volts fig. 3 vz =12 thru 82 volts fig. 4 vz =100 thru 200 volts www.dccomponents.com 3 rev-1,dec,2015 ambient temperature. ta( oc) 3 50 power dissipation pd(w) 100 150 0 2 1 100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 vz , zener voltage(v) iz, zener current(ma) 1 2 3 4 5 6 7 8 9 10 vz , zener voltage(v) iz, zener current(ma) 100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 10 20 30 40 50 60 70 80 90 100 vz , zener voltage(v) iz, zener current(ma) 100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 100 120 140 160 180 200


▲Up To Search▲   

 
Price & Availability of 3EZ140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X