Part Number Hot Search : 
SB250 IL3842N 1N4454 PMD17K60 Z89304 SD01127 TC170 B1A0A
Product Description
Full Text Search
 

To Download 2R1000S-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2rs-5 series temperature:-40c ~ +115c gdt introduction:gas discharge tubes (gdt) use noble gasses enclosed in ceramic tubes to provide an alternate circuit path for voltage spikes.the ceramic envelope and with nickel connectors allow for high load s and ruilon offers products that function at 20ka,40ka,50ka,60ka,100ka&150ka. the breakdown voltages of the devices have a wide range (up to 20% tolerance).major applications are high frequency telecommunication lines,stations, security systems,hid and high quality surge protection devices (spd). part number code 2 r 1 0 0 - 5 series dc line voltage dimensions 0 t lead type s=smd gas discharge tubes features mechanical data smd structure dc spark-over voltage: 1000~6000v low capacitance agency recognition : ul operating temperature:-30c ~ +85c storage cable modem xdsl set-top box tv sets power supplier consumer electronics ! ! ! ! ! ! ! ! ! ! ! t d unit:mm item dimensions spec. tolerance d 5.5 +0.3/-0.5 t 6.0 +0.3/-0.5
part number impulse spark-over voltage maximum impulse breakdown voltage max. impulse discharge current (8/20s) ac discharge current impulse life (10/1000s) minimum insulation resistance maximum capacitance (1mhz) 100v/s 1kv/s 10 times 50hz,1sec 100 a (v) (v) (ka) (a) times testvoltage dc(v) (g) (pf) 1000 1500 3 3 100 500 1 1 1100 1700 3 3 100 500 1 1 1200 1800 3 3 100 500 1 1 1600 2000 3 3 100 500 1 1 2000 2300 3 3 100 1000 1 1 2500 2750 3 3 100 1000 1 1 2700 3500 3 3 100 1000 1 1 3000 4000 3 3 100 1000 1 1 3300 4200 3 3 100 1000 1 1 3600 4700 3 3 100 1000 1 1 4000 6000 3 3 100 1000 1 1 4500 6500 3 3 100 1000 1 1 5000 8000 3 3 100 1000 1 1 6000 9500 3 3 100 1000 1 1 smd 2R1000S-5 2r1100s-5 2r1200s-5 2r1600s-5 2r2000s-5 2r2500s-5 2r2700s-5 2r3000s-5 2r3300s-5 2r3600s-5 2r4000s-5 2r4500s-5 2r5000s-5 2r6000s-5


▲Up To Search▲   

 
Price & Availability of 2R1000S-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X