Part Number Hot Search : 
25201 24SR12 S1048 GM0465R LT1P97A SLC0XXX 2SC4434 MMSZ5259
Product Description
Full Text Search
 

To Download 2KBP10M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mospec 2kbp005m thru 2KBP10M kbp d i m m i n max a 14.22 1 5 . 2 4 b 10.66 1 6 . 6 8 c 15.20 - - - d 4.56 5 . 1 0 e 3.60 4 . 3 0 g 2.16 2 . 5 4 h 0.76 0 . 8 5 i 1.52 - - - j 1 1 .68 1 2 . 7 0 k 12.70 - - - l 3.245 o ty p i c a l unit :mm maximum ratings and electrical charateristics 2.0a glass passivated bridge rectifier fea t ures ? glass passivated die construction ? t y pical i r less than 0.1ua ? high case dielectric strength ? ideal for printed circuit boards ? high surge current capability ? high temperature so ldering guaranteed: 260 j /10 second at 5 lbs (2.3kg) tension. mecha nica l da ta ? case: molded plastic ? epoxy : ul94v-o rate flame retardant ? t e rminals ?g plated leads solderable per mil-st d-750 method 2026 ? polarity ?g as marking on body ? mounting position: any ? w e ight ?g 1.7 gram (approx.) ? marking:t y pe number * rating at 25 j ambient temperature unless otherw i se specified * single phase,half w a ve. 60hz, resistive or inductive load. * for capacitive load derate current by 20 % ch a r a c t e r i s t i c s y mb o l 2kbp 005m 2kbp 01m 2kbp 02m 2kbp 04m 2kbp 06m 2kbp 08m 2kbp 10m unit peak repetitive reverse voltage w o rking peak reverse voltage dc blocking voltage v rrm v rw m v r 5 0 1 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 v rms reverse voltage v r(rms ) 3 5 7 0 1 4 0 2 8 0 4 2 0 5 6 0 7 0 0 v average rectifier f o rw ard current ( n o t e 1 ) @ t a =5 5 j i o( a v ) 2.0 a non-repetitive peak surge current 8.3 ms single half sine-w a ve superimposed on rated load ( jedec method) i fsm 6 0 a f o rw ard voltage (per element) ( i f =2.0 amp) v fm 1 . 1 v peak reverse current ( rated dc voltage, t c = 2 5 j ) ( rated dc voltage, t c = 100 j ) i r 5.0 500 ua rating for f u sing( t< 8.3 ms) i 2 t 15 a 2 s t y pical junction capacitanc e per element (note2) c j 2 5 pf t y pical t hermal resistance (note 3) r ja 3 0 k/w operating and storage t e mperature range t j , t stg -65 to + 165 j note: 1 lead maintained at ambient temperature at a distance of 9.5 mm from the case. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 3. thermal resistance junction to ambient, mounted on pc board w i th 12 mm 2 copper pad.
2kbp005m thru 2KBP10M fig-1 for w ard current dera t i ng cur ve f ig-2 t y pical for w ard charact erisit ics a v e r a g e for w a rd re ct ifie d curre nt (a m p .) ns t a nt a n e o us for w a rd curre nt (a m p .) case tempera t ure ( j ) for w ard vol t age (v olts) t j =2 5 o c t j =1 5 0 o c fig-3 peak for w ard surge current f ig-4 t y pical junct ion cap a cit a nce ii fsm , peak fw d surge current (a) j uncti o n cap a ci t a nce ( p f) number of cy cles a t 60 hz reverse vol t age (v olts) t j = 150 o c s i n g le ha lf si ne wav e ( j ed ec m e thod) t j =2 5 o c f= 1 m h z fig-5 t y pical reverse charact erist i cs i r , inst ant a neous reverse current (m a) percent of ra ted reverse vol t age ( m ) t j = 100 o c t j =2 5 o c t j =1 2 5 o c t j =1 5 0 o c


▲Up To Search▲   

 
Price & Availability of 2KBP10M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X