Part Number Hot Search : 
24AA0 362611 MMSZ468 AV9155 AN8570SH OCXOWSTC FN3110 AV9155
Product Description
Full Text Search
 

To Download 2200246 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2200246 08/29/2016???page? 1 ?/? 3 electronic housing?-?me max 22,5 g 2-2 ye?-?2200246 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) complete housing without vents, complete housing, cross connection: din rail bus connector, color:?yellow, width:?22.5 mm, constructional height:?114.5 mm, number of positions cross connector:?5 why buy this product ?item is from the me-max product range ?easy mounting ?available in overall widths from 6.2 mm to 90 mm, modular extension is possible ?inflammability class v0 according to ul 94 ?variety of connection technologies ?can be mounted on the din rail ?optional with bus connector for din rail mounting as well as power connection system key commercial data packing unit 1 stk minimum order quantity 250 stk weight per piece (excluding packing) 50.000 g custom tariff number 85472000 country of origin germany technical data general housing type complete housing housing material polyamide color yellow ambient conditions ambient temperature (operation) -40 c (depending on power dissipation) dimensions length 99 mm constructional height 114.5 mm
https://www.phoenixcontact.com/us/products/2200246 08/29/2016???page? 2 ?/? 3 electronic housing?-?me max 22,5 g 2-2 ye?-?2200246 technical data dimensions width 22.5 mm technical data flammability rating according to ul 94 v0 power dissipation without gap 5.7 w power dissipation with 20 mm gap 10.1 w number of positions 16 standards and regulations flammability rating according to ul 94 v0 classifications ecl@ss ecl@ss 4.0 27180401 ecl@ss 4.1 27180401 ecl@ss 5.0 27180505 ecl@ss 5.1 27180505 ecl@ss 6.0 27180802 ecl@ss 7.0 27182702 ecl@ss 8.0 27182702 ecl@ss 9.0 27182702 etim etim 3.0 ec001031 etim 4.0 ec001031 etim 5.0 ec001031 unspsc unspsc 6.01 31261501 unspsc 7.0901 31261501 unspsc 11 31261501 unspsc 12.01 31261501 unspsc 13.2 31261501 accessories accessories ground contact
https://www.phoenixcontact.com/us/products/2200246 08/29/2016???page? 3 ?/? 3 electronic housing?-?me max 22,5 g 2-2 ye?-?2200246 accessories electronic housing?-?me fe-contact?-?2908294 functional earth ground contact, for intermediate elements. ? ? phoenix contact 2016 ? - all rights reserved http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 2200246

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X