Part Number Hot Search : 
14600 ADCMP6 SB140 AD8212 BSP20TC 2N2222AL SB140 10LFT
Product Description
Full Text Search
 

To Download 22-10-2111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/25/2014 please check www.molex.com for latest part information part number: 22-10-2111 status: active overview: kk? interconnect system - molex description: kk? 254 wire-to-board header, single row, vertical, 11 circuits, pa polyamide nylon, gold (au) plating documents: 3d model product specification ps-10-07 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 4030 application board-to-board, signal, wire-to-board overview kk? interconnect system - molex product name kk? 254 upc 800753736948 physical breakaway no circuits (loaded) 11 circuits (maximum) 11 color - resin natural (white) durability (mating cycles max) 100 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal brass material - plating mating gold material - plating termination tin material - resin nylon net weight 0.733/g number of rows 1 orientation vertical pc tail length 3.43mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 2.54mm pitch - termination interface 2.54mm plating min - mating 0.508m polarized to mating part no polarized to pcb no shrouded no stackable yes surface mount compatible (smc) no temperature range - operating see product specification termination interface: style through hole electrical current - maximum per contact 4a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 4030 series mates with 2695 , 6471 , 7880 , 4455 , 7720
voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number a-4030-11a241 reference - drawing numbers product specification ps-10-07 sales drawing sd-4030-0001 this document was generated on 04/25/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 22-10-2111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X