Part Number Hot Search : 
00111 TS4999 BR9069 BR9069 167BZI PST9334U PST9334U 80500
Product Description
Full Text Search
 

To Download 1W10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 696 - 1w005g thru 1W10G single phase 1.0 amp. glass passivated bridge rectifiers voltage range 50 to 1000 volts current 1.0 ampere f eatures  ul recognized file # e-96005  glass passivated junction  surge overload ratings to 30 amperes peak  ideal for printed circuit board  reliable low cost construction technique results in inexpensive product  high temperature so ldering guaranteed: 260 / 10 seconds / 0.375? ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension m echanical data  case: molded plastic  lead: solder plated  polarity: as marked  weight: 1.07 grams rb-15 dimensions in inches and (millimeters) m aximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz , resistive or inductive load. for capacitive load, derate current by 20% type number symbol 1w 005g 1w 01g 1w 02g 1w 04g 1w 06g 1w 08g 1w 10g unit s maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t a = 50 i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 30 a maximum instantaneous forward voltage @ 1.0a v f 1.0 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r 10 500 ua ua typical thermal resistance (note) r ja r jl 36 13 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 note: thermal resistance from junction to ambi ent and from junction to lead mounted on p.c.b. with 0.2? x 0.2? (5mm x 5mm) copper pads.
- 697 - ratings and characteristic curves (1w005g thru 1W10G) fig.1- maximum non-repetitive forward surge current per bridge element peak for ward surge current . (a) 1 2 10 20 100 40 60 0 10 40 30 20 50 number of cycles at 60hz fig.2- maximum forward current derating curve average for ward current . (a) 20 40 60 80 100 120 140 150 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 ambient temperature. ( c) o fig.4- typical reverse characteristics per bridge element 0 20 40 60 80 100 120 140 0.1 1 10 100 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=25 c 0 fig.3- typical forward characteristics per bridge element instantaneous for ward current . (a) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.1 0.01 1 10 20 forward voltage. (v) tj=25 c pulse width-300 s 1% duty cycle 0 instantaneous reverse current .( a)


▲Up To Search▲   

 
Price & Availability of 1W10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X