Part Number Hot Search : 
RFY220 BCX51 ST25E16 TB0592A SA100 1FWJ43L TA7657P DE4SRD
Product Description
Full Text Search
 

To Download 144918 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6,3 3,2 3 18 5 x 18 = 90 58 4 x 58 = 232 ohne / without anforderungsstufe: 2 class: 2 anschlussbereich verzinnt terminal area tin plating beschriftung nach bedr uckungsvorschrift 174538 part marking according to specification 174538 pcb leiterplatte 0,6 6,3 -0,25 tray packaging packaging unit 30 pcs verpackt in tray verpackungseinheit 30 st. pin 1 max. 325 max. 138 m3 without 194388 thread depth max. 5,5 mm max. einschraubtiefe 5,5 mm 194389 ohne thread depth max. 3,7 mm sonstige angaben siehe zeichnung 204628 / additional indications according to drawing 204628 #4-40 max. einschraubtiefe 3,7 mm part-no. ident.-nr. mutter thread remark bemerkung bolt bolzen 194385 x 194386 #4-40 194387 m3 index date b 25.02.2010 i class a3 prior notice. contact one of the erni companies tmcs tmc-s 25-ee-3,0-6,3-type 8 tmc-s 25-ee-3,0-6,3-ba8 144918 2:1 information: tolerances before using. drawing will not be updated. all dimensions www.erni.com scale subject to modification without designation in mm all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be observed. mutter / nut / thread m3 / #4-40 gewinde bolzen / bolt / thread m3 / #4-40 gewinde 3,7 6,4 m 1:1 0,05 0,05 a 0,05 a recommended layout: hole design according to erni-specification 164062 (25x) layoutvorschlag: lochaufbau siehe erni-spezifikation 164062 / pin 1 b b 1,38 47 0,05 2,76 2,84 33,12 +0,09 -0,06 1 2,76 +0,04 -0,06 3,1 12 x 2,76 = 11 x 2,76 = 30,36 0,1 47 -0,4 +0,2 8 -0,2 12,6 0,3 53 38,5 -0,2 missing information and dimens ions according to din 41652 additional indications according to the production documentation fehlende masse und angaben siehe din 41652 / sonstige angaben siehe fertigungsunterlagen /


▲Up To Search▲   

 
Price & Availability of 144918

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X